Moteur de recherche de fiches techniques de composants électroniques |
|
TMPM333FDFG Fiches technique(PDF) 8 Page - Toshiba Semiconductor |
|
TMPM333FDFG Fiches technique(HTML) 8 Page - Toshiba Semiconductor |
8 / 24 page AC 100 V Protection Circuit Motor Driver/ Motor controller IPD LED Water Supply Valve Softener Supply Valve Bath Water Pump Drain Valve Motor Photocoupler Phototriac coupler Phototriac coupler Phototriac coupler Phototriac coupler Phototriac coupler Diode Position Sensing Air Blower Fan (DC Motor) DC Motor Circulating Pump Dryer Heater 2 Dryer Heater 1 Operating modes (standard, spin-dry, hand-wash, pre-wash soak, memory) LCD/LED display (clock/timer) Water flow setting Start/stop Inverter control Automatic washing cycle control Washing Rinsing Spin-drying Timer control Water level setting Water flow setting Automatic power-off Dryer Control Surge Absorber EEPROM (Data Control) Photocoupler Inverter Control Circuit Drain Valve Motor, Water Supply Valve, Softener Supply Valve, Bath Water Pump IGBT/MOSFET Driver Indicator Operation Panel Control Motor Control Dryer fan Power Switch Motor Driver/ Motor controller IPD Circulating Pump TMPM370/TMPM372 TMPM373/TMPM374 TMPM376/TMPM377 TMP89FW20A TMP89FW24A Power Switch Washing machines Air conditioners Refrigerators Heat pumps Pumps, compressors, air blowers Other rotating devices **: Under development The M370 Group of microcontrollers contain a Vector Engine (VE) that implements the common computation functionality for motor vector control. Additionally, the VE is closely coupled with a three-phase PWM timer and a 12-bit AD converter for motor current sensing. The M370 Group are designed to improve motor control efficiency while reducing software workload. The M370 Group operate with a single 5-V supply and provide analog comparators and amplifiers to help cut system costs. High-performance ARM CortexTM-M3 core: 80-MHz operation (max) Toshiba-original NANO FLASHTM memory: Fast programming Toshiba-original Vector Engine (VE) that implements part of motor vector control as hardware Various analog circuits* (comparators, op amps) * TMPM370 only 12-bit AD converter Oscillation frequency detection (OFD); compliant with the IEC 60730 standard Single 5-V power supply Small package (7 x 7 mm LQFP48) Note: TMPM373FWDUG only Product Lineup System Block Diagram (Washing Machine) TMPM370FYFG TMPM370FYDFG TMPM372FWUG ** TMPM373FWDUG ** TMPM374FWUG TMPM376FDFG ** TMPM376FDDFG ** TMPM377FYFG ** TMPM377FYDFG ** Part Number 256 KB 256 KB 10 KB LQFP100 (14 x 14 mm) 10 KB QFP100 (14 x 20 mm) 128 KB 128 KB 128 KB 512 KB 512 KB 256 KB 256 KB 6 KB 6 KB 6 KB 32 KB 32 KB 16 KB 16 KB LQFP64 (10 x 10 mm) LQFP48 (7 x 7 mm) LQFP44 (10 x 10 mm) LQFP100 (14 x 14 mm) QFP100 (14 x 20 mm) LQFP80 (12 x 12 mm) LQFP80 (14 x 14 mm) ROM (Flash) Size RAM Size Package Low-pin-count MCUs for single motor control Ideal for compressor control for refrigerators, etc. Features Capable of controlling two motors for a wide range of inverter applications. Contributing to the system cost reduction by incorporating various analog circuits Capable of controlling two motors for a wide range of inverter applications. Features Application – 8 – M370 Group |
Numéro de pièce similaire - TMPM333FDFG |
|
Description similaire - TMPM333FDFG |