Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TMPM330FYWFG Fiches technique(PDF) 7 Page - Toshiba Semiconductor

No de pièce TMPM330FYWFG
Description  32-Bit Microcontrollers
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOSHIBA [Toshiba Semiconductor]
Site Internet  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPM330FYWFG Fiches technique(HTML) 7 Page - Toshiba Semiconductor

Back Button TMPM330FYWFG Datasheet HTML 3Page - Toshiba Semiconductor TMPM330FYWFG Datasheet HTML 4Page - Toshiba Semiconductor TMPM330FYWFG Datasheet HTML 5Page - Toshiba Semiconductor TMPM330FYWFG Datasheet HTML 6Page - Toshiba Semiconductor TMPM330FYWFG Datasheet HTML 7Page - Toshiba Semiconductor TMPM330FYWFG Datasheet HTML 8Page - Toshiba Semiconductor TMPM330FYWFG Datasheet HTML 9Page - Toshiba Semiconductor TMPM330FYWFG Datasheet HTML 10Page - Toshiba Semiconductor TMPM330FYWFG Datasheet HTML 11Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
A sample application using Barcode Read Control
CCD trigger
output
ADC
#2
8 ch
0.5 s 1.0 s
CCD data
output
PMD
2 ch
12-bit ADC
12-bit ADC
SIO/UART
I2C/SIO
RAM
NANO
FLASHTM
ARM
CortexTM-M3
USB 2.0
Device
USB 2.0
Host
EtherMAC
CAN 2.0
SSP
(SPImode)
M
M
Data 2
Data 4
Data 6
Data 1
Data 3
ADC
#1
Data 5
Trigger
Timer
SW
The TMPM369 contains 2 units of ADC. Their combined use provides high-speed AD conversion. While a single ADC offers a
minimum conversion time of 1.0 s at 80 MHz, applying an analog signal to 2 units of ADC and using them in a time-interleaved
manner significantly reduces the conversion time required*.
*0.5 s minimum (design target)
High-speed AD conversion – Using 2 units of AD converter
The TMPM369 has various external communication interfaces such as USB device, USB host, CAN, EtherMAC, SIO/UART,
I2C/SIO and SSP (SPI mode). Additionally, the TMPM369 contains 2 units of AD converter and a programmable motor driver
(PMD). All of them are designed to operate independently, significantly reducing the software workload. The TMPM369 provides
Flash ROM of up to 512 KB and SRAM of up to 128 KB to facilitate the use of the various communication interfaces.
Controls various interfaces independently – Contributing to reduction of the CPU workload
Features of the TMPM369FDFG/XBG (Under Development) and TMPM369FYFG/XBG (Under Development)
7


Numéro de pièce similaire - TMPM330FYWFG

FabricantNo de pièceFiches techniqueDescription
logo
TRACO Electronic AG
TMPM-04 TRACOPOWER-TMPM-04 Datasheet
1Mb / 9P
   TMP & TMPM Series, 4 to 60 Watt
Rev. March 21, 2023
TMPM-04103 TRACOPOWER-TMPM-04103 Datasheet
1Mb / 9P
   TMP & TMPM Series, 4 to 60 Watt
Rev. March 21, 2023
TMPM-04105 TRACOPOWER-TMPM-04105 Datasheet
1Mb / 9P
   TMP & TMPM Series, 4 to 60 Watt
Rev. March 21, 2023
TMPM-04109 TRACOPOWER-TMPM-04109 Datasheet
1Mb / 9P
   TMP & TMPM Series, 4 to 60 Watt
Rev. March 21, 2023
TMPM-04112 TRACOPOWER-TMPM-04112 Datasheet
1Mb / 9P
   TMP & TMPM Series, 4 to 60 Watt
Rev. March 21, 2023
More results

Description similaire - TMPM330FYWFG

FabricantNo de pièceFiches techniqueDescription
logo
ATMEL Corporation
AVR32918 ATMEL-AVR32918 Datasheet
373Kb / 13P
   32-bit Microcontrollers
logo
Fujitsu Component Limit...
MB91F627 FUJITSU-MB91F627 Datasheet
565Kb / 96P
   32-bit Microcontrollers
logo
ATMEL Corporation
AVR32000 ATMEL-AVR32000 Datasheet
43Kb / 6P
   32-bit Microcontrollers
logo
Fujitsu Component Limit...
MB91F610A FUJITSU-MB91F610A Datasheet
517Kb / 104P
   32-bit Microcontrollers
logo
List of Unclassifed Man...
NUC230LC2AE ETC2-NUC230LC2AE Datasheet
2Mb / 97P
   32-bit microcontrollers
logo
Fujitsu Component Limit...
MB91470 FUJITSU-MB91470 Datasheet
987Kb / 90P
   32-bit Microcontrollers
MB91150 FUJITSU-MB91150 Datasheet
926Kb / 105P
   32-bit Proprietary Microcontrollers
MB91265A FUJITSU-MB91265A Datasheet
394Kb / 55P
   32-bit Proprietary Microcontrollers
logo
ATMEL Corporation
AT91SC512384-8M ATMEL-AT91SC512384-8M Datasheet
145Kb / 3P
   32-bit Secure Microcontrollers
AT91SC464384RCU ATMEL-AT91SC464384RCU Datasheet
72Kb / 5P
   32-bit Secure Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com