Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BUF634PG4 Fiches technique(PDF) 9 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
No de pièce BUF634PG4
Description  250mA HIGH-SPEED BUFFER
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  BURR-BROWN [Burr-Brown (TI)]
Site Internet  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

BUF634PG4 Fiches technique(HTML) 9 Page - Burr-Brown (TI)

Back Button BUF634PG4 Datasheet HTML 5Page - Burr-Brown (TI) BUF634PG4 Datasheet HTML 6Page - Burr-Brown (TI) BUF634PG4 Datasheet HTML 7Page - Burr-Brown (TI) BUF634PG4 Datasheet HTML 8Page - Burr-Brown (TI) BUF634PG4 Datasheet HTML 9Page - Burr-Brown (TI) BUF634PG4 Datasheet HTML 10Page - Burr-Brown (TI) BUF634PG4 Datasheet HTML 11Page - Burr-Brown (TI) BUF634PG4 Datasheet HTML 12Page - Burr-Brown (TI) BUF634PG4 Datasheet HTML 13Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
®
BUF634
9
HIGH FREQUENCY APPLICATIONS
The BUF634’s excellent bandwidth and fast slew rate make it
useful in a variety of high frequency open-loop applications.
When operated open-loop, circuit board layout and bypassing
technique can affect dynamic performance.
For best results, use a ground plane type circuit board layout
and bypass the power supplies with 0.1
µF ceramic chip
capacitors at the device pins in parallel with solid tantalum
10
µF capacitors. Source resistance will affect high-frequency
peaking and step response overshoot and ringing. Best
response is usually achieved with a series input resistor of
25
Ω to 200Ω, depending on the signal source. Response
with some loads (especially capacitive) can be improved
with a resistor of 10
Ω to 150Ω in series with the output.
OP AMP
RECOMMENDATIONS
OPA177, OPA1013
Use Low IQ mode. G = 1 stable.
OPA111, OPA2111
OPA121, OPA234(1),
OPA130(1)
OPA27, OPA2107
Low IQ mode is stable. Increasing CL may cause
OPA602, OPA131(1)
excessive ringing or instability. Use Wide BW mode.
OPA627, OPA132(1)
Use Wide BW mode, C1 = 200pF. G = 1 stable.
OPA637, OPA37
Use Wide BW mode. These op amps are not G = 1
stable. Use in G > 4.
NOTE: (1) Single, dual, and quad versions.
OPA
NOTE: (1) C
1 not required
for most common op amps.
Use with unity-gain stable
high speed op amps.
V
IN
V
O
V+
V–
BUF634
C
1
(1)
Wide BW mode
(if required)
BW
FIGURE 5. High Performance Headphone Driver.
FIGURE 8. Bridge-Connected Motor Driver.
1/2
OPA2234
9k
BUF634
1k
V
IN
±1V
Motor
1/2
OPA2234
BUF634
10k
10k
±20V
at 250mA
FIGURE 7. Current-Output Valve Driver.
OPA177
BUF634
Valve
V
IN
±2V
10
I
O = ±200mA
FIGURE 4. Boosting Op Amp Output Current.
C(1)
C(1)
pseudo
ground
+
12V
BUF634
10k
10µF
+24V
10k
+
12V
NOTE: (1) System bypass capacitors.
+
FIGURE 6. Pseudo-Ground Driver.
OPA132
Drives headphones
or small speakers.
5k
BUF634
100k
1µF
R
L = 100Ω
f
1kHz
20kHz
THD+N
0.015%
0.02%
250
G = +21
V
IN
V–
BW
V+


Numéro de pièce similaire - BUF634PG4

FabricantNo de pièceFiches techniqueDescription
logo
Burr-Brown (TI)
BUF634PG4 BURR-BROWN-BUF634PG4 Datasheet
248Kb / 12P
   250mA HIGH-SPEED BUFFER
More results

Description similaire - BUF634PG4

FabricantNo de pièceFiches techniqueDescription
logo
Burr-Brown (TI)
BUF634 BURR-BROWN-BUF634 Datasheet
200Kb / 11P
   250mA HIGH-SPEED BUFFER
BUF634 BURR-BROWN-BUF634_07 Datasheet
248Kb / 12P
   250mA HIGH-SPEED BUFFER
logo
National Semiconductor ...
LM6121 NSC-LM6121 Datasheet
285Kb / 10P
   High Speed Buffer
logo
Calogic, LLC
CLM6121 CALOGIC-CLM6121 Datasheet
62Kb / 5P
   High Speed Buffer
logo
Texas Instruments
LM6121 TI1-LM6121 Datasheet
322Kb / 13P
[Old version datasheet]   High Speed Buffer
LM6125 TI1-LM6125 Datasheet
306Kb / 11P
[Old version datasheet]   High Speed Buffer
logo
Calogic, LLC
CLM4121 CALOGIC-CLM4121 Datasheet
58Kb / 6P
   High Speed Buffer
CLM6121 CALOGIC-CLM6121_15 Datasheet
82Kb / 6P
   High Speed Buffer
logo
National Semiconductor ...
LM6125 NSC-LM6125 Datasheet
261Kb / 9P
   High Speed Buffer
LM6121 NSC-LM6121_04 Datasheet
328Kb / 11P
   High Speed Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com