Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SN74AHCT1G126-Q1 Fiches technique(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
No de pièce SN74AHCT1G126-Q1
Description  SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

SN74AHCT1G126-Q1 Fiches technique(HTML) 4 Page - Texas Instruments

  SN74AHCT1G126-Q1 Datasheet HTML 1Page - Texas Instruments SN74AHCT1G126-Q1 Datasheet HTML 2Page - Texas Instruments SN74AHCT1G126-Q1 Datasheet HTML 3Page - Texas Instruments SN74AHCT1G126-Q1 Datasheet HTML 4Page - Texas Instruments SN74AHCT1G126-Q1 Datasheet HTML 5Page - Texas Instruments SN74AHCT1G126-Q1 Datasheet HTML 6Page - Texas Instruments SN74AHCT1G126-Q1 Datasheet HTML 7Page - Texas Instruments SN74AHCT1G126-Q1 Datasheet HTML 8Page - Texas Instruments SN74AHCT1G126-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
SN74AHCT1G126-Q1
SINGLE BUS BUFFER GATE
WITH 3-STATE OUTPUT
SCLS505B − JUNE 2003 − REVISED FEBRUARY 2008
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
switching characteristics over recommended operating free-air temperature range,
VCC = 5 V ± 0.5 V (unless otherwise noted) (see Figure 1)
PARAMETER
FROM
TO
LOAD
TA = 25°C
MIN
MAX
UNIT
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
LOAD
CAPACITANCE
MIN
TYP
MAX
MIN
MAX
UNIT
tPLH
A
Y
C
15 pF
3.8
5.5
8.5
ns
tPHL
A
Y
CL = 15 pF
3.8
5.5
8.5
ns
tPZH
OE
Y
C
15 pF
3.6
5.1
7.5
ns
tPZL
OE
Y
CL = 15 pF
3.6
5.1
7.5
ns
tPHZ
OE
Y
C =15pF
4.8
6.8
10
ns
tPLZ
OE
Y
CL = 15 pF
4.8
6.8
10
ns
tPLH
A
Y
C
50 pF
5.3
7.5
10.5
ns
tPHL
A
Y
CL = 50 pF
5.3
7.5
10.5
ns
tPZH
OE
Y
C
50 pF
5.1
7.1
9.5
ns
tPZL
OE
Y
CL = 50 pF
5.1
7.1
9.5
ns
tPHZ
OE
Y
C =50pF
7
8.8
12
ns
tPLZ
OE
Y
CL = 50 pF
7
8.8
12
ns
operating characteristics, VCC = 5 V, TA = 25°C
PARAMETER
TEST CONDITIONS
TYP
UNIT
Cpd
Power dissipation capacitance
No load,
f = 1 MHz
14
pF


Numéro de pièce similaire - SN74AHCT1G126-Q1

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN74AHCT1G126-Q1 TI-SN74AHCT1G126-Q1 Datasheet
1Mb / 23P
[Old version datasheet]   SN74AHCT1G126-Q1 Automotive Single Bus Buffer Gate with 3-State Output
REVISED OCTOBER 2023
SN74AHCT1G126-Q1 TI-SN74AHCT1G126-Q1_V01 Datasheet
1Mb / 23P
[Old version datasheet]   SN74AHCT1G126-Q1 Automotive Single Bus Buffer Gate with 3-State Output
REVISED OCTOBER 2023
More results

Description similaire - SN74AHCT1G126-Q1

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN74AHC1G125 TI-SN74AHC1G125 Datasheet
84Kb / 6P
[Old version datasheet]   SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
SN74LVC1G125 TI-SN74LVC1G125_10 Datasheet
738Kb / 19P
[Old version datasheet]   SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
SN74AHC1G125 TI-SN74AHC1G125 Datasheet
158Kb / 1P
[Old version datasheet]   SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
SN74LVC1G125_101 TI-SN74LVC1G125_101 Datasheet
738Kb / 19P
[Old version datasheet]   SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
logo
Unisonic Technologies
U74AHC1G125 UTC-U74AHC1G125 Datasheet
217Kb / 6P
   SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
logo
Texas Instruments
SN74LVC1G126-Q1 TI-SN74LVC1G126-Q1_08 Datasheet
762Kb / 12P
[Old version datasheet]   SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
SN74LVC1G126 TI1-SN74LVC1G126_16 Datasheet
1Mb / 30P
[Old version datasheet]   Single Bus Buffer Gate With 3-State Output
SN74AUC1G125 TI-SN74AUC1G125 Datasheet
318Kb / 13P
[Old version datasheet]   SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
SN74AHCT1G125-Q1 TI1-SN74AHCT1G125-Q1 Datasheet
234Kb / 10P
[Old version datasheet]   SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
SN74AUC1G126 TI1-SN74AUC1G126_07 Datasheet
559Kb / 14P
[Old version datasheet]   SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
1P1G126QDBVRQ1 TI1-1P1G126QDBVRQ1 Datasheet
718Kb / 12P
[Old version datasheet]   SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com