Moteur de recherche de fiches techniques de composants électroniques |
|
MC100EL33DTG Fiches technique(PDF) 2 Page - ON Semiconductor |
|
MC100EL33DTG Fiches technique(HTML) 2 Page - ON Semiconductor |
2 / 10 page MC10EL33, MC100EL33 http://onsemi.com 2 Table 1. PIN DESCRIPTION Pin Function CLK, CLK Reset Q, Q VBB VCC VEE EP ECL Clock Inputs* ECL Asynch Reset* ECL Data Outputs Reference Voltage Output Positive Supply Negative Supply (DFN8 only) Thermal exposed pad must be connected to a sufficient thermal conduit. Electrically connect to the most negative supply (GND) or leave unconnected, floating open. *Pins will default low when left open. Table 2. MAXIMUM RATINGS Symbol Parameter Condition 1 Condition 2 Rating Unit VCC PECL Mode Power Supply VEE = 0 V 8 V VEE NECL Mode Power Supply VCC = 0 V −8 V VI PECL Mode Input Voltage NECL Mode Input Voltage VEE = 0 V VCC = 0 V VI VCC VI VEE 6 −6 V V Iout Output Current Continuous Surge 50 100 mA mA IBB VBB Sink/Source ± 0.5 mA TA Operating Temperature Range −40 to +85 °C Tstg Storage Temperature Range −65 to +150 °C qJA Thermal Resistance (Junction−to−Ambient) 0 lfpm 500 lfpm SOIC−8 SOIC−8 190 130 °C/W °C/W qJC Thermal Resistance (Junction−to−Case) Standard Board SOIC−8 41 to 44 °C/W qJA Thermal Resistance (Junction−to−Ambient) 0 lfpm 500 lfpm TSSOP−8 TSSOP−8 185 140 °C/W °C/W qJC Thermal Resistance (Junction−to−Case) Standard Board TSSOP−8 41 to 44 ± 5% °C/W qJA Thermal Resistance (Junction−to−Ambient) 0 lfpm 500 lfpm DFN8 DFN8 129 84 °C/W °C/W Tsol Wave Solder Pb Pb−Free <2 to 3 sec @ 248°C <2 to 3 sec @ 260°C 265 265 °C qJC Thermal Resistance (Junction−to−Case) (Note 1) DFN8 35 to 40 °C/W Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect device reliability. 1. JEDEC standard multilayer board − 2S2P (2 signal, 2 power) |
Numéro de pièce similaire - MC100EL33DTG |
|
Description similaire - MC100EL33DTG |