Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM317MSTT3 Fiches technique(PDF) 7 Page - ON Semiconductor

No de pièce LM317MSTT3
Description  500 mA Adjustable Output, Positive Voltage Regulator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LM317MSTT3 Fiches technique(HTML) 7 Page - ON Semiconductor

Back Button LM317MSTT3 Datasheet HTML 3Page - ON Semiconductor LM317MSTT3 Datasheet HTML 4Page - ON Semiconductor LM317MSTT3 Datasheet HTML 5Page - ON Semiconductor LM317MSTT3 Datasheet HTML 6Page - ON Semiconductor LM317MSTT3 Datasheet HTML 7Page - ON Semiconductor LM317MSTT3 Datasheet HTML 8Page - ON Semiconductor LM317MSTT3 Datasheet HTML 9Page - ON Semiconductor LM317MSTT3 Datasheet HTML 10Page - ON Semiconductor LM317MSTT3 Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
LM317M, NCV317MAB, NCV317MB
http://onsemi.com
7
CL = 0.3 mF; CAdj = 10 mF
Figure 13. Temperature Stability
Figure 14. Adjustment Pin Current
Figure 15. Line Regulation
Figure 16. Output Noise
Figure 17. Line Transient Response
0
102030
40
t, TIME (
ms)
CL = 1.0 mF
CL = 0
Vin
Vout = 10 V
IL = 50 mA
TJ = 25°C
0
102030
40
t, TIME (
ms)
CL = 1.0
mF; CAdj = 10 mF
Vin = 15 V
Vout = 10 V
INL = 50 mA
TJ = 25°C
IL
-50
-25
0
25
50
75
100
125
150
TJ, JUNCTION TEMPERATURE (°C)
Vin = 4.2 V
Vout = Vref
IL = 5.0 mA
-50
-25
0
25
50
75
100
125
150
TJ, JUNCTION TEMPERATURE (°C)
Vin = 6.25 V
Vout = Vref
IL = 10 mA
IL = 100 mA
-50
-25
0
25
50
75
100
125
150
TJ, JUNCTION TEMPERATURE (°C)
Vin = 4.25 V to 41.25 V
Vout = Vref
IL = 5.0 mA
-50
-25
0
25
50
75
100
125
150
TJ, JUNCTION TEMPERATURE (°C)
Bandwidth 100 Hz to 10 kHz
Figure 18. Load Transient Response
1.5
1.0
0.5
0
-0.5
-1.0
-1.5
1.0
0.5
0
3.0
2.0
1.0
0
-1.0
-2.0
-3.0
1.5
1.0
0.5
0
1.260
1.250
1.240
1.230
1.220
80
70
65
60
55
50
45
40
35
0.4
0.2
0
-0.2
-0.4
-0.6
-0.8
-1.0
10
8.0
6.0
4.0


Numéro de pièce similaire - LM317MSTT3

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
LM317MSTT3 ONSEMI-LM317MSTT3 Datasheet
232Kb / 16P
   Three-Terminal Adjustable Output Positive Voltage Regulator
August, 2004 ??Rev. 12
LM317MSTT3 ONSEMI-LM317MSTT3 Datasheet
159Kb / 13P
   500 mA Adjustable Output, Positive Voltage Regulator
August, 2006 ??Rev. 14
LM317MSTT3G ONSEMI-LM317MSTT3G Datasheet
159Kb / 13P
   500 mA Adjustable Output, Positive Voltage Regulator
August, 2006 ??Rev. 14
More results

Description similaire - LM317MSTT3

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
LM317M ONSEMI-LM317M_14 Datasheet
141Kb / 14P
   500 mA Adjustable Output Positive Voltage Regulator
August, 2014 ??Rev. 24
LM317M ONSEMI-LM317M_06 Datasheet
159Kb / 13P
   500 mA Adjustable Output, Positive Voltage Regulator
August, 2006 ??Rev. 14
logo
Estek Electronics Co. L...
IL317L ESTEK-IL317L Datasheet
213Kb / 2P
   100 mA Adjustable Output Positive Voltage Regulator
ET-IL317L ESTEK-ET-IL317L Datasheet
178Kb / 2P
   100 mA Adjustable output Positive Voltage Regulator
logo
ON Semiconductor
LM317L ONSEMI-LM317L_11 Datasheet
144Kb / 12P
   100 mA Adjustable Output, Positive Voltage Regulator
March, 2008 - Rev. 11
LM317L ONSEMI-LM317L_V01 Datasheet
337Kb / 15P
   Voltage Regulator - Adjustable Output, Positive 100 mA
April, 2021 - Rev. 14
LM317L ONSEMI-LM317L_05 Datasheet
131Kb / 12P
   100 mA Adjustable Output, Positive Voltage Regulator
October, 2005 ??Rev. 8
logo
Toshiba Semiconductor
TA58MS00F TOSHIBA-TA58MS00F Datasheet
218Kb / 8P
   500-mA Adjustable-Output Voltage Regulator with On/Off Switch
2009-09-30
logo
KODENSHI_AUK CORP.
SN317L KODENSHI-SN317L Datasheet
387Kb / 8P
   [100mA /Adjustable Output] Positive Voltage Regulator
logo
New Japan Radio
NJW4106 NJRC-NJW4106 Datasheet
715Kb / 15P
   HIGH VOLTAGE IO = 500 mA ADJUSTABLE LDO REGULATOR
Ver.1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com