Moteur de recherche de fiches techniques de composants électroniques |
|
BZW04-28B Fiches technique(PDF) 1 Page - Shenzhen Taychipst Electronic Co., Ltd |
|
BZW04-28B Fiches technique(HTML) 1 Page - Shenzhen Taychipst Electronic Co., Ltd |
1 / 4 page 1 of 4 5.8V-376V 40A E-mail: sales@taychipst.com Web Site: www.taychipst.com FEATURES MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS • Glass passivated chip junction • Available in uni-directional and bi-directional • 400 W peak pulse power capability with a 10/1000 µs waveform, repetitive rate (duty cycle): 0.01 % • Excellent clamping capability • Very fast response time • Low incremental surge resistance • Solder dip 260 °C, 40 s • Component in accordance to RoHS 2002/95/EC and WEEE 2002/96/EC Transient Voltage Suppressors MECHANICAL DATA Case: DO-204AL, molded epoxy over passivated chip Molding compound meets UL 94 V-0 flammability rating Base P/N-E3 - RoHS compliant, commercial grade Base P/NHE3 - RoHS compliant, high reliability/ automotive grade (AEC Q101 qualified) Terminals: Matte tin plated leads, solderable per J-STD-002 and JESD22-B102 E3 suffix meets JESD 201 class 1A whisker test, HE3 suffix meets JESD 201 class 2 whisker test Note: BZW04-213(B) ~ BZW04-376(B) for commercial grade only Polarity: For uni-directional types the color band denotes cathode end, no marking on bi-directional types Notes: (1) Non-repetitive current pulse, per Fig. 3 and derated above TA = 25 °C per Fig. 2 (2) Measured on 8.3 ms single half sine-wave or equivalent square wave, duty cycle = 4 pulses per minute maximum (3) VF = 3.5 V for BZW04P(-)188 and below; VF = 5.0 V for BZW04P(-)213 and above MAXIMUM RATINGS AND THERMAL CHARACTERISTICS (TA = 25 °C unless otherwise noted) PARAMETER SYMBOL LIMIT UNIT Peak pulse power dissipation with a 10/1000 µs waveform (1) (Fig. 1) PPPM 400 W Peak pulse current with a 10/1000 µs waveform (1) IPPM See next table A Power dissipation on infinite heatsink at TL = 75 °C (Fig. 5) PD 1.5 W Peak forward surge current, 8.3 ms single half sine-wave uni-directional only (2) IFSM 40 A Maximum instantaneous forward voltage at 25 A for uni-directional only (3) VF 3.5/5.0 V Operating junction and storage temperature range TJ, TSTG - 55 to + 175 °C BZW04P-5V8 THRU BZW04-376 |
Numéro de pièce similaire - BZW04-28B |
|
Description similaire - BZW04-28B |