Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SN74AHC04MDREP Fiches technique(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
No de pièce SN74AHC04MDREP
Description  HEX INVERTER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

SN74AHC04MDREP Fiches technique(HTML) 1 Page - Texas Instruments

  SN74AHC04MDREP Datasheet HTML 1Page - Texas Instruments SN74AHC04MDREP Datasheet HTML 2Page - Texas Instruments SN74AHC04MDREP Datasheet HTML 3Page - Texas Instruments SN74AHC04MDREP Datasheet HTML 4Page - Texas Instruments SN74AHC04MDREP Datasheet HTML 5Page - Texas Instruments SN74AHC04MDREP Datasheet HTML 6Page - Texas Instruments SN74AHC04MDREP Datasheet HTML 7Page - Texas Instruments SN74AHC04MDREP Datasheet HTML 8Page - Texas Instruments SN74AHC04MDREP Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
SN74AHC04EP
HEX INVERTER
SCLS483A − JUNE 2003 − REVISED SEPTEMBER 2003
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Controlled Baseline
− One Assembly/Test Site, One Fabrication
Site
D Extended Temperature Performance of
−55
°C to 125°C
D Enhanced Diminishing Manufacturing
Sources (DMS) Support
D Enhanced Product-Change Notification
D Qualification Pedigree
D EPIC (Enhanced-Performance Implanted
CMOS) Process
D Operating Range 2-V to 5.5-V VCC
D ESD Protection Exceeds 1500 V Per
MIL-STD-833, Method 3015; Exceeds 150 V
Using Machine Model (C = 200 pF, R = 0)
† Component qualification in accordance with JEDEC and industry
standards to ensure reliable operation over an extended
temperature range. This includes, but is not limited to, Highly
Accelerated Stress Test (HAST) or biased 85/85, temperature
cycle, autoclave or unbiased HAST, electromigration, bond
intermetallic life, and mold compound life. Such qualification
testing should not be viewed as justifying use of this component
beyond specified performance and environmental limits.
description/ordering information
The SN74AHC04 contains six independent inverters. This device performs the Boolean function Y = A.
ORDERING INFORMATION
TA
PACKAGE‡
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
−55
°C to 125°C
SOIC − D
Tape and reel
SN74AHC04MDREP
AHC04MEP
−55
°C to 125°C
TSSOP − PW
Tape and reel
SN74AHC04MPWREP
AHC04EP
‡ Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines
are available at www.ti.com/sc/package.
FUNCTION TABLE
(each inverter)
INPUT
A
OUTPUT
Y
H
L
L
H
Copyright
 2003, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
EPIC is a trademark of Texas Instruments.
1
2
3
4
5
6
7
14
13
12
11
10
9
8
1A
1Y
2A
2Y
3A
3Y
GND
VCC
6A
6Y
5A
5Y
4A
4Y
D OR PW PACKAGE
(TOP VIEW)


Numéro de pièce similaire - SN74AHC04MDREP

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN74AHC04 TI-SN74AHC04 Datasheet
1Mb / 30P
[Old version datasheet]   HEX INVERTERS
SN74AHC04 TI-SN74AHC04 Datasheet
1,020Kb / 13P
[Old version datasheet]   HEX INVERTERS
SN74AHC04 TI-SN74AHC04 Datasheet
2Mb / 35P
[Old version datasheet]   SNx4AHC04 HEX INVERTERS
REVISED JUNE 2023
SN74AHC04 TI-SN74AHC04 Datasheet
1Mb / 22P
[Old version datasheet]   SN74AHC04-Q1 Automotive Hex Inverter
REVISED JUNE 2023
SN74AHC04-EP TI-SN74AHC04-EP Datasheet
2Mb / 35P
[Old version datasheet]   SNx4AHC04 HEX INVERTERS
REVISED JUNE 2023
More results

Description similaire - SN74AHC04MDREP

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74LVC04A PHILIPS-74LVC04A Datasheet
87Kb / 10P
   Hex inverter
1997 Jun 30
logo
Texas Instruments
74AC11004 TI-74AC11004 Datasheet
75Kb / 5P
[Old version datasheet]   HEX INVERTER
REVISED APRIL 1996
logo
Fairchild Semiconductor
74AC04 FAIRCHILD-74AC04 Datasheet
104Kb / 8P
   Hex Inverter
74VHCT04A FAIRCHILD-74VHCT04A Datasheet
128Kb / 8P
   Hex Inverter
MM74HC04 FAIRCHILD-MM74HC04 Datasheet
77Kb / 6P
   Hex Inverter
MM74HCU04 FAIRCHILD-MM74HCU04 Datasheet
81Kb / 6P
   Hex Inverter
logo
NXP Semiconductors
74HC04 PHILIPS-74HC04 Datasheet
33Kb / 5P
   Hex inverter
2003 Jul 23
logo
STMicroelectronics
HCC4069UB STMICROELECTRONICS-HCC4069UB Datasheet
283Kb / 12P
   HEX INVERTER
logo
Motorola, Inc
74LS04 MOTOROLA-74LS04 Datasheet
34Kb / 2P
   HEX INVERTER
logo
NXP Semiconductors
74ALS04B PHILIPS-74ALS04B Datasheet
100Kb / 8P
   Hex inverter
1991 Feb 08
logo
STMicroelectronics
74AC04 STMICROELECTRONICS-74AC04_01 Datasheet
176Kb / 8P
   HEX INVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com