Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CXA2050S Fiches technique(PDF) 8 Page - Sony Corporation

No de pièce CXA2050S
Description  Y/C/RGB/D for PAL/NTSC Color TVs
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SONY [Sony Corporation]
Site Internet  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA2050S Fiches technique(HTML) 8 Page - Sony Corporation

Back Button CXA2050S Datasheet HTML 4Page - Sony Corporation CXA2050S Datasheet HTML 5Page - Sony Corporation CXA2050S Datasheet HTML 6Page - Sony Corporation CXA2050S Datasheet HTML 7Page - Sony Corporation CXA2050S Datasheet HTML 8Page - Sony Corporation CXA2050S Datasheet HTML 9Page - Sony Corporation CXA2050S Datasheet HTML 10Page - Sony Corporation CXA2050S Datasheet HTML 11Page - Sony Corporation CXA2050S Datasheet HTML 12Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 48 page
background image
– 8 –
CXA2050S
Connect a capacitor to form the LPF of
the ABL control signal.
34
ABLIN/VCOMP
ABL control signal input and VSAW high
voltage fluctuation compensation signal
input.
High voltage compensation has linear
control characteristics for the pin voltage
range of about 8V to 1V. The control
characteristics can be varied through
EHT-V control of the bus. ABL begins to
have effect below a threshold voltage of
about 1.2V.
ABL functions as average value type.
35
ABLFIL
36
VTIM
V timing pulse output.
Outputs the timing pulse from V sync
identification to the end of V blanking.
Pulses are positive polarity from 1 to 6V.
During zoom mode, the V blanking pulse
which has been expanded before and
after the V sync is superimposed and
output as the 1 to 3V pulse.
1.5V
147
34
1.2k
100k
35
10k
1k
1k
36
37
VD – OUT/VPROT
V sawtooth wave output and V protect
signal input.
When a large current (3mA) is drawn
from this pin, the RGB outputs are all
blanked and “1” is output to the status
register VNG.
400µA
700
24k
30k
37
38
VD + OUT/VPROT
Serves as both a V sawtooth wave output
with the reverse polarity of VD – OUT,
and a Vprotect signal input. The Vprotect
function can even be applied to this pin.
400µA
700
30k
24k
38
Pin
No.
Symbol
Equivalent circuit
Description


Numéro de pièce similaire - CXA2050S

FabricantNo de pièceFiches techniqueDescription
logo
Sony Corporation
CXA2054S SONY-CXA2054S Datasheet
514Kb / 38P
   US Audio Multiplexing Decoder
CXA2055P SONY-CXA2055P Datasheet
295Kb / 20P
   Preamplifier for High Resolution Computer Display
CXA2056Q SONY-CXA2056Q Datasheet
361Kb / 24P
   Digital CCD Camera Head Amplifier
More results

Description similaire - CXA2050S

FabricantNo de pièceFiches techniqueDescription
logo
Sony Corporation
CXA2000Q SONY-CXA2000Q Datasheet
694Kb / 48P
   Y/C/RGB/D for PAL/NTSC Color TVs
CXA2076Q SONY-CXA2076Q Datasheet
520Kb / 48P
   Y/C/RGB/D for PAL/NTSC Color TVs
CXA2060BS SONY-CXA2060BS Datasheet
502Kb / 54P
   Y/C/RGB/D for PAL/NTSC/SECAM Color TVs
CXA2061S SONY-CXA2061S Datasheet
435Kb / 44P
   Y/C/RGB/D for NTSC Color TVs
CXA1871S SONY-CXA1871S Datasheet
639Kb / 46P
   NTSC/PAL Y/C/Jungle
CXA1213AS SONY-CXA1213AS Datasheet
699Kb / 26P
   Y/C/JUNGLE IC FOR PAL/NTSC
logo
Samsung semiconductor
KA2198BD SAMSUNG-KA2198BD Datasheet
103Kb / 6P
   RGB ENCODER FOR PAL/NTSC
logo
Motorola, Inc
MC1377 MOTOROLA-MC1377 Datasheet
647Kb / 18P
   COLOR TELEVISION RGB to PAL/NTSC ENCODER
logo
NTE Electronics
NTE879 NTE-NTE879 Datasheet
25Kb / 3P
   Integrated Circuit RGB to PAL/NTSC Encoder for Color TV
logo
Sony Corporation
CXA2025AS SONY-CXA2025AS Datasheet
414Kb / 37P
   Y/C/RGB/Sync/Deflection for Color TV
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com