Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CS8182YDPS5G Fiches technique(PDF) 6 Page - ON Semiconductor

No de pièce CS8182YDPS5G
Description  Micropower 200 mA Low Dropout Tracking Regulator/Line Driver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS8182YDPS5G Fiches technique(HTML) 6 Page - ON Semiconductor

Back Button CS8182YDPS5G Datasheet HTML 2Page - ON Semiconductor CS8182YDPS5G Datasheet HTML 3Page - ON Semiconductor CS8182YDPS5G Datasheet HTML 4Page - ON Semiconductor CS8182YDPS5G Datasheet HTML 5Page - ON Semiconductor CS8182YDPS5G Datasheet HTML 6Page - ON Semiconductor CS8182YDPS5G Datasheet HTML 7Page - ON Semiconductor CS8182YDPS5G Datasheet HTML 8Page - ON Semiconductor CS8182YDPS5G Datasheet HTML 9Page - ON Semiconductor CS8182YDPS5G Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
CS8182
http://onsemi.com
6
APPLICATION NOTES
VOUT Short to Battery
The CS8182 will survive a short to battery when hooked
up the conventional way as shown in Figure 13. No damage
to the part will occur. The part also endures a short to battery
when powered by an isolated supply at a lower voltage as in
Figure 14. In this case the CS8182 supply input voltage is set
at 7 V when a short to battery (14 V typical) occurs on VOUT
which normally runs at 5 V. The current into the device
(ammeter in Figure 14) will draw additional current as
displayed in Figure 15.
VOUT
GND
GND
Adj
VIN
GND
GND
VREF/
ENABLE
VOUT
5.0 V
70 mA
C1*
1.0 mF
Automotive Battery
typically 14 V
Short to battery
Figure 13.
C2**
10 mF
VOUT
GND
GND
Adj
VIN
GND
GND
VREF/
ENABLE
VOUT
C1*
1.0 mF
Figure 14.
C2**
10 mF
C3***
10 nF
VOUT = VREF
5.0 V
Loads
B+
5.0 V
70 mA
Automotive Battery
typically 14 V
Short to battery
VOUT = VREF
5.0 V
Loads
B+
C3***
10 nF
A
7 V
** C2 is required for stability.
* C1 is required if the regulator is far from the power source filter.
*** C3 is recommended for EMC susceptibility.
+
+
+
+
Figure 15. VOUT Short to Battery
2.0
1.8
1.6
1.4
1.2
1.0
0.6
0.4
0.2
0
6
510
15
20
25
VOUT VOLTAGE (V)
0.8
7 8 9
1112 1314
1617 1819
2122 2324
26
Switched Application
The CS8182 has been designed for use in systems where
the reference voltage on the VREF/ENABLE pin is
continuously on. Typically, the current into the
VREF/ENABLE pin will be less than 1.0 mA when the
voltage on the VIN pin (usually the ignition line) has been
switched out (VIN can be at high impedance or at ground.)
Reference Figure 16.
VOUT
GND
GND
Adj
VIN
GND
GND
VREF/
ENABLE
VOUT
VREF
5.0 V
VBAT
C1
1.0 mF
Ignition
Switch
< 1.0 mA
Figure 16.
C2
10 mF


Numéro de pièce similaire - CS8182YDPS5G

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
CS8182YDPS5G ONSEMI-CS8182YDPS5G Datasheet
115Kb / 12P
   Micropower 200 mA Low Dropout Tracking Regulator/Line Driver
June, 2016 ??Rev. 28
More results

Description similaire - CS8182YDPS5G

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
CS8182 ONSEMI-CS8182 Datasheet
109Kb / 12P
   Micropower 200 mA Low Dropout Tracking Regulator/Line Driver
February, 2006 ??Rev. 23
NCV8182C ONSEMI-NCV8182C Datasheet
244Kb / 12P
   Tracking Regulator/Line Driver - Micropower, Low Dropout 200 mA
August, 2020 ??Rev. 1
CS8182 ONSEMI-CS8182_16 Datasheet
115Kb / 12P
   Micropower 200 mA Low Dropout Tracking Regulator/Line Driver
June, 2016 ??Rev. 28
CS8183 ONSEMI-CS8183 Datasheet
88Kb / 8P
   Dual Micropower 200 mA Low Dropout Tracking Regulator/Line Driver
March, 2004 ??Rev. 15
CS8183 ONSEMI-CS8183_09 Datasheet
140Kb / 8P
   Dual Micropower 200 mA Low Dropout Tracking Regulator/Line Driver
October, 2008 ??Rev. 18
NCV8184 ONSEMI-NCV8184_12 Datasheet
419Kb / 20P
   Micropower 70 mA Low Dropout Tracking Regulator/Line Driver
October, 2012 ??Rev. 27
NCV8184 ONSEMI-NCV8184_06 Datasheet
185Kb / 13P
   Micropower 70 mA Low Dropout Tracking Regulator/Line Driver
May, 2006 ??Rev. 18
NCV8184 ONSEMI-NCV8184 Datasheet
143Kb / 14P
   Micropower 70 mA Low Dropout Tracking Regulator/Line Driver
August, 2004 ??Rev. 15
logo
Texas Instruments
LP2987 TI1-LP2987 Datasheet
1Mb / 30P
[Old version datasheet]   Micropower, 200 mA Ultra Low-Dropout Voltage Regulator
logo
Analog Devices
ADP3303 AD-ADP3303_15 Datasheet
271Kb / 16P
   200 mA Low Dropout Linear Regulator
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com