Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CXA2027 Fiches technique(PDF) 3 Page - Sony Corporation

No de pièce CXA2027
Description  Analog signal processor IC
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SONY [Sony Corporation]
Site Internet  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA2027 Fiches technique(HTML) 3 Page - Sony Corporation

  CXA2027 Datasheet HTML 1Page - Sony Corporation CXA2027 Datasheet HTML 2Page - Sony Corporation CXA2027 Datasheet HTML 3Page - Sony Corporation CXA2027 Datasheet HTML 4Page - Sony Corporation CXA2027 Datasheet HTML 5Page - Sony Corporation CXA2027 Datasheet HTML 6Page - Sony Corporation CXA2027 Datasheet HTML 7Page - Sony Corporation CXA2027 Datasheet HTML 8Page - Sony Corporation CXA2027 Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
– 3 –
CXA2027Q
Pin Description
Pin
No.
48
1
2
3
4
41
43
44
45
46
5
6
7
8
9
10
Symbol
(I/O)
D5-0 (I)
D5-1 (I)
D5-2 (I)
D5-3 (I)
D5-4 (I)
D4-0 (I)
D4-1 (I)
D4-2 (I)
D4-3 (I)
D4-4 (I)
D6-0 (I)
D6-1 (I)
D6-2 (I)
D6-3 (I)
D6-4 (I)
D6-5 (I)
Typical pin voltage
Equivalent circuit
Description
5-bit data input pin 1 for
G channel pixel clamp
voltage adjustment (LSB)
5-bit data input pin 2 for
G channel pixel clamp
voltage adjustment
5-bit data input pin 3 for
G channel pixel clamp
voltage adjustment
5-bit data input pin 4 for
G channel pixel clamp
voltage adjustment
5-bit data input pin 5 for
G channel pixel clamp
voltage adjustment (MSB)
5-bit data input pin 1 for
B channel pixel clamp
voltage adjustment (LSB)
5-bit data input pin 2 for
B channel pixel clamp
voltage adjustment
5-bit data input pin 3 for
B channel pixel clamp
voltage adjustment
5-bit data input pin 4 for
B channel pixel clamp
voltage adjustment
5-bit data input pin 5 for
B channel pixel clamp
voltage adjustment (MSB)
6-bit data input pin 1 for
SIGOUT output line clamp
voltage adjustment (LSB)
6-bit data input pin 2 for
SIGOUT output line clamp
voltage adjustment
6-bit data input pin 3 for
SIGOUT output line clamp
voltage adjustment
6-bit data input pin 4 for
SIGOUT output line clamp
voltage adjustment
6-bit data input pin 5 for
SIGOUT output line clamp
voltage adjustment
6-bit data input pin 6 for
SIGOUT output line clamp
voltage adjustment (MSB)
Lo: 0 to 0.8V
Hi: 3.5 to 5V
Lo: 0 to 0.8V
Hi: 3.5 to 5V
DC
AC
48
VCCD
VCCD
1.5k
129
100µ
1.8V
VCCD
VCCD
1k
129
100µ
1.8V
5


Numéro de pièce similaire - CXA2027

FabricantNo de pièceFiches techniqueDescription
logo
Sony Corporation
CXA2020M SONY-CXA2020M Datasheet
247Kb / 18P
   EIAJ Sound Multiplexing Decoder
CXA2020S SONY-CXA2020S Datasheet
247Kb / 18P
   EIAJ Sound Multiplexing Decoder
CXA2021 SONY-CXA2021 Datasheet
274Kb / 16P
   I2C BUS Sound Processor for TV
CXA2021S SONY-CXA2021S Datasheet
274Kb / 16P
   I2C BUS Sound Processor for TV
CXA2022 SONY-CXA2022 Datasheet
257Kb / 16P
   I2C Bus Sound Processor for TV
More results

Description similaire - CXA2027

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LV1605M SANYO-LV1605M Datasheet
246Kb / 24P
   Monolithic Linear IC Analog Signal Processor for CD Players
logo
List of Unclassifed Man...
GP520A ETC-GP520A Datasheet
146Kb / 10P
   Programmable Analog Signal Processor
logo
Holtek Semiconductor In...
HT82V42 HOLTEK-HT82V42 Datasheet
423Kb / 24P
   CIS Analog Signal Processor
logo
STMicroelectronics
STV0502 STMICROELECTRONICS-STV0502 Datasheet
158Kb / 15P
   CCD SENSORS ANALOG PROCESSOR IC
logo
ON Semiconductor
LC786821E ONSEMI-LC786821E Datasheet
543Kb / 35P
   Compressed Audio Signal Processor IC
June 2016 - Rev. 1
LC786820E ONSEMI-LC786820E Datasheet
543Kb / 35P
   Compressed Audio Signal Processor IC
June 2016 - Rev. 1
logo
Panasonic Semiconductor
AN5337K PANASONIC-AN5337K Datasheet
211Kb / 21P
   NTSC Video Signal Processor IC
AN5304NK PANASONIC-AN5304NK Datasheet
484Kb / 6P
   NTSC VIDEO SIGNAL PROCESSOR IC
logo
ON Semiconductor
LC786820E ONSEMI-LC786820E_16 Datasheet
543Kb / 35P
   Compressed Audio Signal Processor IC
November 2016 - Rev. 2
LC786800E ONSEMI-LC786800E Datasheet
215Kb / 26P
   Compressed Audio signal Processor IC
Sep 2013 Ver. 1.0.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com