Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CXA2020S Fiches technique(PDF) 3 Page - Sony Corporation

No de pièce CXA2020S
Description  EIAJ Sound Multiplexing Decoder
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SONY [Sony Corporation]
Site Internet  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA2020S Fiches technique(HTML) 3 Page - Sony Corporation

  CXA2020S Datasheet HTML 1Page - Sony Corporation CXA2020S Datasheet HTML 2Page - Sony Corporation CXA2020S Datasheet HTML 3Page - Sony Corporation CXA2020S Datasheet HTML 4Page - Sony Corporation CXA2020S Datasheet HTML 5Page - Sony Corporation CXA2020S Datasheet HTML 6Page - Sony Corporation CXA2020S Datasheet HTML 7Page - Sony Corporation CXA2020S Datasheet HTML 8Page - Sony Corporation CXA2020S Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
– 3 –
CXA2020M/S
Pin Description (Ta = 25°C, VCC = 9V)
The pin numbers in parentheses are for the CXA2020S.
PIn No.
SDIP
SOP
Symbol
1
1
GND
0
GND.
2
7
2
5
8
10
14
15
24
27
NC
Keep these pins open.
(They are not
connected to the chip.)
3
3
REFL
1.2V
The noise elimination
filter connection of
internal reference
voltage.
6
7
MPXIN
4.1V
Sound multiplexing
signal input.
Typical input level
= 70mVrms
(monaural, 100%)
8
9
CUBI
4.1V
Bias capacitor
connection of Cue
pulse generator.
5
6
MO MODE
Forced monaural mode
selection.
When Low or open, the
forced monaural mode
operates for stereo
broadcasts only;
if High, the forced
monaural mode
operates for both
stereo and bilingual
broadcasts.
4
4
VCC
Power supply.
Pin
voltage
Equivalent circuit
Description
Vcc
147
GND
3
3.3k
20k
20k
24k
GND
(5)
10.5k
6
50k
70k
Vcc
147
80µ
GND
138k
(6)
25k
30k
4.2V
7
Vcc
147
(8)
1k
40k
40k
40k
Vcc
11k
2k
4.2V
9


Numéro de pièce similaire - CXA2020S

FabricantNo de pièceFiches techniqueDescription
logo
Sony Corporation
CXA2021 SONY-CXA2021 Datasheet
274Kb / 16P
   I2C BUS Sound Processor for TV
CXA2021S SONY-CXA2021S Datasheet
274Kb / 16P
   I2C BUS Sound Processor for TV
CXA2022 SONY-CXA2022 Datasheet
257Kb / 16P
   I2C Bus Sound Processor for TV
CXA2022S SONY-CXA2022S Datasheet
257Kb / 16P
   I2C Bus Sound Processor for TV
CXA2025 SONY-CXA2025 Datasheet
414Kb / 37P
   Y/C/RGB/Sync/Deflection for Color TV
More results

Description similaire - CXA2020S

FabricantNo de pièceFiches techniqueDescription
logo
Sony Corporation
CXA2013M SONY-CXA2013M Datasheet
197Kb / 23P
   EIAJ Sound Multiplexing Decoder
CXA2202M SONY-CXA2202M Datasheet
415Kb / 2P
   EIAJ Sound Multiplexing Decoder
CXA2202N SONY-CXA2202N Datasheet
211Kb / 2P
   EIAJ Sound Multiplexing Decoder
CXA1518Q SONY-CXA1518Q Datasheet
271Kb / 20P
   EIAJ Sound Multiplexing Decoder
CXA2149Q SONY-CXA2149Q Datasheet
300Kb / 25P
   US Audio Multiplexing Decoder
CXA2054S SONY-CXA2054S Datasheet
514Kb / 38P
   US Audio Multiplexing Decoder
CXA1734S SONY-CXA1734S Datasheet
471Kb / 30P
   US Audio Multiplexing Decoder
CXA2104S SONY-CXA2104S Datasheet
331Kb / 28P
   US Audio Multiplexing Decoder
CXA2174S SONY-CXA2174S Datasheet
310Kb / 29P
   US Audio Multiplexing Decoder
CXA2074Q SONY-CXA2074Q Datasheet
513Kb / 38P
   US Audio Multiplexing Decoder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com