Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CAT25020VP2I.GT3 Fiches technique(PDF) 8 Page - ON Semiconductor

No de pièce CAT25020VP2I.GT3
Description  1-Kb, 2-Kb and 4-Kb SPI Serial CMOS EEPROM
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT25020VP2I.GT3 Fiches technique(HTML) 8 Page - ON Semiconductor

Back Button CAT25020VP2I.GT3 Datasheet HTML 4Page - ON Semiconductor CAT25020VP2I.GT3 Datasheet HTML 5Page - ON Semiconductor CAT25020VP2I.GT3 Datasheet HTML 6Page - ON Semiconductor CAT25020VP2I.GT3 Datasheet HTML 7Page - ON Semiconductor CAT25020VP2I.GT3 Datasheet HTML 8Page - ON Semiconductor CAT25020VP2I.GT3 Datasheet HTML 9Page - ON Semiconductor CAT25020VP2I.GT3 Datasheet HTML 10Page - ON Semiconductor CAT25020VP2I.GT3 Datasheet HTML 11Page - ON Semiconductor CAT25020VP2I.GT3 Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
CAT25010, CAT25020, CAT25040
http://onsemi.com
8
Write Status Register
The Status Register is written by sending a WRSR
instruction according to timing shown in Figure 7. Only bits
2 and 3 can be written using the WRSR command.
Write Protection
When WP input is low all write operations to the memory
array and Status Register are inhibited. WP going low while
CS is still low will interrupt a write operation. If the internal
write cycle has already been initiated, WP going low will
have no effect on any write operation to the Status Register
or memory array. The WP input timing is shown in Figure 8.
Figure 7. WRSR Timing
01
2
3
4
5
6
7
8
10
911
12
13
14
SCK
SI
MSB
HIGH IMPEDANCE
DATA IN
15
SO
7
6
5
4
3
2
10
00
0
0
0
0
0
1
OPCODE
Dashed Line = mode (1, 1)
CS
Figure 8. WP Timing
SCK
WP
Dashed Line = mode (1, 1)
WP
CS
tWPH
tWPS


Numéro de pièce similaire - CAT25020VP2I.GT3

FabricantNo de pièceFiches techniqueDescription
logo
Catalyst Semiconductor
CAT25020VP2I-GT3 CATALYST-CAT25020VP2I-GT3 Datasheet
556Kb / 18P
   1K/2K/4K SPI Serial CMOS EEPROM
CAT25020VP2I-GT3 CATALYST-CAT25020VP2I-GT3 Datasheet
236Kb / 17P
   1-Kb, 2-Kb and 4-Kb SPI Serial CMOS EEPROM
logo
ON Semiconductor
CAT25020VP2I-GT3 ONSEMI-CAT25020VP2I-GT3 Datasheet
185Kb / 15P
   1-Kb, 2-Kb and 4-Kb SPI Serial CMOS EEPROM
February, 2010 ??Rev. 21
CAT25020VP2I-T3 ONSEMI-CAT25020VP2I-T3 Datasheet
185Kb / 15P
   1-Kb, 2-Kb and 4-Kb SPI Serial CMOS EEPROM
February, 2010 ??Rev. 21
logo
Catalyst Semiconductor
CAT25020VP2IT3 CATALYST-CAT25020VP2IT3 Datasheet
556Kb / 18P
   1K/2K/4K SPI Serial CMOS EEPROM
More results

Description similaire - CAT25020VP2I.GT3

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
CAT25010YI-G ONSEMI-CAT25010YI-G Datasheet
198Kb / 18P
   1-Kb, 2-Kb and 4-Kb SPI Serial CMOS EEPROM
January, 2012 ??Rev. 23
CAT25010 ONSEMI-CAT25010 Datasheet
185Kb / 15P
   1-Kb, 2-Kb and 4-Kb SPI Serial CMOS EEPROM
February, 2010 ??Rev. 21
CAT25040LI-G ONSEMI-CAT25040LI-G Datasheet
198Kb / 18P
   1-Kb, 2-Kb and 4-Kb SPI Serial CMOS EEPROM
January, 2012 ??Rev. 23
logo
Catalyst Semiconductor
CAT25010 CATALYST-CAT25010_07 Datasheet
236Kb / 17P
   1-Kb, 2-Kb and 4-Kb SPI Serial CMOS EEPROM
logo
ON Semiconductor
CAT25010 ONSEMI-CAT25010_15 Datasheet
131Kb / 15P
   1-Kb, 2-Kb and 4-Kb SPI Serial CMOS EEPROM
July, 2015 ??Rev. 25
logo
Catalyst Semiconductor
CAT24C01 CATALYST-CAT24C01 Datasheet
370Kb / 17P
   1-Kb, 2-Kb, 4-Kb, 8-Kb and 16-Kb CMOS Serial EEPROM
logo
ON Semiconductor
CAT24C01 ONSEMI-CAT24C01_16 Datasheet
182Kb / 23P
   1-Kb, 2-Kb, 4-Kb, 8-Kb and 16-Kb I2C CMOS Serial EEPROM
November, 2016 ??Rev. 31
CAT24C01 ONSEMI-CAT24C01_12 Datasheet
215Kb / 20P
   1-Kb, 2-Kb, 4-Kb, 8-Kb and 16-Kb I2C CMOS Serial EEPROM
September, 2012 ??Rev. 22
CAT24C04WI ONSEMI-CAT24C04WI Datasheet
232Kb / 21P
   1-Kb, 2-Kb, 4-Kb, 8-Kb and 16-Kb I2C CMOS Serial EEPROM
July, 2013 ??Rev. 27
CAT24C01LI-G ONSEMI-CAT24C01LI-G Datasheet
237Kb / 21P
   1-Kb, 2-Kb, 4-Kb, 8-Kb and 16-Kb I2C CMOS Serial EEPROM
July, 2013 ??Rev. 27
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com