Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SN74ABT162827DLR Fiches technique(PDF) 4 Page - Texas Instruments

No de pièce SN74ABT162827DLR
Description  20-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

SN74ABT162827DLR Fiches technique(HTML) 4 Page - Texas Instruments

  SN74ABT162827DLR Datasheet HTML 1Page - Texas Instruments SN74ABT162827DLR Datasheet HTML 2Page - Texas Instruments SN74ABT162827DLR Datasheet HTML 3Page - Texas Instruments SN74ABT162827DLR Datasheet HTML 4Page - Texas Instruments SN74ABT162827DLR Datasheet HTML 5Page - Texas Instruments SN74ABT162827DLR Datasheet HTML 6Page - Texas Instruments SN74ABT162827DLR Datasheet HTML 7Page - Texas Instruments SN74ABT162827DLR Datasheet HTML 8Page - Texas Instruments SN74ABT162827DLR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
SN54ABT162827, SN74ABT162827
20BIT BUFFERS/DRIVERS
WITH 3STATE OUTPUTS
SCBS248B − JULY 1993 − REVISED DECEMBER 1994
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
TA = 25°C
SN54ABT162827
SN74ABT162827
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
MIN
MAX
MIN
MAX
UNIT
VIK
VCC = 4.5 V,
II = −18 mA
−1.2
−1.2
−1.2
V
VCC = 4.5 V,
IOH = − 1 mA
2.5
2.5
2.5
VOH
VCC = 5 V,
IOH = − 1 mA
3
3
3
V
VOH
VCC = 4.5 V
IOH = − 3 mA
2.4
2.4
2.4
V
VCC = 4.5 V
IOH = − 12 mA
2
2
2
VOL
VCC = 4.5 V
IOL = 8 mA
0.4
0.8
0.8
0.65
V
VOL
VCC = 4.5 V
IOL = 12 mA
0.8
V
II
VCC = 0 to 5.5 V,
VI = VCC or GND
±1
±1
±1
µA
IOZPU
VCC = 0 to 2.1 V,
VO = 0.5 V to 2.7 V, OE = X
±50
±50
±50
µA
IOZPD
VCC = 2.1 V to 0,
VO = 0.5 V to 2.7 V, OE = X
±50
±50
±50
µA
IOZH‡
VCC = 2.1 V to 5.5 V,
VO = 2.7 V,
OE
≥ 2 V
10
10
10
µA
IOZL‡
VCC = 2.1 V to 5.5 V,
VO = 0.5 V,
OE
≥ 2 V
−10
−10
−10
µA
Ioff
VCC = 0,
VI or VO ≤ 4.5 V
±100
±100
µA
ICEX
Outputs high
VCC = 5.5 V,
VO = 5.5 V
50
50
50
µA
IO§
VCC = 5.5 V,
VO = 2.5 V
−25
−75
−100
−25
−100
−25
−100
mA
Outputs high
2
2
2
ICC
Outputs low
VCC = 5.5 V,
IO = 0,
32
32
32
mA
ICC
Outputs
disabled
VCC = 5.5 V,
IO = 0,
VI = VCC or GND
2
2
2
mA
Data inputs
VCC = 5.5 V,
One input at
3.4 V,
Outputs enabled
1
1.5
1
∆ICC¶
Data inputs
3.4 V,
Other inputs at
VCC or GND
Outputs disabled
0.05
1
0.05
mA
Control inputs
VCC = 5.5 V,
One input at 3.4 V,
Other inputs at VCC or GND
1.5
1.5
1.5
Ci
VI = 2.5 V or 0.5 V
3.5
pF
Co
VO = 2.5 V or 0.5 V
8
pF
† All typical values are at VCC = 5 V.
‡ The parameters IOZH and IOZL include the input leakage current.
§ Not more than one output should be tested at a time, and the duration of the test should not exceed one second.
¶ This is the increase in supply current for each input that is at the specified TTL voltage level rather than VCC or GND.
PRODUCT PREVIEW information concerns products in the formative or
design phase of development. Characteristic data and other
specifications are design goals. Texas Instruments reserves the right to
change or discontinue these products without notice.


Numéro de pièce similaire - SN74ABT162827DLR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN74ABT162827A TI-SN74ABT162827A Datasheet
206Kb / 11P
[Old version datasheet]   20-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN74ABT162827ADGG TI-SN74ABT162827ADGG Datasheet
206Kb / 11P
[Old version datasheet]   20-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN74ABT162827ADGGR TI-SN74ABT162827ADGGR Datasheet
206Kb / 11P
[Old version datasheet]   20-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN74ABT162827ADGV TI-SN74ABT162827ADGV Datasheet
206Kb / 11P
[Old version datasheet]   20-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN74ABT162827ADGVR TI-SN74ABT162827ADGVR Datasheet
206Kb / 11P
[Old version datasheet]   20-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
More results

Description similaire - SN74ABT162827DLR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
54ACT16827 TI-54ACT16827 Datasheet
150Kb / 1P
[Old version datasheet]   20-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54ABT162827A TI-SN54ABT162827A Datasheet
206Kb / 11P
[Old version datasheet]   20-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
logo
Hitachi Semiconductor
HD74ALVCH162827 HITACHI-HD74ALVCH162827 Datasheet
48Kb / 10P
   20-bit Buffers / Drivers with 3-state Outputs
HD74ALVCH16827 HITACHI-HD74ALVCH16827 Datasheet
47Kb / 9P
   20-bit Buffers / Drivers with 3-state Outputs
logo
Texas Instruments
SN54ABT16827 TI-SN54ABT16827_07 Datasheet
295Kb / 10P
[Old version datasheet]   20-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
logo
Renesas Technology Corp
HD74ALVCH162827 RENESAS-HD74ALVCH162827 Datasheet
2Mb / 10P
   20-bit Buffers / Drivers with 3-state Outputs
logo
Texas Instruments
SN54ABT16827 TI-SN54ABT16827 Datasheet
107Kb / 6P
[Old version datasheet]   20-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
logo
Renesas Technology Corp
HD74ALVCH16827 RENESAS-HD74ALVCH16827 Datasheet
230Kb / 9P
   20-bit Buffers / Drivers with 3-state Outputs
logo
Texas Instruments
54ACT16827 TI-54ACT16827_08 Datasheet
323Kb / 10P
[Old version datasheet]   20-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54BCT29827B TI-SN54BCT29827B Datasheet
251Kb / 9P
[Old version datasheet]   10-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com