Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SN74ABT162827DGGR Fiches technique(PDF) 9 Page - Texas Instruments

No de pièce SN74ABT162827DGGR
Description  20-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

SN74ABT162827DGGR Fiches technique(HTML) 9 Page - Texas Instruments

Back Button SN74ABT162827DGGR Datasheet HTML 2Page - Texas Instruments SN74ABT162827DGGR Datasheet HTML 3Page - Texas Instruments SN74ABT162827DGGR Datasheet HTML 4Page - Texas Instruments SN74ABT162827DGGR Datasheet HTML 5Page - Texas Instruments SN74ABT162827DGGR Datasheet HTML 6Page - Texas Instruments SN74ABT162827DGGR Datasheet HTML 7Page - Texas Instruments SN74ABT162827DGGR Datasheet HTML 8Page - Texas Instruments SN74ABT162827DGGR Datasheet HTML 9Page - Texas Instruments SN74ABT162827DGGR Datasheet HTML 10Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
MECHANICAL DATA
MSSO001C – JANUARY 1995 – REVISED DECEMBER 2001
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
DL (R-PDSO-G**)
PLASTIC SMALL-OUTLINE PACKAGE
4040048 / E 12/01
48 PINS SHOWN
56
0.730
(18,54)
0.720
(18,29)
48
28
0.370
(9,40)
(9,65)
0.380
Gage Plane
DIM
0.420 (10,67)
0.395 (10,03)
A MIN
A MAX
0.010 (0,25)
PINS **
0.630
(16,00)
(15,75)
0.620
0.010 (0,25)
Seating Plane
0.020 (0,51)
0.040 (1,02)
25
24
0.008 (0,203)
0.0135 (0,343)
48
1
0.008 (0,20) MIN
A
0.110 (2,79) MAX
0.299 (7,59)
0.291 (7,39)
0.004 (0,10)
M
0.005 (0,13)
0.025 (0,635)
0
°–8°
0.005 (0,13)
NOTES: A. All linear dimensions are in inches (millimeters).
B. This drawing is subject to change without notice.
C. Body dimensions do not include mold flash or protrusion not to exceed 0.006 (0,15).
D. Falls within JEDEC MO-118


Numéro de pièce similaire - SN74ABT162827DGGR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN74ABT162827A TI-SN74ABT162827A Datasheet
206Kb / 11P
[Old version datasheet]   20-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN74ABT162827ADGG TI-SN74ABT162827ADGG Datasheet
206Kb / 11P
[Old version datasheet]   20-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN74ABT162827ADGGR TI-SN74ABT162827ADGGR Datasheet
206Kb / 11P
[Old version datasheet]   20-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN74ABT162827ADGV TI-SN74ABT162827ADGV Datasheet
206Kb / 11P
[Old version datasheet]   20-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN74ABT162827ADGVR TI-SN74ABT162827ADGVR Datasheet
206Kb / 11P
[Old version datasheet]   20-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
More results

Description similaire - SN74ABT162827DGGR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
54ACT16827 TI-54ACT16827 Datasheet
150Kb / 1P
[Old version datasheet]   20-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54ABT162827A TI-SN54ABT162827A Datasheet
206Kb / 11P
[Old version datasheet]   20-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
logo
Hitachi Semiconductor
HD74ALVCH162827 HITACHI-HD74ALVCH162827 Datasheet
48Kb / 10P
   20-bit Buffers / Drivers with 3-state Outputs
HD74ALVCH16827 HITACHI-HD74ALVCH16827 Datasheet
47Kb / 9P
   20-bit Buffers / Drivers with 3-state Outputs
logo
Texas Instruments
SN54ABT16827 TI-SN54ABT16827_07 Datasheet
295Kb / 10P
[Old version datasheet]   20-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
logo
Renesas Technology Corp
HD74ALVCH162827 RENESAS-HD74ALVCH162827 Datasheet
2Mb / 10P
   20-bit Buffers / Drivers with 3-state Outputs
logo
Texas Instruments
SN54ABT16827 TI-SN54ABT16827 Datasheet
107Kb / 6P
[Old version datasheet]   20-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
logo
Renesas Technology Corp
HD74ALVCH16827 RENESAS-HD74ALVCH16827 Datasheet
230Kb / 9P
   20-bit Buffers / Drivers with 3-state Outputs
logo
Texas Instruments
54ACT16827 TI-54ACT16827_08 Datasheet
323Kb / 10P
[Old version datasheet]   20-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54BCT29827B TI-SN54BCT29827B Datasheet
251Kb / 9P
[Old version datasheet]   10-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com