Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CAT24C08WE.GT3 Fiches technique(PDF) 1 Page - ON Semiconductor

No de pièce CAT24C08WE.GT3
Description  1-Kb, 2-Kb, 4-Kb, 8-Kb and 16-Kb I2C CMOS Serial EEPROM
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT24C08WE.GT3 Fiches technique(HTML) 1 Page - ON Semiconductor

  CAT24C08WE.GT3 Datasheet HTML 1Page - ON Semiconductor CAT24C08WE.GT3 Datasheet HTML 2Page - ON Semiconductor CAT24C08WE.GT3 Datasheet HTML 3Page - ON Semiconductor CAT24C08WE.GT3 Datasheet HTML 4Page - ON Semiconductor CAT24C08WE.GT3 Datasheet HTML 5Page - ON Semiconductor CAT24C08WE.GT3 Datasheet HTML 6Page - ON Semiconductor CAT24C08WE.GT3 Datasheet HTML 7Page - ON Semiconductor CAT24C08WE.GT3 Datasheet HTML 8Page - ON Semiconductor CAT24C08WE.GT3 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
© Semiconductor Components Industries, LLC, 2012
September, 2012 − Rev. 22
1
Publication Order Number:
CAT24C01/D
CAT24C01, CAT24C02,
CAT24C04, CAT24C08,
CAT24C16
1-Kb, 2-Kb, 4-Kb, 8-Kb and
16-Kb I2C CMOS Serial
EEPROM
Description
The CAT24C01/02/04/08/16 are 1−Kb, 2−Kb, 4−Kb, 8−Kb and
16−Kb respectively CMOS Serial EEPROM devices organized
internally as 8/16/32/64 and 128 pages respectively of 16 bytes each.
All devices support both the Standard (100 kHz) as well as Fast
(400 kHz) I2C protocol.
Data is written by providing a starting address, then loading 1 to 16
contiguous bytes into a Page Write Buffer, and then writing all data to
non−volatile memory in one internal write cycle. Data is read by
providing a starting address and then shifting out data serially while
automatically incrementing the internal address count.
External address pins make it possible to address up to eight
CAT24C01 or CAT24C02, four CAT24C04, two CAT24C08 and one
CAT24C16 device on the same bus.
Features
Supports Standard and Fast I2C Protocol
1.7 V to 5.5 V Supply Voltage Range
16−Byte Page Write Buffer
Hardware Write Protection for Entire Memory
Schmitt Triggers and Noise Suppression Filters on I2C Bus Inputs
(SCL and SDA)
Low power CMOS Technology
More than 1,000,000 Program/Erase Cycles
100 Year Data Retention
Industrial and Extended Temperature Range
These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS
Compliant
SDA
SCL
WP
VCC
VSS
1
2
3
4
8
7
6
5
CAT24C__
16 / 08 / 04 / 02 / 01
NC ///
/
NC NC
NC NC
NC
A0 A0
A1 A1 A1
A2 A2 A2
A2
///
/
///
/
PIN CONFIGURATION
PDIP (L), SOIC (W), TSSOP (Y), MSOP (Z),
* The TDFN (VP2) package is not recommended for new designs.
TDFN, (VP2)*, UDFN−EP (HU4) (Top View)
See detailed ordering and shipping information in the package
dimensions section on page 18 of this data sheet.
ORDERING INFORMATION
http://onsemi.com
SOIC−8
W SUFFIX
CASE 751BD
TSOT−23
TD SUFFIX
CASE 419AE
PDIP−8
L SUFFIX
CASE 646AA
TSSOP−8
Y SUFFIX
CASE 948AL
MSOP−8
Z SUFFIX
CASE 846AD
TDFN−8*
VP2 SUFFIX
CASE 511AK
VCC
WP
SDA
VSS
SCL
1
2
3
5
4
TSOT−23 (TD) (Top View)
PIN CONFIGURATIONS
UDFN8−EP
HU4 SUFFIX
CASE 517AZ
WLCSP−4**
C4A SUFFIX
CASE 567DC
WLCSP−5**
C5A SUFFIX
CASE 567DD
** WLCSP are available for the CAT24C04,
CAT24C08 and CAT24C16 only.
For availability, please contact factory.
TOP MARKING FOR WLCSP
X = Specific Device
X = Code
4 = 24C04
8 = 24C08
6 = 24C16
Y = Production Year (Last Digit)
M = Production Month (1−9, O, N, D)
WLCSP−4
WLCSP−5
WLCSP−4**
WLCSP−5**
(Top Views)
WP
SCL
SDA
SCL
SDA
Pin 1
A
12
3
AB
B
C
1
2
Pin 1
VCC
VSS
VCC
VSS
X
X
Y M
Y M
Pin 1
(Ball Down)
Pin 1


Numéro de pièce similaire - CAT24C08WE.GT3

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
CAT24C08WE-GT3 ONSEMI-CAT24C08WE-GT3 Datasheet
177Kb / 16P
   1-Kb, 2-Kb, 4-Kb, 8-Kb and 16-Kb I2C CMOS Serial EEPROM
March, 2010 ??Rev. 11
CAT24C08WE-GT3 ONSEMI-CAT24C08WE-GT3 Datasheet
237Kb / 21P
   1-Kb, 2-Kb, 4-Kb, 8-Kb and 16-Kb I2C CMOS Serial EEPROM PDIP?? L SUFFIX
February, 2013 ??Rev. 26
CAT24C08WE-T3 ONSEMI-CAT24C08WE-T3 Datasheet
177Kb / 16P
   1-Kb, 2-Kb, 4-Kb, 8-Kb and 16-Kb I2C CMOS Serial EEPROM
March, 2010 ??Rev. 11
More results

Description similaire - CAT24C08WE.GT3

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
CAT24C01LI-G ONSEMI-CAT24C01LI-G Datasheet
237Kb / 21P
   1-Kb, 2-Kb, 4-Kb, 8-Kb and 16-Kb I2C CMOS Serial EEPROM
July, 2013 ??Rev. 27
CAT24C04WI-GT3JN ONSEMI-CAT24C04WI-GT3JN Datasheet
232Kb / 21P
   1-Kb, 2-Kb, 4-Kb, 8-Kb and 16-Kb I2C CMOS Serial EEPROM
July, 2013 ??Rev. 27
CAT24C01 ONSEMI-CAT24C01 Datasheet
177Kb / 16P
   1-Kb, 2-Kb, 4-Kb, 8-Kb and 16-Kb I2C CMOS Serial EEPROM
March, 2010 ??Rev. 11
CAT24C01 ONSEMI-CAT24C01_16 Datasheet
182Kb / 23P
   1-Kb, 2-Kb, 4-Kb, 8-Kb and 16-Kb I2C CMOS Serial EEPROM
November, 2016 ??Rev. 31
CAT24C04WI ONSEMI-CAT24C04WI Datasheet
232Kb / 21P
   1-Kb, 2-Kb, 4-Kb, 8-Kb and 16-Kb I2C CMOS Serial EEPROM
July, 2013 ??Rev. 27
CAV24C02 ONSEMI-CAV24C02 Datasheet
151Kb / 11P
   2-Kb, 4-Kb, 8-Kb and 16-Kb I2C CMOS Serial EEPROM
April, 2011 ??Rev. 1
CAV24C02YE-GT3 ONSEMI-CAV24C02YE-GT3 Datasheet
148Kb / 11P
   2-Kb, 4-Kb, 8-Kb and 16-Kb I2C CMOS Serial EEPROM
May, 2011 ??Rev. 2
CAV24C02 ONSEMI-CAV24C02_15 Datasheet
122Kb / 15P
   2-Kb, 4-Kb, 8-Kb and 16-Kb I2C CMOS Serial EEPROM
November, 2015 ??Rev. 4
N24C02 ONSEMI-N24C02 Datasheet
95Kb / 10P
   2-Kb, 4-Kb, 8-Kb and 16-Kb I2C CMOS Serial EEPROM
June, 2016 ??Rev. 1
CAT24C04LI-G ONSEMI-CAT24C04LI-G Datasheet
247Kb / 22P
   1-Kb, 2-Kb, 4-Kb, 8-Kb and 16-Kb I2C CMOS Serial
July, 2013 ??Rev. 27
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com