Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CXA1999N Fiches technique(PDF) 3 Page - Sony Corporation

No de pièce CXA1999N
Description  IF Amplifier for M-ary FSK Pagers
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SONY [Sony Corporation]
Site Internet  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA1999N Fiches technique(HTML) 3 Page - Sony Corporation

  CXA1999N Datasheet HTML 1Page - Sony Corporation CXA1999N Datasheet HTML 2Page - Sony Corporation CXA1999N Datasheet HTML 3Page - Sony Corporation CXA1999N Datasheet HTML 4Page - Sony Corporation CXA1999N Datasheet HTML 5Page - Sony Corporation CXA1999N Datasheet HTML 6Page - Sony Corporation CXA1999N Datasheet HTML 7Page - Sony Corporation CXA1999N Datasheet HTML 8Page - Sony Corporation CXA1999N Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
—3—
CXA1999N
Pin Description
Pin
No.
Symbol
Pin voltage
Equivalent circuit
Description
1
2
3
4
5
6
7
OSC IN
OSC OUT
MIX OUT
VCC
IF IN
B.S.
FSK REF
1.4 V
0.7 V
1.2 V
1.4 V
0.2 V
Connects the external parts of
crystal oscillator circuit.
A capacitor and crystal oscillator
are connected to these pins and
VCC.
Mixer output.
Connect a 455 kHz ceramic filter
between this pin and IF IN.
Power supply.
IF limiter amplifier input.
Controls the battery saving.
Setting this pin low suspends the
operation of IC.
(Applied voltage range: –0.5 V to
+7.0 V)
Connects the capacitor that
determines the low cut-off
frequency for the entire system.
2
1
VCC
300
15k
230
GND
72
15k
3
VCC
GND
1.5k
5
VCC
1.5k
GND
1.5k
8k
8k
6
72
40k
140k
GND
7
VCC
GND
72


Numéro de pièce similaire - CXA1999N

FabricantNo de pièceFiches techniqueDescription
logo
Sony Corporation
CXA1991 SONY-CXA1991 Datasheet
245Kb / 12P
   FM Pager/FM Multiplex Tuner
CXA1991N SONY-CXA1991N Datasheet
245Kb / 12P
   FM Pager/FM Multiplex Tuner
CXA1992 SONY-CXA1992 Datasheet
714Kb / 49P
   RF Signal Processing Servo Amplifier
CXA1992AR SONY-CXA1992AR Datasheet
714Kb / 49P
   RF Signal Processing Servo Amplifier
CXA1992BR SONY-CXA1992BR Datasheet
718Kb / 49P
   RF Signal Processing Servo Amplifier
More results

Description similaire - CXA1999N

FabricantNo de pièceFiches techniqueDescription
logo
Sony Corporation
CXA3117AN SONY-CXA3117AN Datasheet
394Kb / 30P
   IF Amplifier for M-ary FSK Pagers
CXA3117N SONY-CXA3117N Datasheet
397Kb / 30P
   IF Amplifier for M-ary FSK Pagers
CXA3099N SONY-CXA3099N Datasheet
261Kb / 15P
   IF Amplifier for M-ary FSK Pagers
CXA3107N SONY-CXA3107N Datasheet
276Kb / 18P
   IF Amplifier for M-ary FSK Pagers
CXA3179N SONY-CXA3179N Datasheet
374Kb / 27P
   IF Amplifier for M-ary FSK Pagers (AFC Supported)
CXA1994AM SONY-CXA1994AM Datasheet
119Kb / 8P
   M-ary FSK Demodulating Comparator
logo
New Japan Radio
NJM2537 NJRC-NJM2537_1 Datasheet
228Kb / 10P
   FM IF IC FOR PAGERS
NJM2537 NJRC-NJM2537 Datasheet
321Kb / 10P
   FM IF IC FOR PAGERS
logo
Nippon Precision Circui...
SM1125 NPC-SM1125 Datasheet
96Kb / 12P
   Multimelody IC for Pagers
SM1124 NPC-SM1124 Datasheet
92Kb / 10P
   Multimelody IC for Pagers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com