Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CXA1951AQ Fiches technique(PDF) 3 Page - Sony Corporation

No de pièce CXA1951AQ
Description  GPS Down Converter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SONY [Sony Corporation]
Site Internet  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA1951AQ Fiches technique(HTML) 3 Page - Sony Corporation

  CXA1951AQ Datasheet HTML 1Page - Sony Corporation CXA1951AQ Datasheet HTML 2Page - Sony Corporation CXA1951AQ Datasheet HTML 3Page - Sony Corporation CXA1951AQ Datasheet HTML 4Page - Sony Corporation CXA1951AQ Datasheet HTML 5Page - Sony Corporation CXA1951AQ Datasheet HTML 6Page - Sony Corporation CXA1951AQ Datasheet HTML 7Page - Sony Corporation CXA1951AQ Datasheet HTML 8Page - Sony Corporation CXA1951AQ Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
—3—
CXA1951AQ
Pin Description
1
200
40k
40k
20k
81k
VCC
GND
2
VCC
GND
200
6
7
8
9
1k
1k
1.6k
1.6k
12k
12k
VCC
GND
15
16
12k
12k
VCC
GND
Pin
Symbol
Pinvoltage
Equivalent circuit
Description
No.
1
2
3, 33
4, 5,
10
6
9
7
8
11
12
13, 14
15, 16
NSW
CPOUT
NC
OSC GND
OSCB1
OSCB2
OSCE1
OSCE2
OSC VCC
OSC DEC
RF GND
RF IN1
RF IN2
0 V
2.5 V
1.7 V
1.7 V
2.5 V
3 V
1.7 V
0 V
1.6 V
1.6 V
Internal PLL frequency
division value switching
Charge pump output
Not connected
Ground for the internal
oscillator
Connects the internal
oscillator resonator.
Connects to main
counter input via the
internal buffer.
Internal oscillator power
supply
Connects decoupling
capacitor for the internal
oscillator bias power
supply
RF amplifier ground
RF amplifier input.
When using as a single
input, ground Pin 16 via
the capacitor.


Numéro de pièce similaire - CXA1951AQ

FabricantNo de pièceFiches techniqueDescription
logo
Sony Corporation
CXA1951Q SONY-CXA1951Q Datasheet
189Kb / 6P
   GPS Down Converter
More results

Description similaire - CXA1951AQ

FabricantNo de pièceFiches techniqueDescription
logo
Sony Corporation
CXA1951Q SONY-CXA1951Q Datasheet
189Kb / 6P
   GPS Down Converter
CXA3355AER SONY-CXA3355AER Datasheet
410Kb / 29P
   GPS Down Converter IC
CXA3355ER SONY-CXA3355ER Datasheet
295Kb / 28P
   GPS Down Converter IC
CXA3355TQ SONY-CXA3355TQ Datasheet
258Kb / 21P
   GPS Down Converter IC
logo
Panasonic Semiconductor
AN18401A PANASONIC-AN18401A Datasheet
245Kb / 8P
   Down Converter IC for GPS
logo
M/A-COM Technology Solu...
MAIA-007495-000100 MA-COM-MAIA-007495-000100 Datasheet
105Kb / 5P
   Down Converter
MADC-011010 MA-COM-MADC-011010 Datasheet
1Mb / 18P
   Down Converter
MAIA-007495-000100 MA-COM-MAIA-007495-000100_15 Datasheet
105Kb / 5P
   Down Converter
logo
Texas Instruments
SN761688 TI-SN761688 Datasheet
269Kb / 13P
[Old version datasheet]   DOWN CONVERTER
logo
SG Micro Corp
SGM6230 SGMICRO-SGM6230 Datasheet
349Kb / 14P
   Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com