Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2SK2394-7-TB-E Fiches technique(PDF) 2 Page - Sanyo Semicon Device

No de pièce 2SK2394-7-TB-E
Description  N-Channel Junction Silicon FET Low-Noise HF Amplifi er Applications
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SANYO [Sanyo Semicon Device]
Site Internet  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SK2394-7-TB-E Fiches technique(HTML) 2 Page - Sanyo Semicon Device

  2SK2394-7-TB-E Datasheet HTML 1Page - Sanyo Semicon Device 2SK2394-7-TB-E Datasheet HTML 2Page - Sanyo Semicon Device 2SK2394-7-TB-E Datasheet HTML 3Page - Sanyo Semicon Device 2SK2394-7-TB-E Datasheet HTML 4Page - Sanyo Semicon Device 2SK2394-7-TB-E Datasheet HTML 5Page - Sanyo Semicon Device 2SK2394-7-TB-E Datasheet HTML 6Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2SK2394
No.4839-2/6
Electrical Characteristics at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Gate-to-Drain Breakdown Voltage
V(BR)GDS
IG=--10μA, VDS=0V
--15
V
Gate Cutoff Current
IGSS
VGS=--10V, VDS=0V
--1.0
nA
Cutoff Voltage
VGS(off)
VDS=5V, ID=100μA
--0.3
--0.7
--1.5
V
Drain Current
IDSS
VDS=5V, VGS=0V
6.0*
32.0*
mA
Forward Transfer Admittance
| yfs |
VDS=5V, VGS=0V, f=1kHz
20
38
mS
Input Capacitance
Ciss
VDS=5V, VGS=0V, f=1MHz
10.0
pF
Reverse Transfer Capacitance
Crss
2.9
pF
Noise Figure
NF
VDS=5V, Rg=1kΩ, ID=1mA, f=1kHz
1.0
dB
* : The 2SK2394 is classified by IDSS as follows : (unit : mA)
Rank
5
6
7
IDSS
6.0 to 12.0
10.0 to 20.0
16.0 to 32.0
Ordering Information
Device
Package
Shipping
memo
2SK2394-6-TB-E
CP
3,000pcs./reel
Pb Free
2SK2394-7-TB-E
CP
3,000pcs./reel
ID -- VGS
ID -- VGS
ID -- VDS
ID -- VDS
Drain-to-Source Voltage, VDS -- V
Drain-to-Source Voltage, VDS -- V
Gate-to-Source Voltage, VGS -- V
Gate-to-Source Voltage, VGS -- V
ITR02751
ITR02752
0
0
20
16
12
8
4
0.4
0.8
1.2
1.6
2.0
2.4
ITR02749
--0.1V
VGS=0V
--0.2V
--0.3V
--0.4V
--0.5V
--0.6V
--0.7V
0
0
20
16
12
8
4
24
68
10
12
--0.1V
VGS=0V
--0.2V
--0.3V
--0.4V
--0.5V
--0.6V
--0.7V
ITR02750
--1.4
--1.2
--1.0
--0.8
--0.6
--0.4
--0.2
0
0.2
0
22
20
18
16
14
12
10
8
6
4
2
--1.2
--1.0
--0.8
--0.6
--0.4
--0.2
0
0.2
0
4
2
6
8
12
10
14
16
VDS=5V
IDSS=15mA
VDS=5V


Numéro de pièce similaire - 2SK2394-7-TB-E

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
2SK2394-7-TB-E ONSEMI-2SK2394-7-TB-E Datasheet
294Kb / 6P
   N-Channel JFET
August, 2013
More results

Description similaire - 2SK2394-7-TB-E

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
CPH3910 SANYO-CPH3910 Datasheet
358Kb / 4P
   N-Channel Junctin Silicon FET High-Frequency Low-Noise Amplifi er Applications
TF408 SANYO-TF408 Datasheet
337Kb / 4P
   N-Channel Silicon Junction FET Low-Frequency General-Purpose Amplifi er, Impedance Converter Applications
CPH6904 SANYO-CPH6904 Datasheet
372Kb / 4P
   N-Channel Silicon MOSFET High-Frequency Low-Noise Amplifi er Applications
2SK932 SANYO-2SK932_12 Datasheet
335Kb / 6P
   High-Frequency Low-Noise Amplifi er Applications
logo
Mini-Circuits
ZFL-500HLN MINI-ZFL-500HLN Datasheet
103Kb / 2P
   Low Noise Amplifi er
logo
AVAGO TECHNOLOGIES LIMI...
MGA-52543 AVAGO-MGA-52543 Datasheet
98Kb / 8P
   Low Noise Amplifi er
logo
Sanyo Semicon Device
2SK3557 SANYO-2SK3557_12 Datasheet
408Kb / 6P
   High-Frequency Low-Noise Amplifi er Applications
logo
Broadcom Corporation.
MGA-52543 BOARDCOM-MGA-52543 Datasheet
98Kb / 8P
   Low Noise Amplifi er
logo
AVAGO TECHNOLOGIES LIMI...
MGA-675T6 AVAGO-MGA-675T6 Datasheet
206Kb / 16P
   Low Noise Amplifi er
logo
Supertex, Inc
MD3880 SUTEX-MD3880 Datasheet
615Kb / 6P
   4-Channel Low-Noise Amplifi er
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com