Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2SK932-24-TB-E Fiches technique(PDF) 1 Page - Sanyo Semicon Device

No de pièce 2SK932-24-TB-E
Description  High-Frequency Low-Noise Amplifi er Applications
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SANYO [Sanyo Semicon Device]
Site Internet  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SK932-24-TB-E Fiches technique(HTML) 1 Page - Sanyo Semicon Device

  2SK932-24-TB-E Datasheet HTML 1Page - Sanyo Semicon Device 2SK932-24-TB-E Datasheet HTML 2Page - Sanyo Semicon Device 2SK932-24-TB-E Datasheet HTML 3Page - Sanyo Semicon Device 2SK932-24-TB-E Datasheet HTML 4Page - Sanyo Semicon Device 2SK932-24-TB-E Datasheet HTML 5Page - Sanyo Semicon Device 2SK932-24-TB-E Datasheet HTML 6Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
2SK932
No.2841-1/6
Applications
AM tuner RF amplifier, low-noise amplifier
Features
Adoption of FBET process
Large
| yfs |
Small Ciss
Ultralow noise figure
Ultrasmall-sized package permitting 2SK932-applied sets to be made smaller and slimmer
Specifications
Absolute Maximum Ratings at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
Drain-to-Source Voltage
VDSX
15
V
Gate-to-Drain Voltage
VGDS
--15
V
Gate Current
IG
10
mA
Drain Current
ID
50
mA
Allowable Power Dissipation
PD
200
mW
Junction Temperature
Tj
150
°C
Storage Temperature
Tstg
--55 to +150
°C
Package Dimensions
unit : mm (typ)
7013A-011
Ordering number : EN2841A
80812 TKIM/51099TH (KT)/N148MO, TS
SANYO Semiconductors
DATA SHEET
2SK932
N-Channel Junction Silicon FET
High-Frequency Low-Noise
Amplifier Applications
http://www.sanyosemi.com/en/network/
Product & Package Information
• Package
: CP
• JEITA, JEDEC
: SC-59, TO-236, SOT-23, TO-236AB
• Minimum Packing Quantity : 3,000 pcs./reel
Packing Type: TB
Marking
Electrical Connection
TB
1 : Source
2 : Drain
3 : Gate
SANYO : CP
12
3
2.9
0.95
0.4
0.1
1
2
3
E
2SK932-22-TB-E
2SK932-23-TB-E
2SK932-24-TB-E


Numéro de pièce similaire - 2SK932-24-TB-E

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
2SK932-24-TB-E ONSEMI-2SK932-24-TB-E Datasheet
763Kb / 4P
   N-Channel JFET
April, 2014
More results

Description similaire - 2SK932-24-TB-E

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
2SK3557 SANYO-2SK3557_12 Datasheet
408Kb / 6P
   High-Frequency Low-Noise Amplifi er Applications
MCH4014 SANYO-MCH4014 Datasheet
84Kb / 10P
   High-Frequency Low-Noise Amplifi er
MCH4015 SANYO-MCH4015 Datasheet
83Kb / 9P
   High-Frequency Low-Noise Amplifi er
MCH3007 SANYO-MCH3007 Datasheet
85Kb / 10P
   High-Frequency Low-Noise Amplifi er
2SA1705 SANYO-2SA1705_12 Datasheet
482Kb / 6P
   Low-Frequency Power Amplifi er Applications
CPH6904 SANYO-CPH6904 Datasheet
372Kb / 4P
   N-Channel Silicon MOSFET High-Frequency Low-Noise Amplifi er Applications
logo
Mini-Circuits
ZFL-500HLN MINI-ZFL-500HLN Datasheet
103Kb / 2P
   Low Noise Amplifi er
logo
AVAGO TECHNOLOGIES LIMI...
MGA-52543 AVAGO-MGA-52543 Datasheet
98Kb / 8P
   Low Noise Amplifi er
logo
Sanyo Semicon Device
2SC4853A SANYO-2SC4853A_12 Datasheet
463Kb / 8P
   Low-Voltage, Low-Current High-Frequency Amplifi er Applications
12A02MH-TL-E SANYO-12A02MH-TL-E Datasheet
473Kb / 6P
   Low-Frequency General-Purpose Amplifi er Applications
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com