Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CXA1910 Fiches technique(PDF) 7 Page - Sony Corporation

No de pièce CXA1910
Description  Dolby B Type Noise Reduction System with Playback Equalizer
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SONY [Sony Corporation]
Site Internet  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA1910 Fiches technique(HTML) 7 Page - Sony Corporation

Back Button CXA1910 Datasheet HTML 3Page - Sony Corporation CXA1910 Datasheet HTML 4Page - Sony Corporation CXA1910 Datasheet HTML 5Page - Sony Corporation CXA1910 Datasheet HTML 6Page - Sony Corporation CXA1910 Datasheet HTML 7Page - Sony Corporation CXA1910 Datasheet HTML 8Page - Sony Corporation CXA1910 Datasheet HTML 9Page - Sony Corporation CXA1910 Datasheet HTML 10Page - Sony Corporation CXA1910 Datasheet HTML 11Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
—7—
CXA1910Q
Electrical Characteristics
(Ta=25°C, Vcc=8.0V, RL: output load resistance, Rg: head equivalent impedance)
∗120µs, FWD mode, NR OFF, MS OFF unless otherwise specified.
ICC
VTIN
BP1
BP2
BP3
BP4
BP5
THD1
THD2
SN1
VOMAX1
CT3
VOS1
PBREF
F120F
F70F
F120R
VOMAX2
THD5
SN2
VOS2
CT4
CT5
VMS1
VMS2
IOH
VOL
ICRG
VCRG1
VCRG2
VIL
VIH
No signal
LINEOUT= 0 dB 1kHz
TAPE IN 500Hz NR-ON Vlo=–25dB
TAPE IN 2kHz NR-ON Vlo=–25dB
TAPE IN 5kHz NR-ON Vlo=–25dB
TAPE IN 10kHz NR-ON Vlo=–40dB
TAPE IN 10kHz NR-ON Vlo=0dB
TAPE IN –20dBm 1kHz RL=2.7k
TAPE IN –20dBm 1kHz NR-ON RL=2.7k
No signal NR-ON CCIR/ARM filter
1kHz THD=1% RL=2.7k
TAPE IN –24dBm 1kHz
No signal
PB F IN 315Hz –70dBm VPBO=0dB
PB F IN 2.7kHz –58.5dBm for 315Hz
PB F IN 4.5kHz –53.8dBm for 315Hz
PB R IN 315Hz –70dBm for 315Hz
PB F IN 1kHz THD=1% RL=2.7k
PB F IN 1kHz –52dBm RL=2.7k
No signal "A" weighting filter
No signal Rg=2.2k
PB IN 1kHz –42dBm
TAPE IN 5kHz MS-ON G1 (10k
Ω, 0.015µF)
TAPE IN 5kHz MS-ON G2 (1k
Ω, 1.5µF)
TAPE IN 5kHz -30dBm, 1mA applied to MSOUT
AMS ON (G1 mode)
No signal, 3.4V applied to VCT and 1.8V to PBFB
No signal, VCT level when boost charge ON
No signal, VCT level when boost charge OFF
MSMODE, NRMODE, MSSW,
TAPESW, NRSW, DRSW
14.5
17.9
21.5
mA
–32.0
–30.0
–28.0
dBm
1.4
2.9
4.4
5.5
6.4
8.5
3.9
5.2
6.9
dB
9.7
10.4
11.9
–1.1
0.4
1.9
0.03
0.2
%
0.04
0.2
77.0
82.8
dB
13.0
14.4
dB
–67
–55
3.9
4.0
4.1
V
–27.0
–25.0
–23.0
dBm
–1.5
0.7
1.5
–1.5
0.0
1.5
dB
–1.0
0.0
1.0
–10.0
–3.0
dBm
0.07
0.5
%
57.0
60.0
dB
1.55
1.95
2.35
V
–78
–70
dB
–75
–65
–43.0
–39.0
–35.0
dBm
–62.5
–58.5
–54.5
0.0
1.0
µA
0.28
1.0
V
1.0
3.0
mA
3.4
3.6
V
0.0
0.8
2.5
Vcc
Current consumption
TAPE IN input sensitivity
Decode boost 1
Decode boost 2
Decode boost 3
Decode boost 4
Decode boost 5
TAPE IN total harmonic distortion 1
TAPE IN total harmonic distortion 2
Decode S/N ratio
Signal handling
Cross talk TAPE 1ch
→2ch
LINEOUT offset voltage
120µs FWD frequency characteristics
120µs FWD frequency characteristics
70µs FWD frequency characteristics
120µs RVS frequency characteristics
Signal handling
Total harmonic distortion
S/N ratio
Output offset voltage
Cross talk between channels
Cross talk between RVS and FWD
Signal detection level 1
Signal detection level 2
MS output leak current
MS output saturation voltage
PBFB boost-charge current
Boost charge ON VCT level
Boost charge OFF VCT level
Logic voltage
Item
Symbol
Measurement conditions
Min.
Typ.
Max.
Unit
(input pin, input level, frequency etc.)
Dolby block (Dolby level -6dBm=0dB)
Playback equalizer amplifier block
Interval detection between tracks (MUSIC SENSOR) block
Boost charge circuit block


Numéro de pièce similaire - CXA1910

FabricantNo de pièceFiches techniqueDescription
logo
Sony Corporation
CXA1911 SONY-CXA1911 Datasheet
334Kb / 18P
   Dolby B/C Type Noise Reduction System with Playback Equalizer
CXA1911Q SONY-CXA1911Q Datasheet
334Kb / 18P
   Dolby B/C Type Noise Reduction System with Playback Equalizer
CXA1915AN SONY-CXA1915AN Datasheet
108Kb / 8P
   I-V Photo IC for MiniDisc
CXA1917AM SONY-CXA1917AM Datasheet
396Kb / 16P
   Dolby S type Noise Reduction Processor
CXA1917AS SONY-CXA1917AS Datasheet
396Kb / 16P
   Dolby S type Noise Reduction Processor
More results

Description similaire - CXA1910

FabricantNo de pièceFiches techniqueDescription
logo
Sony Corporation
CXA1580Q SONY-CXA1580Q Datasheet
351Kb / 17P
   Dolby B Type Noise Reduction System with Playback Equalizer
CXA1980Q SONY-CXA1980Q Datasheet
233Kb / 17P
   Dolby B Type Noise Reduction System with Playback Equalizer
CXA1897Q SONY-CXA1897Q Datasheet
396Kb / 22P
   Dolby B Type Noise Reduction System with Recording/Playback Equalizer
CXA2510AQ SONY-CXA2510AQ Datasheet
447Kb / 21P
   Dolby B Type Noise Reduction System with Playback Equalizer Amplifier
CXA2560Q SONY-CXA2560Q Datasheet
310Kb / 19P
   Dolby B Type Noise Reduction System with Playback Equalizer Amplifier
CXA1911Q SONY-CXA1911Q Datasheet
334Kb / 18P
   Dolby B/C Type Noise Reduction System with Playback Equalizer
CXA2511AQ SONY-CXA2511AQ Datasheet
565Kb / 21P
   Dolby B-C Type Noise Reduction System with Playback Equalizer Amplifier
CXA2561Q SONY-CXA2561Q Datasheet
324Kb / 20P
   Dolby B-C Type Noise Reduction System with Playback Equalizer Amplifier
CXA1878Q SONY-CXA1878Q Datasheet
1Mb / 36P
   Dolby B-C Type Noise Reduction System with Recording/Playback Equalizer Amplifier
CXA2502M SONY-CXA2502M Datasheet
209Kb / 11P
   Dolby B-C Type Noise Reduction System for Playback
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com