Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SMP500 Fiches technique(PDF) 1 Page - Bel Fuse Inc.

No de pièce SMP500
Description  Surface Mount Power Cross Protection Fuse
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  BEL [Bel Fuse Inc.]
Site Internet  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

SMP500 Fiches technique(HTML) 1 Page - Bel Fuse Inc.

  SMP500 Datasheet HTML 1Page - Bel Fuse Inc. SMP500 Datasheet HTML 2Page - Bel Fuse Inc. SMP500 Datasheet HTML 3Page - Bel Fuse Inc. SMP500 Datasheet HTML 4Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Type SMP
Surface Mount Power Cross Protection Fuse
RoHS 6 Compliant
SMP May2012D
Pb
Description
SMP Surface mount Power Cross Protection Fuses are
primarily intended for use in telecommunication circuit
applications requiring low current protection with high surge
tolerance.
SMP Series Fuse
tolerance.
These fuses will withstand transient surge currents
generated by lightning in accordance with the attached
table.
SMP fuse guard protected circuitry against sustained
overload or short circuit conditions. Such sustained
overloads may be generated by accidental contact between
utility cables and phone lines (power line cross).
SMP fuse are intended for use in circuits which require
compliance with the test requirements specified in UL/IEC
1950/60950 and Telcordia GR 1089, Issue 3.
Features
1950/60950 and Telcordia GR 1089, Issue 3.
- Surface mount power cross protection fuse.
- Designed to allow compliance with Telcordia GR-
SAFETY
AGENCY
E20624
AMPERE RANGE / VOLT
@ I.R.ABILITY
SAFETY AGENCY
CERTIFICATE
500mA - 2A / 125V @100A DC and
600V @60A AC
Safety Agency Approvals
- Designed to allow compliance with Telcordia GR-
1089-Core
- Designed to serve the requirements of a wide range
of telecommunication and networking equipment.
- Product is RoHS6 Compliant
500mA - 2A / 125V @100A DC and
600V @60A AC
Specifications Subject to change without notice.
Bel Fuse Inc. 206 Van Vorst Street, Jersey City, NJ 07302 ‧Tel: 201-432-0463 ‧Fax: 201-432-9542 ‧E-Mail: belfuse@belf.com
Website: www.belfuse.com


Numéro de pièce similaire - SMP500

FabricantNo de pièceFiches techniqueDescription
logo
Bel Fuse Inc.
SMP500 BEL-SMP500 Datasheet
92Kb / 2P
   Surface Mount Power Cross Protection Fuse
SMP500 BEL-SMP500 Datasheet
542Kb / 2P
   SURFACE MOUNT POWER CROSS PROTECTION FUSE
logo
Bi technologies
SMP500F BITECH-SMP500F Datasheet
1Mb / 2P
   SURFACE MOUNT MOULDED POWER RESISTOR
SMP500J BITECH-SMP500J Datasheet
1Mb / 2P
   SURFACE MOUNT MOULDED POWER RESISTOR
More results

Description similaire - SMP500

FabricantNo de pièceFiches techniqueDescription
logo
Bel Fuse Inc.
SMP BEL-SMP Datasheet
542Kb / 2P
   SURFACE MOUNT POWER CROSS PROTECTION FUSE
SMP500 BEL-SMP500 Datasheet
92Kb / 2P
   Surface Mount Power Cross Protection Fuse
SMP2 BEL-SMP2 Datasheet
297Kb / 2P
   Surface Mount Power Cross Protection Fuse
logo
List of Unclassifed Man...
B0500T ETC1-B0500T Datasheet
454Kb / 2P
   Telefuse SMD Power Cross Protection Fuse
logo
Bourns Electronic Solut...
B0500T BOURNS-B0500T_09 Datasheet
309Kb / 2P
   Telefuse SMD Power Cross Protection Fuse
logo
Bel Fuse Inc.
RJS100 BEL-RJS100 Datasheet
91Kb / 2P
   Telecom - Power Cross Protection & Ballast Protection
logo
List of Unclassifed Man...
CT06V5TR20 ETC-CT06V5TR20 Datasheet
356Kb / 6P
   Surface Mount Fuse
logo
NIC-Components Corp.
NFVC-H NIC-NFVC-H Datasheet
102Kb / 4P
   Surface Mount Fuse
NFCC_NFHC NIC-NFCC_NFHC Datasheet
96Kb / 5P
   Surface Mount Fuse
NFCC-NFHC NIC-NFCC-NFHC Datasheet
102Kb / 5P
   Surface Mount Fuse
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com