Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CXA1853Q Fiches technique(PDF) 8 Page - Sony Corporation

No de pièce CXA1853Q
Description  RGB Driver for LCD
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SONY [Sony Corporation]
Site Internet  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA1853Q Fiches technique(HTML) 8 Page - Sony Corporation

Back Button CXA1853Q Datasheet HTML 4Page - Sony Corporation CXA1853Q Datasheet HTML 5Page - Sony Corporation CXA1853Q Datasheet HTML 6Page - Sony Corporation CXA1853Q Datasheet HTML 7Page - Sony Corporation CXA1853Q Datasheet HTML 8Page - Sony Corporation CXA1853Q Datasheet HTML 9Page - Sony Corporation CXA1853Q Datasheet HTML 10Page - Sony Corporation CXA1853Q Datasheet HTML 11Page - Sony Corporation CXA1853Q Datasheet HTML 12Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 39 page
background image
– 8 –
CXA1853Q
46
R GAIN
Gain control for R signal
variable gain amplifier.
Preset internally to 3.3V.
VCC4
GND
80k
80k
48k
200
80µA
40µA
80µA
1k
46
47
Note) ∗ in the Pin voltage indicates external applied voltage.
1.6 to 5.0V∗
49
IREF
Sample-and -hold circuit
current setting.
VCC4
GND
2k
49
10k
5k
5k
200
51
52
53
VCC4
GND
6.2k
40µA
VCC4
GND
200
55k
54
PVCC
GND
200
100
56
57
58
59
100µA
1.2V
50
VCC4
5V power supply.
5.0V
51
GCADET B
B GCA circuit clamp
detection.
52
GCADET G
G GCA circuit clamp
detection.
53
GCADET R
R GCA circuit clamp
detection.
1.8V Typ.
54
SIG SEL
Selection of input signal to
Sample-and -hold circuit.
R and B signals selected
when High, G signal selected
when Low.
Input level: High
≥ 4V
Low
≤ 1V
0 to 5.0V∗
55
GND
GND.
56
SH4
Sample-and-hold pulse
input.
Input level: High
≥ 3.0V
Low
≤ 1.0V
Sampling when High, hold
when Low.
57
SH3
58
SH2
61
SH1
62
PVCC
5V power supply.
0V
5V
47
B GAIN
Gain control for B signal
variable gain amplifier.
Preset internally to 3.3V.
1.6 to 5.0V∗
48
GND
GND.
0V
5V
0V
Pin
NO.
Symbol
Pin voltage
Equivalent circuit
Description


Numéro de pièce similaire - CXA1853Q

FabricantNo de pièceFiches techniqueDescription
logo
Sony Corporation
CXA1853AQ SONY-CXA1853AQ Datasheet
699Kb / 39P
   RGB Driver for LCD
More results

Description similaire - CXA1853Q

FabricantNo de pièceFiches techniqueDescription
logo
Sony Corporation
CXA1819Q SONY-CXA1819Q Datasheet
387Kb / 20P
   RGB Driver for LCD
CXA1853AQ SONY-CXA1853AQ Datasheet
699Kb / 39P
   RGB Driver for LCD
logo
Panasonic Semiconductor
AN5371NS PANASONIC-AN5371NS Datasheet
145Kb / 2P
   RGB Signal Output for LCD TV
logo
Samsung semiconductor
S6B33B0A SAMSUNG-S6B33B0A Datasheet
423Kb / 76P
   144 RGB Segment & 177 Common Driver For 65,536 Color STN LCD
S6B33A2 SAMSUNG-S6B33A2 Datasheet
383Kb / 67P
   128 RGB Segment & 129 Common Driver For 4,096 Color STN LCD
S6B33B2 SAMSUNG-S6B33B2 Datasheet
1Mb / 79P
   132 RGB Segment & 162 Common Driver For 65,536 Color STN LCD
logo
Texas Instruments
LP55281 TI1-LP55281 Datasheet
1Mb / 35P
[Old version datasheet]   Quad RGB Driver
logo
National Semiconductor ...
LP55281 NSC-LP55281 Datasheet
1Mb / 28P
   Quad RGB Driver
logo
Samsung semiconductor
S6D0110 SAMSUNG-S6D0110 Datasheet
595Kb / 108P
   132 RGB Source & 176 Gate Driver With Internal GRAM FOR 65,536 Colors TFT-LCD
logo
List of Unclassifed Man...
MBI6010 ETC-MBI6010 Datasheet
187Kb / 4P
   3-Channel Driver for RGB LED Cluster
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com