Moteur de recherche de fiches techniques de composants électroniques |
|
UC2901MDREPG4 Fiches technique(PDF) 2 Page - Texas Instruments |
|
|
UC2901MDREPG4 Fiches technique(HTML) 2 Page - Texas Instruments |
2 / 9 page STATUS DRIVERB DRIVERA 700 A m 4K V IN MODULATOR 4K 700 A m V IN CT EXTCLK RT OSCILLATOR 3K 5K 10K BIAS BIAS BIAS X2 X1 1K 150mV 150mV STATUS AMPLIFIERS ERROR AMPLIFIER V IN V IN 2K V IN 150 A m 1.25V 2.5K 500 1.5-VOLTREFERENCE GND VREF COMP INV NI UC2901-EP SLUS709A – DECEMBER 2006 – REVISED MARCH 2010 www.ti.com UC2901 SIMPLIFIED SCHEMATIC Absolute Maximum Ratings (1) over operating free-air temperature range (unless otherwise noted) MIN MAX UNIT VIN Input supply voltage 40 V Reference output current –10 mA Driver output current –35 mA Status indicator voltage 40 V Status indicator current 20 mA External clock input 40 V Error amplifier inputs –0.5 35 V Power dissipation at TA = 25°C 1000 mW Operating junction temperature range –55 150 °C Storage temperature range(2) –65 150 °C Lead temperature (soldering, 10 seconds) 300 °C (1) Voltages are referenced to ground, pin 7. Currents are positive into, and negative out of the specified terminal. (2) Long-term high-temperature storage and/or extended use at maximum recommended operating conditions may result in a reduction of overall device life. See http://www.ti.com/ep_quality for additional information on enhanced plastic packaging. 2 Submit Documentation Feedback Copyright © 2006–2010, Texas Instruments Incorporated Product Folder Link(s): UC2901-EP |
Numéro de pièce similaire - UC2901MDREPG4 |
|
Description similaire - UC2901MDREPG4 |