Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UC1843-HIREL Fiches technique(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
No de pièce UC1843-HIREL
Description  CURRENT MODE PWM CONTROLLER (KNOWN GOOD DIE)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

UC1843-HIREL Fiches technique(HTML) 4 Page - Texas Instruments

  UC1843-HIREL Datasheet HTML 1Page - Texas Instruments UC1843-HIREL Datasheet HTML 2Page - Texas Instruments UC1843-HIREL Datasheet HTML 3Page - Texas Instruments UC1843-HIREL Datasheet HTML 4Page - Texas Instruments UC1843-HIREL Datasheet HTML 5Page - Texas Instruments UC1843-HIREL Datasheet HTML 6Page - Texas Instruments UC1843-HIREL Datasheet HTML 7Page - Texas Instruments UC1843-HIREL Datasheet HTML 8Page - Texas Instruments UC1843-HIREL Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
ELECTRICAL CHARACTERISTICS
Temp Stability +
V
REF
(max) * VREF (min)
TJ(max) * TJ (min)
VREF(max) and VREF(min) are the maximum and minimum reference voltages measured over
(6)
Gain defined as:
A + D
VPIN 1
DVPIN 3
, 0 v VPIN 3 v 0.8 V
UC1843-HiRel
SLUS896A – AUGUST 2009 – REVISED AUGUST 2009 .................................................................................................................................................. www.ti.com
Unless otherwise stated, these specifications apply for –55°C
≤ TA ≤ 125°C; VCC = 15 V
(1); R
T = 10 kW; CT = 3.3 nF,TA = TJ.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
REFERENCE SECTION
Output Voltage
TJ = 25°C, IO = 1 mA
4.95
5.00
5.05
V
Line Regulation
12
≤ VIN ≤ 25 V
6
20
mV
Load Regulation
1
≤ I0 ≤ 20 mA
6
25
Temperature Stability
See (2)(3)
0.2
0.4
mV/°C
Total Output Variation
Line, load, tempature (2)
4.9
5.1
V
Output Noise Voltage
10 Hz
≤ f ≤ 10 kHz, TJ = 25°C
(2)
50
µV
Long Term Stability
TA = 125°C, 1000 Hrs
(2)
5
25
mV
Output Short Circuit
–30
–100
–180
mA
OSCILLATOR SECTION
Initial Accuracy
TJ = 25°C
(4)
47
52
57
kHz
Voltage Stability
12
≤ VCC ≤ 25 V
0.2%
1%
Temperature Stability
TMIN ≤ TA ≤ TMAX
(2)
5%
Amplitude
VPIN 4 peak-to-peak
(2)
1.7
V
ERROR AMP SECTION
Input Voltage
VPIN 1 = 2.5 V
2.45
2.50
2.55
V
Input Bias Current
–0.3
–1
µA
AVOL
2
≤ VO ≤ 4 V
65
90
dB
Unity Gain Bandwidth
TJ = 25°C
(2)
0.7
1
MHz
PSRR
12
≤ VCC ≤ 25 V
60
70
dB
Output Sink Current
VPIN 2 = 2.7 V, VPIN 1 = 1.1 V
2
6
mA
Output Source Current
VPIN 2 = 2.3 V, VPIN 1 = 5 V
–0.5
–0.8
VOUT High
VPIN 2 = 2.3 V, RL = 15 kΩ to ground
5
6
V
VOUT Low
VPIN 2 = 2.7 V, RL = 15 kΩ to Pin 8
0.7
1.1
CURRENT SENSE SECTION
Gain
See (5)(6)
2.85
3
3.15
V/V
Maximum Input Signal
VPIN 1 = 5 V
(5)
0.9
1
1.1
V
PSRR
12
≤ VCC ≤ 25 V
(2) (5)
70
dB
Input Bias Current
–2
–10
µA
Delay to Output
VPIN 3 = 0 V to 2 V
(2)
150
300
ns
OUTPUT SECTION
ISINK = 20 mA
0.1
0.4
Output Low Level
ISINK = 200 mA
1.5
2.2
V
ISOURCE = 20 mA
13
13.5
Output High Level
ISOURCE = 200 mA
12
13.5
Rise Time
TJ = 25°C, CL = 1 nF
(2)
50
150
ns
Fall Time
TJ = 25°C, CL = 1nF
(2)
50
150
(1)
Adjust VCC above the start threshold before setting at 15 V.
(2)
These parameters, although specified, are not 100% tested in production.
(3)
Temperature stability, sometimes referred to as average temperature coefficient, is described by the equation:
the appropriate temperature range. Note that the extremes in voltage do not necessarily occur at the extremes in temperature.
(4)
Output frequency equals oscillator frequency.
(5)
Parameter measured at trip point of latch with VPIN 2 = 0.
4
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): UC1843-HiRel


Numéro de pièce similaire - UC1843-HIREL

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
UC1843-HIREL TI-UC1843-HIREL_15 Datasheet
182Kb / 10P
[Old version datasheet]   CURRENT MODE PWM CONTROLLER (KNOWN GOOD DIE)
More results

Description similaire - UC1843-HIREL

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
UC1843-HIREL TI-UC1843-HIREL_15 Datasheet
182Kb / 10P
[Old version datasheet]   CURRENT MODE PWM CONTROLLER (KNOWN GOOD DIE)
logo
M/A-COM Technology Solu...
AN3018 MA-COM-AN3018 Datasheet
69Kb / 2P
   Known Good Die Delivery Specification
logo
Texas Instruments
SMJ320C50KGDC TI1-SMJ320C50KGDC Datasheet
119Kb / 7P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR KNOWN GOOD DIE
TMP320C50KGD TI1-TMP320C50KGD_14 Datasheet
153Kb / 8P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR KNOWN GOOD DIE
TMP320C50KGD TI-TMP320C50KGD Datasheet
81Kb / 6P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR KNOWN GOOD DIE
SMJ320C30KGDM40C TI1-SMJ320C30KGDM40C Datasheet
133Kb / 10P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSOR KNOWN GOOD DIE
SMJ320C30KGDB TI-SMJ320C30KGDB Datasheet
116Kb / 9P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSOR KNOWN GOOD DIE
logo
NXP Semiconductors
UC3842 PHILIPS-UC3842 Datasheet
74Kb / 8P
   Current-mode PWM controller
August 31, 1994
logo
Daewoo Semiconductor
DBL3842 DAEWOO-DBL3842 Datasheet
467Kb / 8P
   CURRENT MODE PWM CONTROLLER
logo
BCD Semiconductor Manuf...
AP384XC BCDSEMI-AP384XC Datasheet
176Kb / 13P
   CURRENT MODE PWM CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com