Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TS321QDBVRQ1 Fiches technique(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
No de pièce TS321QDBVRQ1
Description  LOW-POWER SINGLE OPERATIONAL AMPLIFIER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TS321QDBVRQ1 Fiches technique(HTML) 4 Page - Texas Instruments

  TS321QDBVRQ1 Datasheet HTML 1Page - Texas Instruments TS321QDBVRQ1 Datasheet HTML 2Page - Texas Instruments TS321QDBVRQ1 Datasheet HTML 3Page - Texas Instruments TS321QDBVRQ1 Datasheet HTML 4Page - Texas Instruments TS321QDBVRQ1 Datasheet HTML 5Page - Texas Instruments TS321QDBVRQ1 Datasheet HTML 6Page - Texas Instruments TS321QDBVRQ1 Datasheet HTML 7Page - Texas Instruments TS321QDBVRQ1 Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
ELECTRICAL CHARACTERISTICS
TS321-Q1
SLOS647 – AUGUST 2009 ................................................................................................................................................................................................ www.ti.com
VCC+ = 5 V, VCC– = GND, VO = 1.4 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
TA
MIN
TYP
MAX
UNIT
25°C
0.5
4
RS = 0, 5 V < VCC+ < 30 V,
VIO
Input offset voltage
mV
0 < VIC < (VCC+ – 1.5 V)
Full range
5
25°C
2
30
IIO
Input offset current
nA
Full range
50
25°C
20
150
IIB
Input bias current(1)
nA
Full range
200
25°C
50
100
Large-signal differential voltage
VCC = 15 V, RL = 2 kΩ,
AVD
V/mV
amplification
VO = 1.4 V to 11.4 V
Full range
25
25°C
0
VCC+ – 1.5
VICR
Common-mode input voltage(2)
VCC = 30 V
V
Full range
0
VCC+ – 2
25°C
26
27
RL = 2 kΩ
Full range
25.5
VCC = 30 V
25°C
27
28
VOH
High-level output voltage
RL = 10 kΩ
V
Full range
26.5
25°C
3.5
VCC = 5 V
RL = 2 kΩ
Full range
3
25°C
5
15
VOL
Low-level output voltage
RL = 10 kΩ
mV
Full range
20
VCC = 30 V, VI = 10 mV, RL = 2 kΩ,
GBP
Gain bandwidth product
25°C
0.8
MHz
f = 100 kHz, CL = 100 pF
VCC = 15 V, VI = 0.5 V to 3 V,
SR
Slew rate
25°C
0.4
V/
µs
RL = 2 kΩ, CL = 100 pF, unity gain
φ
m
Phase margin
25°C
60
°
CMRR
Common-mode rejection ratio
RS ≤ 10 kΩ
25°C
65
85
dB
ISOURCE Output source current
VCC = 15 V, VO = 2 V, VID = 1 V
25°C
20
40
mA
VO = 2 V
25°C
10
20
mA
ISINK
Output sink current
VCC = 15 V, VID = 1 V
VO = 0.2 V
25°C
12
50
µA
IO
Short-circuit to GND
VCC = 15 V
25°C
40
60
mA
SVR
Supply-voltage rejection ratio
VCC = 5 V to 30 V
25°C
65
110
dB
VCC = 5 V
500
800
25°C
VCC = 30 V
600
900
ICC
Total supply current
No load
µA
VCC = 5 V
600
900
Full range
VCC = 30 V
1000
VCC = 30 V, VO = 2 Vpp, AV = 20 dB,
THD
Total harmonic distortion
25°C
0.015
%
RL = 2 kΩ, f = 1 kHz, CL = 100 pF
eN
Equivalent input noise voltage
VCC = 30 V, f = 1 kHz, RS = 100 Ω
25°C
50
nV/
√Hz
(1)
The direction of the input current is out of the device. This current essentially is constant, independent of the state of the output, so no
loading change exists on the input lines.
(2)
The input common-mode voltage of either input signal should not be allowed to go negative by more than 0.3 V. The upper end of the
common-mode voltage range is VCC+ – 1.5 V, but either or both inputs can go to 32 V without damage.
4
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): TS321-Q1


Numéro de pièce similaire - TS321QDBVRQ1

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
TS321 STMICROELECTRONICS-TS321 Datasheet
59Kb / 8P
   LOW POWER SINGLE OPERATIONAL AMPLIFIER
TS321 STMICROELECTRONICS-TS321 Datasheet
184Kb / 12P
   Low Power Single Operational Amplifier
logo
Texas Instruments
TS321 TI-TS321 Datasheet
259Kb / 8P
[Old version datasheet]   LOW-POWER SINGLE OPERATIONAL AMPLIFIER
logo
Taiwan Semiconductor Co...
TS321 TSC-TS321 Datasheet
291Kb / 6P
   Low Power Single Operational Amplifier
logo
STMicroelectronics
TS321 STMICROELECTRONICS-TS321 Datasheet
186Kb / 12P
   Low power single operational amplifier
More results

Description similaire - TS321QDBVRQ1

FabricantNo de pièceFiches techniqueDescription
logo
New Japan Radio
NJM2130 NJRC-NJM2130 Datasheet
143Kb / 3P
   LOW POWER SINGLE OPERATIONAL AMPLIFIER
logo
Texas Instruments
TS321 TI1-TS321 Datasheet
1Mb / 21P
[Old version datasheet]   Low-Power Single Operational Amplifier
logo
BCD Semiconductor Manuf...
AS321 BCDSEMI-AS321 Datasheet
218Kb / 11P
   LOW POWER SINGLE OPERATIONAL AMPLIFIER
logo
Texas Instruments
TL343IDBVRG4 TI1-TL343IDBVRG4 Datasheet
663Kb / 11P
[Old version datasheet]   SINGLE LOW-POWER OPERATIONAL AMPLIFIER
TS321 TI-TS321_10 Datasheet
368Kb / 11P
[Old version datasheet]   LOW-POWER SINGLE OPERATIONAL AMPLIFIER
TS321 TI-TS321 Datasheet
259Kb / 8P
[Old version datasheet]   LOW-POWER SINGLE OPERATIONAL AMPLIFIER
TL343 TI-TL343_06 Datasheet
124Kb / 8P
[Old version datasheet]   SINGLE LOW-POWER OPERATIONAL AMPLIFIER
TL343 TI-TL343 Datasheet
114Kb / 7P
[Old version datasheet]   SINGLE LOW-POWER OPERATIONAL AMPLIFIER
logo
TECH PUBLIC Electronics...
LM321SN3T1G TECHPUBLIC-LM321SN3T1G Datasheet
1Mb / 6P
   LOW POWER SINGLE OPERATIONAL AMPLIFIER
2021.6.15
logo
STMicroelectronics
TS321 STMICROELECTRONICS-TS321_05 Datasheet
184Kb / 12P
   Low Power Single Operational Amplifier
logo
Taiwan Semiconductor Co...
TS321 TSC-TS321 Datasheet
291Kb / 6P
   Low Power Single Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com