Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPIC5601 Fiches technique(PDF) 7 Page - Texas Instruments

No de pièce TPIC5601
Description  3-PHASE BRIDGE POWER DMOS ARRAY
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPIC5601 Fiches technique(HTML) 7 Page - Texas Instruments

Back Button TPIC5601 Datasheet HTML 3Page - Texas Instruments TPIC5601 Datasheet HTML 4Page - Texas Instruments TPIC5601 Datasheet HTML 5Page - Texas Instruments TPIC5601 Datasheet HTML 6Page - Texas Instruments TPIC5601 Datasheet HTML 7Page - Texas Instruments TPIC5601 Datasheet HTML 8Page - Texas Instruments TPIC5601 Datasheet HTML 9Page - Texas Instruments TPIC5601 Datasheet HTML 10Page - Texas Instruments TPIC5601 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
TPIC5601
3PHASE BRIDGE POWER DMOS ARRAY
SLIS022B − MARCH 1994 − REVISED OCTOBER 1995
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
TYPICAL CHARACTERISTICS
STATIC DRAIN-TO-SOURCE ON-STATE RESISTANCE
vs
DRAIN CURRENT
ID − Drain Current − A
0.4
0.3
0.2
0.1
0.5
0.6
0.7
0.8
0.9
1
0.01
0.10
1
10
VGS = 10 V
VGS = 15 V
TJ = 25°C
DRAIN CURRENT
vs
DRAIN-TO-SOURCE VOLTAGE
1
0
2
3
2
468
4
10
12
14
16
18
20
0
5
VDS − Drain-to-Source Voltage − V
VGS = 4 V
VGS = 3 V
VGS = 10 V
VGS = 15 V
nVGS = 0.2 V
TJ = 25°C
Unless
Otherwise Noted
Figure 7
Figure 8
DISTRIBUTION OF
FORWARD TRANSCONDUCTANCE
gfs − Forward Transconductance − S
0.2
0.1
0.05
0
0.25
0.15
DRAIN CURRENT
vs
GATE-TO-SOURCE VOLTAGE
3
2
1
0
4
5
6
1
234
8
7
5
6
789
10
0
TJ = 75°C
TJ = 125°C
TJ = 150°C
VGS − Gate-to-Source Voltage − V
Total Number of Units = 2196
TJ = 25°C
TJ = − 40°C
TJ = 25°C
Figure 9
Figure 10


Numéro de pièce similaire - TPIC5601

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPIC5621L TI1-TPIC5621L Datasheet
240Kb / 13P
[Old version datasheet]   SIX-OUTPUT POWER DMOS ARRAY
TPIC5621LDW TI1-TPIC5621LDW Datasheet
240Kb / 13P
[Old version datasheet]   SIX-OUTPUT POWER DMOS ARRAY
More results

Description similaire - TPIC5601

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPIC5404 TI1-TPIC5404 Datasheet
270Kb / 15P
[Old version datasheet]   H-BRIDGE POWER DMOS ARRAY
TPIC1310 TI-TPIC1310 Datasheet
231Kb / 11P
[Old version datasheet]   3-HALF H-BRIDGE GATE PROTECTED POWER DMOS ARRAY
TPIC1301 TI1-TPIC1301 Datasheet
269Kb / 14P
[Old version datasheet]   3-HALF H-BRIDGE GATE-PROTECTED POWER DMOS ARRAY
TPIC5424L TI1-TPIC5424L Datasheet
264Kb / 15P
[Old version datasheet]   H-BRIDGE LOGIC-LEVEL POWER DMOS ARRAY
TPIC5401 TI1-TPIC5401_16 Datasheet
566Kb / 17P
[Old version datasheet]   H-BRIDGE GATE-PROTECTED POWER DMOS ARRAY
TPIC5401 TI-TPIC5401 Datasheet
212Kb / 12P
[Old version datasheet]   H-BRIDGE GATE-PROTECTED POWER DMOS ARRAY
TPIC5302D TI1-TPIC5302D Datasheet
211Kb / 12P
[Old version datasheet]   3-CHANNEL INDEPENDENT POWER DMOS ARRAY
TPIC5302 TI-TPIC5302 Datasheet
171Kb / 11P
[Old version datasheet]   3-CHANNEL INDEPENDENT POWER DMOS ARRAY
TPIC1321L TI1-TPIC1321L Datasheet
273Kb / 14P
[Old version datasheet]   3-HALF H-BRIDGE GATE-PROTECTED LOGIC-LEVEL POWER DMOS ARRAY
TPIC3302 TI1-TPIC3302_11 Datasheet
219Kb / 12P
[Old version datasheet]   3-CHANNEL COMMON-DRAIN POWER DMOS ARRAY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com