Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPIC5322LD Fiches technique(PDF) 7 Page - Texas Instruments

No de pièce TPIC5322LD
Description  3-CHANNEL INDEPENDENT LOGIC-LEVEL POWER DMOS ARRAY
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPIC5322LD Fiches technique(HTML) 7 Page - Texas Instruments

Back Button TPIC5322LD Datasheet HTML 3Page - Texas Instruments TPIC5322LD Datasheet HTML 4Page - Texas Instruments TPIC5322LD Datasheet HTML 5Page - Texas Instruments TPIC5322LD Datasheet HTML 6Page - Texas Instruments TPIC5322LD Datasheet HTML 7Page - Texas Instruments TPIC5322LD Datasheet HTML 8Page - Texas Instruments TPIC5322LD Datasheet HTML 9Page - Texas Instruments TPIC5322LD Datasheet HTML 10Page - Texas Instruments TPIC5322LD Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
TPIC5322L
3CHANNEL INDEPENDENT LOGICLEVEL POWER DMOS ARRAY
SLIS034A − JUNE 1994 − REVISED NOVEMBER 1994
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
TYPICAL CHARACTERISTICS
125
100
50
25
0
225
75
0
4
8
1216
2024
175
150
200
CAPACITANCE
vs
DRAIN-TO-SOURCE VOLTAGE
250
28
32
36
40
VDS − Drain-to-Source Voltage − V
f = 1 MHz
VGS = 0
TJ = 25°C
Ciss
Coss
Crss
Figure 11
1
0.1
0.01
10
0.1
1
10
SOURCE-TO-DRAIN DIODE CURRENT
vs
SOURCE-TO-DRAIN VOLTAGE
VSD − Source-to-Drain Voltage − V
TJ = 150°C
TJ = 125°C
TJ = − 40°C
TJ = 25°C
TJ = 75°C
VGS = 0
Figure 12
Figure 13
6
4
2
0
0
0.5
1
1.5
2
2.5
3
10
12
DRAIN-TO-SOURCE VOLTAGE AND
GATE-TO-SOURCE VOLTAGE
vs
GATE CHARGE
14
8
30
20
10
0
50
60
70
40
Qg − Gate Charge − nC
16
80
VDD = 48 V
VDD = 20 V
ID = 0.5 A
TJ = 25°C
See Figure 3
VDD = 20 V
VDD = 30 V
Figure 14
75
50
25
0
0
100
200
100
125
150
300
400
500
600
Reverse di/dt − A/
µs
REVERSE-RECOVERY TIME
vs
REVERSE di/dt
VDS = 48 V
VGS = 0
IS = 0.5 A
TJ = 25°C
See Figure 1
Z1, Z2, and Z3
D1, D2, and D3


Numéro de pièce similaire - TPIC5322LD

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPIC5323L TI1-TPIC5323L Datasheet
251Kb / 13P
[Old version datasheet]   3-CHANNEL INDEPENDENT GATE-PROTECTED LOGIC-LEVEL POWER DMOS ARRAY
TPIC5323LD TI1-TPIC5323LD Datasheet
251Kb / 13P
[Old version datasheet]   3-CHANNEL INDEPENDENT GATE-PROTECTED LOGIC-LEVEL POWER DMOS ARRAY
More results

Description similaire - TPIC5322LD

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPIC5323L TI1-TPIC5323L Datasheet
251Kb / 13P
[Old version datasheet]   3-CHANNEL INDEPENDENT GATE-PROTECTED LOGIC-LEVEL POWER DMOS ARRAY
TPIC5423L TI-TPIC5423L Datasheet
199Kb / 11P
[Old version datasheet]   4-CHANNEL INDEPENDENT GATE-PROTECTED LOGIC-LEVEL POWER DMOS ARRAY
TPIC5223L TI-TPIC5223L Datasheet
285Kb / 13P
[Old version datasheet]   2-CHANNEL INDEPENDENT GATE-PROTECTED LOGIC-LEVEL POWER DMOS ARRAY
TPIC5223L TI1-TPIC5223L_11 Datasheet
268Kb / 13P
[Old version datasheet]   2-CHANNEL INDEPENDENT GATE-PROTECTED LOGIC-LEVEL POWER DMOS ARRAY
TPIC5302D TI1-TPIC5302D Datasheet
211Kb / 12P
[Old version datasheet]   3-CHANNEL INDEPENDENT POWER DMOS ARRAY
TPIC5302 TI-TPIC5302 Datasheet
171Kb / 11P
[Old version datasheet]   3-CHANNEL INDEPENDENT POWER DMOS ARRAY
TPIC2322L TI-TPIC2322L Datasheet
264Kb / 13P
[Old version datasheet]   3-CHANNEL COMMON-SOURCE LOGIC-LEVEL POWER DMOS ARRAY
TPIC3322L TI1-TPIC3322L Datasheet
217Kb / 12P
[Old version datasheet]   3-CHANNEL COMMON-DRAIN LOGIC-LEVEL POWER DMOS ARRAY
TPIC5303 TI1-TPIC5303 Datasheet
264Kb / 14P
[Old version datasheet]   3-CHANNEL INDEPENDENT GATE-PROTECTED POWER DMOS ARRAY
TPIC5424L TI1-TPIC5424L Datasheet
264Kb / 15P
[Old version datasheet]   H-BRIDGE LOGIC-LEVEL POWER DMOS ARRAY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com