Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TLC7701-Q1 Fiches technique(PDF) 8 Page - Texas Instruments

No de pièce TLC7701-Q1
Description  MICROPOWER SUPPLY VOLTAGE SUPERVISORS
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TLC7701-Q1 Fiches technique(HTML) 8 Page - Texas Instruments

Back Button TLC7701-Q1 Datasheet HTML 4Page - Texas Instruments TLC7701-Q1 Datasheet HTML 5Page - Texas Instruments TLC7701-Q1 Datasheet HTML 6Page - Texas Instruments TLC7701-Q1 Datasheet HTML 7Page - Texas Instruments TLC7701-Q1 Datasheet HTML 8Page - Texas Instruments TLC7701-Q1 Datasheet HTML 9Page - Texas Instruments TLC7701-Q1 Datasheet HTML 10Page - Texas Instruments TLC7701-Q1 Datasheet HTML 11Page - Texas Instruments TLC7701-Q1 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
TLC7701-Q1, TLC7705-Q1, TLC7733-Q1
MICROPOWER SUPPLY VOLTAGE SUPERVISORS
SGLS208A − OCTOBER 2003 − REVISED MAY 2008
8
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 3
1.005
−40
1.004
1.003
1.002
1.001
1
0.999
0.998
0.997
−20
0
20
40
60
80
100
120
TA − Temperature − °C
NORMALIZED INPUT THRESHOLD VOLTAGE
vs
TEMPERATURE
Figure 4
10
−0.5
9
8
7
6
5
4
3
2
0.5
1.5
2.5
3.5
4.5
5.5
6.5
VDD − Supply Voltage − V
1
0
−1
RESIN = VDD = −1 V to 6.5 V
SENSE = GND
CONTROL = GND
CT = Open = 100 pF
TA = 25°C
SUPPLY CURRENT
vs
SUPPLY VOLTAGE
Figure 5
4.5
5
4
3.5
3
2.5
2
1.5
1
0.5
0
−5
−10
−15
−20
−25
−40
IOH − High-Level Output Current − mA
0
−0.5
−1
VDD = 4.5 V
RESIN = 4.5 V
SENSE = 0.5 V
CONTROL = 0 V
CT = Open = 100 pF
5
125
°C
85
°C
25
°C
−40
°C
−55
°C
0
°C
HIGH-LEVEL OUTPUT VOLTAGE
vs
HIGH-LEVEL OUTPUT CURRENT
−30
−35
Figure 6
−5
6
5
4
3
2
0
5
10
15
20
25
30
IOL − Low-Level Output Current − mA
1
0
−1
VDD = 4.5 V
RESIN = 4.5 V
SENSE = 5 V
CONTROL = 0 V
CT = Open = 100 pF
−40
°C
−55
°C
125
°C
85
°C
25
°C
0
°C
LOW-LEVEL OUTPUT VOLTAGE
vs
LOW-LEVEL OUTPUT CURRENT


Numéro de pièce similaire - TLC7701-Q1

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TLC7701-Q1 TI1-TLC7701-Q1 Datasheet
1Mb / 18P
[Old version datasheet]   MICROPOWER SUPPLY VOLTAGE SUPERVISORS
TLC7701-Q1 TI1-TLC7701-Q1_16 Datasheet
1Mb / 18P
[Old version datasheet]   MICROPOWER SUPPLY VOLTAGE SUPERVISORS
More results

Description similaire - TLC7701-Q1

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TLC7725IDR TI-TLC7725IDR Datasheet
1Mb / 36P
[Old version datasheet]   Micropower Supply Voltage Supervisors
TLC7701MDREP TI1-TLC7701MDREP Datasheet
621Kb / 18P
[Old version datasheet]   MICROPOWER SUPPLY VOLTAGE SUPERVISORS
TLC7701 TI1-TLC7701_17 Datasheet
1Mb / 37P
[Old version datasheet]   Micropower Supply Voltage Supervisors
TLC7701IPWG4 TI-TLC7701IPWG4 Datasheet
1Mb / 36P
[Old version datasheet]   Micropower Supply Voltage Supervisors
TLC7705MJGB TI1-TLC7705MJGB Datasheet
1Mb / 36P
[Old version datasheet]   Micropower Supply Voltage Supervisors
TLC7701 TI1-TLC7701_12 Datasheet
1Mb / 32P
[Old version datasheet]   Micropower Supply Voltage Supervisors
TLC7701-Q1 TI1-TLC7701-Q1_16 Datasheet
1Mb / 18P
[Old version datasheet]   MICROPOWER SUPPLY VOLTAGE SUPERVISORS
TLC7701-EP TI-TLC7701-EP Datasheet
214Kb / 11P
[Old version datasheet]   MICROPOWER SUPPLY VOLTAGE SUPERVISORS
TLC7701 TI1-TLC7701_16 Datasheet
1Mb / 38P
[Old version datasheet]   Micropower Supply Voltage Supervisors
TLC7701 TI-TLC7701 Datasheet
304Kb / 19P
[Old version datasheet]   MICROPOWER SUPPLY VOLTAGE SUPERVISORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com