Moteur de recherche de fiches techniques de composants électroniques |
|
TLC542IDW Fiches technique(PDF) 4 Page - Texas Instruments |
|
TLC542IDW Fiches technique(HTML) 4 Page - Texas Instruments |
4 / 12 page TLC542C, TLC542I 8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 INPUTS SLAS075C – FEBRUARY 1989 – REVISED JUNE 2001 4 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 recommended operating conditions, VCC = 4.75 to 5.5 V MIN NOM MAX UNIT Supply voltage, VCC 4.75 5 5.5 V Positive reference voltage, Vref + (see Note 2) Vref– VCC VCC + 0.1 V Negative reference voltage, Vref – (see Note 2) – 0.1 0 Vref+ V Differential reference voltage, Vref+ – Vref– (see Note 2) 1 VCC VCC + 0.2 V Analog input voltage (see Note 3) 0 VCC V High-level control input voltage, VIH 2 V Low-level control input voltage, VIL 0.8 V Setup time, address bits at data input before I/O CLOCK ↑, tsu(A) 400 ns Hold time, address bits after I/O CLOCK ↑, th(A) 0 ns Hold time, CS low after 8th I/O CLOCK ↑, th(CS) 0 ns Setup time, CS low before clocking in first address bit, tsu(CS) (see Note 4) 3.8 µs Input/output clock frequency, f(clock I/O) 0 1.1 MHz Input/output clock high, tw(H I/O) 404 ns Input/output clock low, tw(L I/O) 404 ns I/O CLOCK transition time tt (see Note 3) fclock(I/O) ≤ 525 kHz 100 ns I/O CLOCK transition time, tt (see Note 3) fclock(I/O) > 525 kHz 40 ns Operating free air temperature TA TLC542C 0 70 °C Operating free-air temperature, TA TLC542I – 40 85 °C NOTES: 2. Analog input voltages greater than that applied to REF+ convert as all ones (11111111), while input voltages less than that applied to REF – convert as all zeros (00000000). For proper operation, REF+ must be at least 1 V higher than REF –. Also, the total unadjusted error may increase as this differential reference voltage falls below 4.75 V. 3. This is the time required for the clock input signal to fall from VIH min to VIL max or to rise from VIL max to VIH min. In the vicinity of normal room temperature, the devices function with input clock transition time as slow as 2 µs for remote data acquisition applications where the sensor and the A/D converter are placed several feet away from the controlling microprocessor. 4. To minimize errors caused by noise at the chip select input, the internal circuitry waits for two rising edges and one falling edge of the internal system clock after CS ↓ before responding to control input signals. The CS setup time is given by the tsu(CS) specifications. Therefore, no attempt should be made to clock-in address data until the minimum chip select setup time has elapsed. electrical characteristics over recommended operating temperature range, VCC = Vref+ = 4.75 V to 5.5 V, f(clock I/O) = 1.1 MHz (unless otherwise noted) PARAMETER TEST CONDITIONS MIN TYP† MAX UNIT VOH High-level output voltage (DATA OUT) VCC = 4.75 V, IOH = – 360 µA 2.4 V VOL Low-level output voltage VCC = 4.75 V, IOL = 1.6 mA 0.4 V Off state (high impedance state) output current VO = VCC, CS at VCC 10 µA Off-state (high-impedance state) output current VO = 0, CS at VCC –10 µA IIH High-level input current VI = VCC 0.005 2 µA IIL Low-level input current VI = 0 – 0.005 – 2.5 µA ICC Operating supply current CS at 0 V 1.2 2 mA Selected channel leakage current Selected channel at VCC and unselected channel at 0 V 0.4 µA Selected channel leakage current Selected channel at 0 V and unselected channel at VCC – 0.4 µA Iref Maximum static analog reference current into REF+ Vref+ = VCC, Vref – = GND 10 µA Ci Input capacitance Analog inputs 7 55 pF Ci Input capacitance Control inputs 5 15 pF † All typical values are at TA = 25°C. |
Numéro de pièce similaire - TLC542IDW |
|
Description similaire - TLC542IDW |