Moteur de recherche de fiches techniques de composants électroniques |
|
SN74LV240 Fiches technique(PDF) 2 Page - Texas Instruments |
|
SN74LV240 Fiches technique(HTML) 2 Page - Texas Instruments |
2 / 7 page SN54LV240, SN74LV240 OCTAL BUFFERS/DRIVERS WITH 3STATE OUTPUTS SCLS193B − FEBRUARY 1993 − REVISED APRIL 1996 2 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 POST OFFICE BOX 1443 • HOUSTON, TEXAS 77251−1443 logic symbol† logic diagram (positive logic) † This symbol is in accordance with ANSI/IEEE Std 91-1984 and IEC Publication 617-12. 1 2 4 6 8 19 11 13 15 17 3 5 7 9 12 14 16 18 1A1 1A2 1A3 1A4 1Y1 2A1 2A2 2A3 2A4 2Y1 1Y2 1Y3 1Y4 2Y2 2Y3 2Y4 1OE 2OE 2 1A1 4 1A2 6 1A3 8 1A4 EN 1 1Y1 18 1Y2 16 1Y3 14 1Y4 12 11 2A1 13 2A2 15 2A3 17 2A4 EN 19 2Y1 9 2Y2 7 2Y3 5 2Y4 3 1OE 2OE Pin numbers shown are for DB, DW, J, PW, and W packages. absolute maximum ratings over operating free-air temperature range (unless otherwise noted)‡ Supply voltage range, VCC −0.5 V to 7 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Input voltage range, VI (see Note 1) −0.5 V to VCC + 0.5 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Output voltage range, VO (see Notes 1 and 2) −0.5 V to VCC + 0.5 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Input clamp current, IIK (VI < 0 or VI > VCC) ±20 mA . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Output clamp current, IOK (VO < 0 or VO > VCC) ±50 mA . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Continuous output current, IO (VO = 0 to VCC) ±35 mA . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Continuous current through VCC or GND ±70 mA . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Maximum power dissipation at TA = 55°C (in still air) (see Note 3): DB package 0.6 W . . . . . . . . . . . . . . . . . . . DW package 1.6 W . . . . . . . . . . . . . . . . . . PW package 0.7 W . . . . . . . . . . . . . . . . . . . Storage temperature range, Tstg −65 °C to 150°C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ‡ Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. NOTES: 1. The input and output voltage ratings may be exceeded if the input and output current ratings are observed. 2. This value is limited to 7 V maximum. 3. The maximum package power dissipation is calculated using a junction temperature of 150 °C and a board trace length of 750 mils. |
Numéro de pièce similaire - SN74LV240 |
|
Description similaire - SN74LV240 |