Moteur de recherche de fiches techniques de composants électroniques |
|
SN74LV11ATPWRQ1 Fiches technique(PDF) 2 Page - Texas Instruments |
|
SN74LV11ATPWRQ1 Fiches technique(HTML) 2 Page - Texas Instruments |
2 / 10 page SN74LV11A-Q1 TRIPLE 3-INPUT POSITIVE-AND GATE SCES468D − JULY 2003 − REVISED JANUARY 2008 2 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 absolute maximum ratings over operating free-air temperature range (unless otherwise noted)† Supply voltage range, VCC −0.5 V to 7 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Input voltage range, VI (see Note 1) −0.5 V to 7 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Output voltage range applied in high or low state, VO (see Notes 1 and 2) −0.5 V to VCC + 0.5 V . . . . . . . . . . Voltage range applied to any output in the power-off state, VO (see Note 1) −0.5 V to 7 V . . . . . . . . . . . . . . . . Input clamp current, IIK (VI < 0) −20 mA . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Output clamp current, IOK (VO < 0) −50 mA . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Continuous output current, IO (VO = 0 to VCC) ±25 mA . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Continuous current through VCC or GND ±50 mA . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Package thermal impedance, θJA (see Note 3) 113 °C/W . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Storage temperature range, Tstg −65 °C to 150°C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . † Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. NOTES: 1. The input and output negative-voltage ratings may be exceeded if the input and output current ratings are observed. 2. This value is limited to 5.5 V maximum. 3. The package thermal impedance is calculated in accordance with JESD 51-7. recommended operating conditions (see Note 4) MIN MAX UNIT VCC Supply voltage 2 5.5 V VCC = 2 V 1.5 V High level input voltage VCC = 2.3 V to 2.7 V VCC × 0.7 V VIH High-level input voltage VCC = 3 V to 3.6 V VCC × 0.7 V VCC = 4.5 V to 5.5 V VCC × 0.7 VCC = 2 V 0.5 V Low level input voltage VCC = 2.3 V to 2.7 V VCC × 0.3 V VIL Low-level input voltage VCC = 3 V to 3.6 V VCC × 0.3 V VCC = 4.5 V to 5.5 V VCC × 0.3 VI Input voltage 0 5.5 V VO Output voltage 0 VCC V VCC = 2 V −50 µA I High level output current VCC = 2.3 V to 2.7 V −2 IOH High-level output current VCC = 3 V to 3.6 V −6 mA VCC = 4.5 V to 5.5 V −12 mA VCC = 2 V 50 µA I Low level output current VCC = 2.3 V to 2.7 V 2 IOL Low-level output current VCC = 3 V to 3.6 V 6 mA VCC = 4.5 V to 5.5 V 12 mA VCC = 2.3 V to 2.7 V 200 ∆t/∆v Input transition rise or fall rate VCC = 3 V to 3.6 V 100 ns/V ∆t/∆v Input transition rise or fall rate VCC = 4.5 V to 5.5 V 20 ns/V TA Operating free-air temperature −40 105 °C NOTE 4: All unused inputs of the device must be held at VCC or GND to ensure proper device operation. Refer to the TI application report, Implications of Slow or Floating CMOS Inputs, literature number SCBA004. |
Numéro de pièce similaire - SN74LV11ATPWRQ1 |
|
Description similaire - SN74LV11ATPWRQ1 |