Moteur de recherche de fiches techniques de composants électroniques |
|
SN74F378D Fiches technique(PDF) 2 Page - Texas Instruments |
|
SN74F378D Fiches technique(HTML) 2 Page - Texas Instruments |
2 / 7 page SN74F378 HEX DTYPE FLIPFLOP WITH CLOCK ENABLE SDFS030B − D2932, MARCH 1987 − REVISED OCTOBER 1993 2−2 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 POST OFFICE BOX 1443 • HOUSTON, TEXAS 77251−1443 logic diagram (positive logic) 15 6Q 14 1Q 3 1 9 C1 1D 2 C1 1D CLKEN CLK Four Identical Channels Not Shown 1D 6D absolute maximum ratings over operating free-air temperature range (unless otherwise noted)† Supply voltage range, VCC −0.5 V to 7 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Input voltage range, VI (see Note 1) −1.2 V to 7 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Input current range −30 mA to 5 mA . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Voltage range applied to any output in the high state −0.5 V to VCC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Current into any output in the low state 40 mA . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Operating free-air temperature range 0 °C to 70°C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Storage temperature range −65 °C to 150°C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . † Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only and functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. NOTE 1: The input-voltage ratings may be exceeded provided the input-current ratings are observed. recommended operating conditions MIN NOM MAX UNIT VCC Supply voltage 4.5 5 5.5 V VIH High-level input voltage 2 V VIL Low-level input voltage 0.8 V IIK Input clamp current −18 mA IOH High-level output current −1 mA IOL Low-level output current 20 mA TA Operating free-air temperature 0 70 °C |
Numéro de pièce similaire - SN74F378D |
|
Description similaire - SN74F378D |