Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CXA1741Q Fiches technique(PDF) 4 Page - Sony Corporation

No de pièce CXA1741Q
Description  IF Amplifier for Analog Cellular Communications
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SONY [Sony Corporation]
Site Internet  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA1741Q Fiches technique(HTML) 4 Page - Sony Corporation

  CXA1741Q Datasheet HTML 1Page - Sony Corporation CXA1741Q Datasheet HTML 2Page - Sony Corporation CXA1741Q Datasheet HTML 3Page - Sony Corporation CXA1741Q Datasheet HTML 4Page - Sony Corporation CXA1741Q Datasheet HTML 5Page - Sony Corporation CXA1741Q Datasheet HTML 6Page - Sony Corporation CXA1741Q Datasheet HTML 7Page - Sony Corporation CXA1741Q Datasheet HTML 8Page - Sony Corporation CXA1741Q Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
—4—
CXA1741Q
7
RSSI
1.2 V
8
GADJ
0.2 V
9
IF2
0.9 V
10
LIMPS
1.8 V
11
12
147
7
11
12
10
RSSI output. Outputs a
DC voltage in accordance
with the signal input to the
RF amplifier.
Adjusts the RSSI amplifier
gain (varies the resistance
so as to obtain a linear
RSSI output).
Limiter operation monitor.
Not used normally.
Connects a limiter
integrating capacitor.
Pin No.
Symbol
Pin voltage
I/O
Equivalent circuit
Description
DC
AC
resistance
8
7
147
147
147
11
12
9


Numéro de pièce similaire - CXA1741Q

FabricantNo de pièceFiches techniqueDescription
logo
Sony Corporation
CXA1742Q SONY-CXA1742Q Datasheet
277Kb / 19P
   IF Amplifier for Analog Cellular Communications
CXA1744AR SONY-CXA1744AR Datasheet
340Kb / 18P
   IF Amplifier for Digital Cordless Telephone
CXA1746Q SONY-CXA1746Q Datasheet
254Kb / 19P
   Electronic Volume
More results

Description similaire - CXA1741Q

FabricantNo de pièceFiches techniqueDescription
logo
Sony Corporation
CXA1742Q SONY-CXA1742Q Datasheet
277Kb / 19P
   IF Amplifier for Analog Cellular Communications
logo
Rohm
BH4138FV ROHM-BH4138FV Datasheet
127Kb / 10P
   2nd mixer and IF amplifier IC for digital cellular
logo
Epson ToYoCom
TQS-472BA-7R EPSONTOYOCOM-TQS-472BA-7R Datasheet
341Kb / 2P
   SAW FILTER FOR CELLULAR / IF
TQS-477AA-7R EPSONTOYOCOM-TQS-477AA-7R Datasheet
347Kb / 2P
   SAW FILTER FOR CELLULAR / IF
logo
Sony Corporation
CXA3328TN SONY-CXA3328TN Datasheet
519Kb / 15P
   Analog Signal Processor RX-IF IC for W-CDMA Cellular Phones
CXA3329ER SONY-CXA3329ER Datasheet
126Kb / 14P
   Analog Signal Processor TX-IF IC for W-CDMA Cellular Phones
logo
NEC
UPC8001 NEC-UPC8001 Datasheet
130Kb / 22P
   IF AMPLIFIER IC WITH ON-CHIP MIXER FOR DIGITAL CELLULAR PHONES
logo
Rohm
BH4128FV ROHM-BH4128FV Datasheet
106Kb / 8P
   Second Mixer IF for digital cellular phones
logo
Texas Instruments
TCM8030 TI1-TCM8030 Datasheet
547Kb / 91P
[Old version datasheet]   Baseband Processor for Analog Cellular Telephones
logo
Toshiba Semiconductor
TA31137FNG TOSHIBA-TA31137FNG Datasheet
578Kb / 16P
   IF DETECTOR IC FOR CORDLESS AND CELLULAR PHONES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com