Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
Nom de la pièce
         Description


CXA1702AR Datasheet(Fiches technique) 6 Page - Sony Corporation

Numéro de pièce CXA1702AR
Description  4-channel REC/PB Amplifier for 8 mm VCR
Télécharger  24 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  SONY [Sony Corporation]
Site Internet  http://www.sony.co.jp
Logo 

 6 page
background image
—6—
CXA1702AR
21 XHRFSWP H: 2.3V
or more
L: 0.6V or
less input
22
RFSWP H: 2.3V
Same as for Pin 21
or more
L: 0.6V or
less input
23
REC2B
H: 2.3V
Same as for Pin 21
or more
L: 0.6V or
less input
24
REC2A
H: 2.3V
Same as for Pin 21
or more
L: 0.6V or
less input
25
REC1B
H: 2.3V
Same as for Pin 21
or more
L: 0.6V or
less input
26
VCC
4.75V
27
REC1A
H: 2.3V
Same as for Pin 21
or more
L: 0.6V or
less input
28
RAMP
H: 2.3V
Same as for Pin 21
or more
L: 0.6V or
less input
29
MTQ
1.8V to
4.75V
input
Input pin for 1/2RFSWP signal.
Input pin for RFSWP signal.
Goes L during recording and
turns on 2Bch recording amplifier
output bias current.
Goes L during recording and
turns on 2Ach recording amplifier
output bias current.
Goes L during recording and
turns on 1Bch recording amplifier
output bias current.
Power supply pin for main blocks
excluding recording and head
amplifiers.
Goes L during recording and
turns on 1Ach recording amplifier
output bias current.
Goes H during after-recording
and turns on recording amplifier
output bias current.
EVR adjusting pin for middle tune
Q. Increasing the input voltage
increases Q.
Pin
Symbol
Pin voltage
Equivalent circuit
Description
No.
DC
AC
140
37.5k
270
40µ
2.9V
40µ
12.5k
1.8V
29
140
2.15V
35µ
21




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24 


Datasheet Download



Numéro de composants électroniques

Numéro de pièceDescription des composantsHtml ViewFabricant
TA1250F4-CHANNEL RECORDING AMPLIFIER & PRE-AMPLIFIER FOR VCR 1 2 3 4 5 MoreToshiba Semiconductor
AN3389SBRecording/Playback Amplifier IC for 4-Head VCR 1 2 3 4 5 MorePanasonic Semiconductor
STV5712ADVANCED FM AUDIO PLAY-BACK AND RECORD AMPLIFIER FOR VCR 1 2 3 4 5 MoreSTMicroelectronics
STV5722A2-HEAD PLAYBACK AND RECORD AMPLIFIER FOR VCR 1 2 3 4 5 STMicroelectronics
AN3311KHead Amplifier ICs for 4-Head VCR 1 Panasonic Semiconductor
STV5715ADVANCED 2-HEAD PLAY-BACK AND RECORD AMPLIFIER FOR VCR 1 2 3 4 5 MoreSTMicroelectronics
STV5726A2-HEAD PLAYBACK AND RECORD AMPLIFIER FOR VCR 1 2 3 4 5 MoreSTMicroelectronics
BH7272KVTwo-channel VCR PRE / REC amplifier for Digital VCRs 1 2 3 4 5 MoreRohm
STV57284-HEAD VIDEO AND 2-HEADS HIFI AUDIO PLAYBACK AND RECORD AMPLIFIER FOR VCR 1 2 3 4 5 MoreSTMicroelectronics
CXA3238TN6/4-channel Read/Write Amplifier for GMR-Ind Head Hard Disk Drive 1 2 3 4 5 MoreSony Corporation

Lien URL

AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Favoris   |   Echange de liens   |   Fabricants
All Rights Reserved © Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl