Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
Nom de la pièce
         Description


CXA1702AR Datasheet(Fiches technique) 2 Page - Sony Corporation

Numéro de pièce CXA1702AR
Description  4-channel REC/PB Amplifier for 8 mm VCR
Télécharger  24 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  SONY [Sony Corporation]
Site Internet  http://www.sony.co.jp
Logo 

 
 2 page
background image
—2—
CXA1702AR
Block Diagram and Pin Configuration
49
50
51
52
53
54
55
56
57
58
59
60
61
62
63
64
RP_PB
DOP
DOCDET
RFAGCIN
RFAGCTC
RFAGCOUT
REFV
T2
YLEV_MTG
T1
LOWLEVEL
YIN
XDECK
CIN
GND2
AFMIN
REC1AOUT
REC1ACNT
VCC1CH
REC1BCNT
REC1BOUT
PB1BIN
GND1B
PBDUMP1B
PBDUMP2A
GND2A
PB2AIN
REC2AOUT
REC2ACNT
VCC2CH
REC2BCNT
REC2BOUT
40dB
HEAD
REC 1A
REC
RAMP
GEN
V/I
REC
15dB
40dB
REC 1B
HEAD
RAMP
GEN
V/I
HEAD
40dB
15dB
REC 2A
REC
RAMP
GEN
V/I
HEAD
15dB
40dB
REC 2B
REC
RAMP
GEN
V/I
VPSW1 VIDEO
PCM
VPSW2
VIDEO
PCM
VPSW3
VIDEO
PCM
VPSW4
VIDEO
PCM
YGCA
LOW
GCA
LOW
GCA
RF
AGC
BUFF
AGCDET
DOCDET
12dB
MT (-6dB)
PCMSW1 1A
1B
PCMSW3 (6dB)
1CH
2CH
MUTE
GND
1CH
2CH
MUTE
GND
PCMSW2 2A
2B
VIDEOSW1
2A
2B
1A
1B
VIDEOSW2
VIDEOSW3 (0dB)
1
1
1
1
1
1
2
22
21
20
19
18
17
23
24
25
26
27
28
29
30
31
32
15dB




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24 


Datasheet Download



Numéro de composants électroniques

Numéro de pièceDescription des composantsHtml ViewFabricant
TA1250F4-CHANNEL RECORDING AMPLIFIER & PRE-AMPLIFIER FOR VCR 1 2 3 4 5 MoreToshiba Semiconductor
AN3389SBRecording/Playback Amplifier IC for 4-Head VCR 1 2 3 4 5 MorePanasonic Semiconductor
STV5712ADVANCED FM AUDIO PLAY-BACK AND RECORD AMPLIFIER FOR VCR 1 2 3 4 5 MoreSTMicroelectronics
STV5722A2-HEAD PLAYBACK AND RECORD AMPLIFIER FOR VCR 1 2 3 4 5 STMicroelectronics
AN3311KHead Amplifier ICs for 4-Head VCR 1 Panasonic Semiconductor
STV5715ADVANCED 2-HEAD PLAY-BACK AND RECORD AMPLIFIER FOR VCR 1 2 3 4 5 MoreSTMicroelectronics
STV5726A2-HEAD PLAYBACK AND RECORD AMPLIFIER FOR VCR 1 2 3 4 5 MoreSTMicroelectronics
BH7272KVTwo-channel VCR PRE / REC amplifier for Digital VCRs 1 2 3 4 5 MoreRohm
STV57284-HEAD VIDEO AND 2-HEADS HIFI AUDIO PLAYBACK AND RECORD AMPLIFIER FOR VCR 1 2 3 4 5 MoreSTMicroelectronics
CXA3238TN6/4-channel Read/Write Amplifier for GMR-Ind Head Hard Disk Drive 1 2 3 4 5 MoreSony Corporation

Lien URL

AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Favoris   |   Echange de liens   |   Fabricants
All Rights Reserved © Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl