Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SN74ALS29861DWR Fiches technique(PDF) 5 Page - Texas Instruments

No de pièce SN74ALS29861DWR
Description  10-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

SN74ALS29861DWR Fiches technique(HTML) 5 Page - Texas Instruments

  SN74ALS29861DWR Datasheet HTML 1Page - Texas Instruments SN74ALS29861DWR Datasheet HTML 2Page - Texas Instruments SN74ALS29861DWR Datasheet HTML 3Page - Texas Instruments SN74ALS29861DWR Datasheet HTML 4Page - Texas Instruments SN74ALS29861DWR Datasheet HTML 5Page - Texas Instruments SN74ALS29861DWR Datasheet HTML 6Page - Texas Instruments SN74ALS29861DWR Datasheet HTML 7Page - Texas Instruments SN74ALS29861DWR Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
SN74ALS29861, SN74ALS29862
10BIT BUS TRANSCEIVERS WITH 3STATE OUTPUTS
SDAS097B − D2915, JANUARY 1986 − REVISED AUGUST 1988
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
5
SN74ALS29861 switching characteristics
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
TEST
CONDITIONS
See Figure 1
VCC = 5 V,
TA = 25°C
VCC = 4.75 V to 5.25 V,
TA = 0°C to 70°C
UNIT
PARAMETER
(INPUT)
(OUTPUT)
CONDITIONS
See Figure 1
MIN
TYP
MAX
MIN
MAX
UNIT
tPLH
CL = 300 pF
8
11
15
tPHL
A or B
B or A
CL = 300 pF
11
14
15
ns
tPLH
A or B
B or A
CL = 50 pF
4.8
6
8
ns
tPHL
CL = 50 pF
5.2
6.2
8
tPZH
CL = 300 pF
11
17
20
tPZL
GAB
or
A or B
CL = 300 pF
17
21
23
ns
tPZH
GAB
or
GBA
A or B
CL = 50 pF
6.5
12
15
ns
tPZL
GBA
CL = 50 pF
9.5
12
15
tPHZ
CL = 50 pF
11.2
16
17
tPLZ
GAB
or
A or B
CL = 50 pF
4.5
9
12
ns
tPHZ
or
GBA
A or B
CL = 5 pF
3.5
8
9
ns
tPLZ
GBA
CL = 5 pF
3.5
8
9
SN74ALS29862 switching characteristics
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
TEST
CONDITIONS
See Figure 1
VCC = 5 V,
TA = 25°C
VCC = 4.75 V to 5.25 V,
TA = 0°C to 70°C
UNIT
PARAMETER
(INPUT)
(OUTPUT)
CONDITIONS
See Figure 1
MIN
TYP
MAX
MIN
MAX
UNIT
tPLH
CL = 300 pF
7.3
10
14
tPHL
A or B
B or A
CL = 300 pF
10.5
12.9
14
ns
tPLH
A or B
B or A
CL = 50 pF
4
5.2
7
ns
tPHL
CL = 50 pF
4.9
5.9
7.5
tPZH
CL = 300 pF
11
17
20
tPZL
GAB
or
A or B
CL = 300 pF
17
21
23
ns
tPZH
GAB
or
GBA
A or B
CL = 50 pF
6.5
12
15
ns
tPZL
GBA
CL = 50 pF
9.5
12
15
tPHZ
CL = 50 pF
11.2
16
17
tPLZ
GAB
or
A or B
CL = 50 pF
4.5
9
12
ns
tPHZ
or
GBA
A or B
CL = 5 pF
3.5
8
9
ns
tPLZ
GBA
CL = 5 pF
3.5
8
9


Numéro de pièce similaire - SN74ALS29861DWR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN74ALS29863 TI-SN74ALS29863 Datasheet
81Kb / 5P
[Old version datasheet]   9-BIT TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALS29863 TI1-SN74ALS29863 Datasheet
145Kb / 8P
[Old version datasheet]   9-BIT TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALS29863DW TI-SN74ALS29863DW Datasheet
81Kb / 5P
[Old version datasheet]   9-BIT TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALS29863DW TI1-SN74ALS29863DW Datasheet
145Kb / 8P
[Old version datasheet]   9-BIT TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALS29863DWE4 TI1-SN74ALS29863DWE4 Datasheet
145Kb / 8P
[Old version datasheet]   9-BIT TRANSCEIVER WITH 3-STATE OUTPUTS
More results

Description similaire - SN74ALS29861DWR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN74BCT29862B TI1-SN74BCT29862B Datasheet
81Kb / 4P
[Old version datasheet]   10-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABT861 TI-SN54ABT861 Datasheet
119Kb / 7P
[Old version datasheet]   10-BIT TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABT162245 TI-SN54ABT162245 Datasheet
107Kb / 11P
[Old version datasheet]   16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54AHCT16245 TI-SN54AHCT16245 Datasheet
101Kb / 6P
[Old version datasheet]   16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABT16245A TI-SN54ABT16245A Datasheet
183Kb / 13P
[Old version datasheet]   16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
54ACT16863 TI-54ACT16863 Datasheet
108Kb / 6P
[Old version datasheet]   18-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
REVISED NOVEMBER 1996
54AC16245 TI-54AC16245 Datasheet
118Kb / 6P
[Old version datasheet]   16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
logo
Renesas Technology Corp
RD74LVC16245B RENESAS-RD74LVC16245B_15 Datasheet
112Kb / 10P
   16-bit Bus Transceivers with 3-state Outputs
logo
Texas Instruments
SN54ABT32245 TI-SN54ABT32245 Datasheet
133Kb / 8P
[Old version datasheet]   36-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABT16640 TI-SN54ABT16640_08 Datasheet
373Kb / 13P
[Old version datasheet]   16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com