Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SN74ALS758D Fiches technique(PDF) 1 Page - Texas Instruments

No de pièce SN74ALS758D
Description  QUADRUPLE BUS TRANSCEIVER WITH OPEN-COLLECTOR OUTPUTS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

SN74ALS758D Fiches technique(HTML) 1 Page - Texas Instruments

  SN74ALS758D Datasheet HTML 1Page - Texas Instruments SN74ALS758D Datasheet HTML 2Page - Texas Instruments SN74ALS758D Datasheet HTML 3Page - Texas Instruments SN74ALS758D Datasheet HTML 4Page - Texas Instruments SN74ALS758D Datasheet HTML 5Page - Texas Instruments SN74ALS758D Datasheet HTML 6Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
SN74ALS758
QUADRUPLE BUS TRANSCEIVER
WITH OPENCOLLECTOR OUTPUTS
SDAS078B − DECEMBER 1983 − REVISED JANUARY 1995
Copyright
1995, Texas Instruments Incorporated
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
Two-Way Asynchronous Communication
Between Data Buses
pnp Inputs Reduce dc Loading
Package Options Include Plastic
Small-Outline (D) Packages and Standard
Plastic (N) 300-mil DIPs
description
This quadruple bus transceiver is designed for
two-way asynchronous communication between
data buses.
The SN74ALS758 is characterized for operation
from 0
°C to 70°C.
FUNCTION TABLE
INPUTS
FUNCTION
OEAB
OEBA
FUNCTION
L
L
A to B
H
HB to A
H
L
Isolation
L
H
Latch A and B
(A = B)
logic symbol
logic diagram (positive logic)
B4
B3
B2
B1
OEBA
8
9
10
11
13
A4
A3
A2
A1
OEAB
6
5
4
3
1
3
A1
B1
11
EN2
1
EN1
13
OEBA
5
A3
6
A4
4
A2
B2
10
B3
9
B4
8
OEAB
1
2
† This symbol is in accordance with ANSI/IEEE Std 91-1984 and
IEC Publication 617-12.
D OR N PACKAGE
(TOP VIEW)
NC − No internal connection
1
2
3
4
5
6
7
14
13
12
11
10
9
8
OEAB
NC
A1
A2
A3
A4
GND
VCC
OEBA
NC
B1
B2
B3
B4
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.


Numéro de pièce similaire - SN74ALS758D

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN74ALS746 TI-SN74ALS746 Datasheet
200Kb / 4P
[Old version datasheet]   OCTAL BUFFERS AND LINE DRIVERS WITH INPUT PULL-UP RESISTORS
SN74ALS746 TI1-SN74ALS746 Datasheet
495Kb / 10P
[Old version datasheet]   OCTAL BUFFERS AND LINE DRIVERS WITH INPUT PULL-UP RESISTORS
SN74ALS746DW TI-SN74ALS746DW Datasheet
200Kb / 4P
[Old version datasheet]   OCTAL BUFFERS AND LINE DRIVERS WITH INPUT PULL-UP RESISTORS
SN74ALS746DW TI1-SN74ALS746DW Datasheet
495Kb / 10P
[Old version datasheet]   OCTAL BUFFERS AND LINE DRIVERS WITH INPUT PULL-UP RESISTORS
SN74ALS746DWR TI1-SN74ALS746DWR Datasheet
495Kb / 10P
[Old version datasheet]   OCTAL BUFFERS AND LINE DRIVERS WITH INPUT PULL-UP RESISTORS
More results

Description similaire - SN74ALS758D

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
HD74LS641-1 RENESAS-HD74LS641-1 Datasheet
177Kb / 6P
   Octal Bus Transceiver(non-inverted open-collector outputs)
logo
Texas Instruments
SN74ALS641A TI-SN74ALS641A_07 Datasheet
496Kb / 15P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH OPEN-COLLECTOR OUTPUTS
SN74ALS641A TI-SN74ALS641A Datasheet
115Kb / 7P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH OPEN-COLLECTOR OUTPUTS
SN54F621 TI1-SN54F621_16 Datasheet
632Kb / 14P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH OPEN-COLLECTOR OUTPUTS
SN54F621 TI-SN54F621 Datasheet
74Kb / 5P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH OPEN-COLLECTOR OUTPUTS
SN74ALS641A TI1-SN74ALS641A_16 Datasheet
1Mb / 18P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH OPEN-COLLECTOR OUTPUTS
logo
Fairchild Semiconductor
DM74ALS38A FAIRCHILD-DM74ALS38A Datasheet
48Kb / 4P
   Quadruple 2-Input NAND Buffer with Open-Collector Outputs
logo
Texas Instruments
SN54ALS03B TI-SN54ALS03B Datasheet
69Kb / 4P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND BUFFERS WITH OPEN-COLLECTOR OUTPUTS
SN54ALS38B TI-SN54ALS38B Datasheet
69Kb / 4P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND BUFFERS WITH OPEN-COLLECTOR OUTPUTS
SN54LS266 TI-SN54LS266 Datasheet
465Kb / 9P
[Old version datasheet]   QUADRUPLE 2-INPUT EXCLUSIVE-NOR GATES WITH OPEN-COLLECTOR OUTPUTS
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com