Moteur de recherche de fiches techniques de composants électroniques |
|
74HCT373BQ-Q100 Fiches technique(PDF) 2 Page - NXP Semiconductors |
|
74HCT373BQ-Q100 Fiches technique(HTML) 2 Page - NXP Semiconductors |
2 / 24 page 74HC_HCT373_Q100 All information provided in this document is subject to legal disclaimers. © NXP B.V. 2012. All rights reserved. Product data sheet Rev. 1 — 10 August 2012 2 of 24 NXP Semiconductors 74HC373-Q100; 74HCT373-Q100 Octal D-type transparent latch; 3-state 3. Ordering information 4. Functional diagram Table 1. Ordering information Type number Package Temperature range Name Description Version 74HC373D-Q100 40 C to +125 C SO20 plastic small outline package; 20 leads; body width 7.5 mm SOT163-1 74HCT373D-Q100 74HC373PW-Q100 40 C to +125 C TSSOP20 plastic thin shrink small outline package; 20 leads; body width 4.4 mm SOT360-1 74HCT373PW-Q100 74HC373BQ-Q100 40 C to +125 C DHVQFN20 plastic dual in-line compatible thermal enhanced very thin quad flat package; no leads; 20 terminals; body 2.5 4.5 0.85 mm SOT764-1 74HCT373BQ-Q100 Fig 1. Functional diagram 001aae050 LATCH 1 TO 8 D0 D1 D2 D3 D4 D5 D6 D7 3 4 7 8 13 14 17 18 11 1 Q0 Q1 Q2 Q3 Q4 Q5 Q6 Q7 2 5 6 9 12 15 16 19 3-STATE OUTPUTS LE OE Fig 2. Logic symbol Fig 3. IEC logic symbol 001aae048 D0 D1 D2 D3 D4 D5 D6 D7 OE LE Q0 Q1 Q2 Q3 Q4 Q5 Q6 Q7 11 1 19 16 15 12 9 6 5 2 18 17 14 13 8 7 4 3 001aae049 1 11 C1 1D 19 16 15 12 9 6 5 2 18 17 14 13 8 7 4 3 OE LE D7 D6 D5 D4 D3 D2 D1 D0 Q7 Q6 Q5 Q4 Q3 Q2 Q1 Q0 EN |
Numéro de pièce similaire - 74HCT373BQ-Q100 |
|
Description similaire - 74HCT373BQ-Q100 |