Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74AUP2G3404 Fiches technique(PDF) 3 Page - NXP Semiconductors

No de pièce 74AUP2G3404
Description  Low-power buffer and inverter
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

74AUP2G3404 Fiches technique(HTML) 3 Page - NXP Semiconductors

  74AUP2G3404 Datasheet HTML 1Page - NXP Semiconductors 74AUP2G3404 Datasheet HTML 2Page - NXP Semiconductors 74AUP2G3404 Datasheet HTML 3Page - NXP Semiconductors 74AUP2G3404 Datasheet HTML 4Page - NXP Semiconductors 74AUP2G3404 Datasheet HTML 5Page - NXP Semiconductors 74AUP2G3404 Datasheet HTML 6Page - NXP Semiconductors 74AUP2G3404 Datasheet HTML 7Page - NXP Semiconductors 74AUP2G3404 Datasheet HTML 8Page - NXP Semiconductors 74AUP2G3404 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
74AUP2G3404
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 1 — 22 August 2012
3 of 19
NXP Semiconductors
74AUP2G3404
Low-power buffer and inverter
6.
Pinning information
6.1 Pinning
6.2 Pin description
7.
Functional description
[1]
H = HIGH voltage level; L = LOW voltage level.
[1]
H = HIGH voltage level; L = LOW voltage level.
Fig 4.
Pin configuration SOT363
Fig 5.
Pin configuration SOT886
Fig 6.
Pin configuration SOT891,
SOT1115 and SOT1202
74AUP2G3404
1Y
2Y
1
2
3
6
VCC
5
4
aaa-002993
1A
GND
2A
74AUP2G3404
GND
1A
2A
VCC
1Y
2Y
2
3
1
5
4
6
Transparent top view
aaa-002994
VCC
1Y
2Y
2
3
1
5
4
6
GND
1A
2A
74AUP2G3404
Transparent top view
aaa-002991
Table 3.
Pin description
Symbol
Pin
Description
1A
1
data input
GND
2
ground (0 V)
2A
3
data input
2Y
4
data output
VCC
5
supply voltage
1Y
6
data output
Table 4.
Function table[1]
Input
Output
1A
1Y
LL
HH
Table 5.
Function table[1]
Input
Output
2A
2Y
LH
HL


Numéro de pièce similaire - 74AUP2G3404

FabricantNo de pièceFiches techniqueDescription
logo
Diodes Incorporated
74AUP2G3404 DIODES-74AUP2G3404 Datasheet
399Kb / 12P
   BUFFER AND INVERTER
logo
Nexperia B.V. All right...
74AUP2G3404 NEXPERIA-74AUP2G3404 Datasheet
250Kb / 16P
   Low-power buffer and inverter
Rev. 3 - 31 January 2022
logo
Diodes Incorporated
74AUP2G3404FW3 DIODES-74AUP2G3404FW3 Datasheet
399Kb / 12P
   BUFFER AND INVERTER
74AUP2G3404FW3-7 DIODES-74AUP2G3404FW3-7 Datasheet
399Kb / 12P
   BUFFER AND INVERTER
74AUP2G3404FW4 DIODES-74AUP2G3404FW4 Datasheet
399Kb / 12P
   BUFFER AND INVERTER
More results

Description similaire - 74AUP2G3404

FabricantNo de pièceFiches techniqueDescription
logo
Nexperia B.V. All right...
74AXP2G3404 NEXPERIA-74AXP2G3404 Datasheet
819Kb / 16P
   Low-power buffer and inverter
74AUP2G3404 NEXPERIA-74AUP2G3404 Datasheet
250Kb / 16P
   Low-power buffer and inverter
Rev. 3 - 31 January 2022
74AUP3G0434 NEXPERIA-74AUP3G0434 Datasheet
272Kb / 19P
   Low-power dual inverter and single buffer
74AUP3G3404 NEXPERIA-74AUP3G3404 Datasheet
271Kb / 19P
   Low-power dual buffer and single inverter
logo
Diodes Incorporated
74AUP2G3404 DIODES-74AUP2G3404 Datasheet
399Kb / 12P
   BUFFER AND INVERTER
logo
Nexperia B.V. All right...
74AUP2G0604 NEXPERIA-74AUP2G0604 Datasheet
846Kb / 20P
   Low-power inverting buffer with open-drain and inverter
logo
Unisonic Technologies
U74AUP1G06 UTC-U74AUP1G06_15 Datasheet
214Kb / 5P
   LOW-POWER SINGLE INVERTER BUFFER/DRIVER
U74AUP1G07 UTC-U74AUP1G07_15 Datasheet
217Kb / 5P
   LOW-POWER SINGLE INVERTER BUFFER/DRIVER
U74AUP1G14 UTC-U74AUP1G14_15 Datasheet
186Kb / 6P
   LOW-POWER SINGLE INVERTER BUFFER/DRIVER
logo
Minilogic Device Corpor...
ML74WLCF MINILOGIC-ML74WLCF Datasheet
145Kb / 4P
   Inverter (unbuffered) and Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com