Moteur de recherche de fiches techniques de composants électroniques |
|
TPS3808G33MDBVREP Fiches technique(PDF) 2 Page - Texas Instruments |
|
|
TPS3808G33MDBVREP Fiches technique(HTML) 2 Page - Texas Instruments |
2 / 15 page ABSOLUTE MAXIMUM RATINGS (1) TPS3808-EP SBVS103C – APRIL 2008 – REVISED NOVEMBER 2008 ................................................................................................................................................. www.ti.com This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with appropriate precautions. Failure to observe proper handling and installation procedures can cause damage. ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more susceptible to damage because very small parametric changes could cause the device not to meet its published specifications. ORDERING INFORMATION(1) PRODUCT(2) NOMINAL SUPPLY THRESHOLD VOLTAGE (VIT) TOP-SIDE MARKING VOLTAGE(3) TPS3808G01MDBVTEP Adjustable 0.405 V NXS TPS3808G09MDBVTEP(4) 0.9 V 0.84 V PREVIEW TPS3808G12MDBVTEP(4) 1.2 V 1.12 V PREVIEW TPS3808G125MDBVTEP(4) 1.25 V 1.16 V PREVIEW TPS3808G15MDBVTEP(4) 1.5 V 1.40 V PREVIEW TPS3808G18MDBVTEP(4) 1.8 V 1.67 V PREVIEW TPS3808G25MDBVTEP(4) 2.5 V 2.33 V PREVIEW TPS3808G30MDBVTEP(4) 3.0 V 2.79 V PREVIEW TPS3808G33MDBVREP 3.3 V 3.07 V CHK TPS3808G50MDBVTEP(4) 5.0 V 4.65 V PREVIEW (1) For the most current package and ordering information see the Package Option Addendum at the end of this document, or see the TI web site at www.ti.com. Devices are shipped on tape and reel with either 250 units per reel (part numbers ending with 'TEP') or 3000 units per reel (part numbers ending with 'REP'). (2) Package drawings, thermal data, and symbolization are available at www.ti.com/packaging. (3) Custom threshold voltages from 0.82 V to 3.3 V, 4.4 V to 5.0 V are available through the use of factory EEPROM programming. Minimum order quantities apply. Contact factory for details and availability. (4) Product Preview. Contact your TI sales representative for availability. Over operating junction temperature range, unless otherwise noted. TPS3808 UNIT Input voltage range, VDD –0.3 to 7.0 V CT voltage range, VCT –0.3 to VDD + 0.3 V Other voltage ranges: VRESET, VMR, VSENSE –0.3 to 7 V RESET pin current 5 mA Operating junction temperature range, TJ (2) –55 to +150 °C Storage temperature range, Tstg –65 to +150 °C ESD rating, HBM 2 kV ESD rating, CDM 500 V (1) Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated under the Electrical Characteristics is not implied. Exposure to absolute maximum rated conditions for extended periods may affect device reliability. (2) As a result of the low dissipated power in this device, it is assumed that TJ = TA. 2 Submit Documentation Feedback Copyright © 2008, Texas Instruments Incorporated Product Folder Link(s): TPS3808-EP |
Numéro de pièce similaire - TPS3808G33MDBVREP |
|
Description similaire - TPS3808G33MDBVREP |