Moteur de recherche de fiches techniques de composants électroniques |
|
TPIC5424L Fiches technique(PDF) 2 Page - Texas Instruments |
|
TPIC5424L Fiches technique(HTML) 2 Page - Texas Instruments |
2 / 15 page TPIC5424L HBRIDGE LOGICLEVEL POWER DMOS ARRAY SLIS026A − JUNE 1994 − REVISED NOVEMBER 1994 2 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 POST OFFICE BOX 1443 • HOUSTON, TEXAS 77251−1443 absolute maximum ratings over operating case temperature range (unless otherwise noted)† Drain-to-source voltage, VDS 60 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Source-to-GND voltage (Q1, Q3) 100 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Drain-to-GND voltage (Q1, Q3) 100 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Drain-to-GND voltage (Q2, Q4) 60 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Gate-to-source voltage, VGS ±20 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Continuous drain current, each output, TC = 25°C 1 A . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Continuous source-to-drain diode current, TC = 25°C 1 A . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Pulsed drain current, each output, Imax, TC = 25°C (see Note 1 and Figure 15) 3 A . . . . . . . . . . . . . . . . . . . . . Single-pulse avalanche energy, EAS, TC = 25°C (see Figure 4) 180 mJ . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Continuous total dissipation See Dissipation Rating Table . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Operating virtual junction temperature range, TJ −40 °C to 150°C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Operating case temperature range, TC −40 °C to 125°C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Storage temperature range −65 °C to 150°C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds 260 °C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . † Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. NOTE 1: Pulse duration = 10 ms and duty cycle = 2%. DISSIPATION RATING TABLE PACKAGE TC ≤ 25°C POWER RATING DERATING FACTOR ABOVE TC = 25°C TC = 125°C POWER RATING DW 1389 mW 11.1 mW/ °C 279 mW DW NE 1389 mW 2075 mW 11.1 mW/ C 16.6 mW/ °C 279 mW 415 mW |
Numéro de pièce similaire - TPIC5424L |
|
Description similaire - TPIC5424L |