Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CXA1498S Fiches technique(PDF) 2 Page - Sony Corporation

No de pièce CXA1498S
Description  Recording/Playback Equalizer Amplifier for Stereo Tape Recorder
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SONY [Sony Corporation]
Site Internet  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA1498S Fiches technique(HTML) 2 Page - Sony Corporation

  CXA1498S Datasheet HTML 1Page - Sony Corporation CXA1498S Datasheet HTML 2Page - Sony Corporation CXA1498S Datasheet HTML 3Page - Sony Corporation CXA1498S Datasheet HTML 4Page - Sony Corporation CXA1498S Datasheet HTML 5Page - Sony Corporation CXA1498S Datasheet HTML 6Page - Sony Corporation CXA1498S Datasheet HTML 7Page - Sony Corporation CXA1498S Datasheet HTML 8Page - Sony Corporation CXA1498S Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
– 2 –
CXA1498S/M
Pin Description and Equivalent Circuit
(Ta = 25°C, VCC = 8V, no signal)
Pin
No.
Symbol
DC
voltage
I/O
I/O
resistance
Equivalent circuit
Description
1
2
29
30
PBIN1 L
PBIN2 L
PBIN2 R
PBIN1 R
0V∗1
I—
Playback equalizer
amplifier input pins.
29
30
1
VCC
RFS
147
× 2
× 6
× 6
GND
2
4
27
PBFB2 L
PBFB2 R
2.5V∗1
——
Connection pins for
the capacitor that
determines the
playback equalizer
amplifier's time
constant
(120µs, 70µs, etc.)
4
27
VCC
RFS
147
× 5
× 5
GND
7k
6
MS OUT
2.5V∗1
O
147
Mixed output pin for
the L and R outputs of
the playback equalizer
amplifier.
VCC
147
GND
× 4
500
5k
× 2
500
VCC
6
3
28
PBFB1 L
PBFB1 R
0.8V∗1
68k
Playback equalizer
amplifier negative
feedback pins.
5
26
PBOUT L
PBOUT R
2.5V∗1
O
147
Playback equalizer
amplifier output pins.
5
26
28
VCC
RFS
147
× 6
× 6
GND
VCC
26
× 6
× 4
VCC
× 3
× 5
7k
147
10k
100k
10k
210k
500
500
3
5
To
10p
10p


Numéro de pièce similaire - CXA1498S

FabricantNo de pièceFiches techniqueDescription
logo
Sony Corporation
CXA1495M SONY-CXA1495M Datasheet
505Kb / 20P
   RECORDING EQUALIZER AMPLIFIER FOR STEREO CASSETTE DECKS
CXA1495P SONY-CXA1495P Datasheet
505Kb / 20P
   RECORDING EQUALIZER AMPLIFIER FOR STEREO CASSETTE DECKS
More results

Description similaire - CXA1498S

FabricantNo de pièceFiches techniqueDescription
logo
Sony Corporation
CXA1898Q SONY-CXA1898Q Datasheet
660Kb / 26P
   Recording/Playback Equalizer Amplifier
CXA1998BQ SONY-CXA1998BQ Datasheet
488Kb / 28P
   Recording/Playback Equalizer Amplifier
CXA1998AQ SONY-CXA1998AQ Datasheet
695Kb / 28P
   Recording/Playback Equalizer Amplifier
logo
Sanyo Semicon Device
LA4165M SANYO-LA4165M Datasheet
409Kb / 16P
   Recording/Playback IC for Micro-Cassette Tape Recorder
logo
Panasonic Semiconductor
AN6210 PANASONIC-AN6210 Datasheet
511Kb / 6P
   DUAL RECORDING AND PLAYBACK AMPLIFIER CIRCUIT FOR STEREO TAPE RECORDERS
logo
Sony Corporation
CXA1597M SONY-CXA1597M Datasheet
411Kb / 22P
   Recording Equalizer Amplifier for Stereo Cassette Decks
CXA1495P SONY-CXA1495P Datasheet
505Kb / 20P
   RECORDING EQUALIZER AMPLIFIER FOR STEREO CASSETTE DECKS
CXA1578P SONY-CXA1578P Datasheet
496Kb / 20P
   RECORDING EQUALIZER AMPLIFIER FOR STEREO CASSETTE DECKS
CXA1598M SONY-CXA1598M Datasheet
502Kb / 26P
   Recording Equalizer Amplifier for Stereo Cassette Decks
CXA1579P SONY-CXA1579P Datasheet
494Kb / 20P
   RECORDING EQUALIZER AMPLIFIER FOR STEREO CASSETTE DECKS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com