Moteur de recherche de fiches techniques de composants électroniques |
|
TLC7226MFKB Fiches technique(PDF) 8 Page - Texas Instruments |
|
|
TLC7226MFKB Fiches technique(HTML) 8 Page - Texas Instruments |
8 / 21 page TLC7226C, TLC7226I, TLC7226M QUADRUPLE 8BIT DIGITALTOANALOG CONVERTERS SLAS060F − JANUARY 1995 − REVISED APRIL 2009 8 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 PRINCIPLES OF OPERATION AGND bias for positive output offset (continued) _ + DAC A AGND DGND TLC7226† Vref OUTA 4 18 2 6 3 VDD 5 VSS VI Vbias † Digital inputs omitted for clarity. Figure 5. AGND Bias Circuit interface logic information Address lines A0 and A1 select which DAC accepts data from the input port. Table 2 shows the operations of the four DACs. Figure 6 shows the input control logic. When the WR signal is low, the input latches of the selected DAC are transparent and the output responds to activity on the data bus. The data is latched into the addressed DAC latch on the rising edge of WR. While WR is high, the analog outputs remain at the value corresponding to the data held in their respective latches. Table 2. Function Table CONTROL INPUTS OPERATION WR A1 A0 OPERATION H L ↑ L ↑ L ↑ L ↑ X L L L L H H H H X L L H H L L H H No operation Device not selected DAC A transparent DAC A latched DAC B transparent DAC B latched DAC C transparent DAC C latched DAC D transparent DAC D latched L = low, H = high, X = irrelevant |
Numéro de pièce similaire - TLC7226MFKB |
|
Description similaire - TLC7226MFKB |