Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CXA1390AQ Fiches technique(PDF) 8 Page - Sony Corporation

No de pièce CXA1390AQ
Description  S/H and AGC for CCD Camera
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SONY [Sony Corporation]
Site Internet  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA1390AQ Fiches technique(HTML) 8 Page - Sony Corporation

Back Button CXA1390AQ Datasheet HTML 4Page - Sony Corporation CXA1390AQ Datasheet HTML 5Page - Sony Corporation CXA1390AQ Datasheet HTML 6Page - Sony Corporation CXA1390AQ Datasheet HTML 7Page - Sony Corporation CXA1390AQ Datasheet HTML 8Page - Sony Corporation CXA1390AQ Datasheet HTML 9Page - Sony Corporation CXA1390AQ Datasheet HTML 10Page - Sony Corporation CXA1390AQ Datasheet HTML 11Page - Sony Corporation CXA1390AQ Datasheet HTML 12Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
– 8 –
CXA1390AQ/AR
Test Circuit
Note 1) Capacitor unit value at µF.
Note 2) Voltage in parentheses are those not specified in the Electrical Characteristics Test Conditions.
Note 3)
indicates a test pin. (For both AC and DC)
(3V )
(3V)
(3V)
(3V)
(3V)
(2V)
(2V)
(1.5V)
(5V)
(0V)
CSAGC SL
CSAGC GC
CS OUT
CS CCD GC
CS CCD SL
CS CLP
F3 OUT
F2 OUT
F1 OUT
GY OUT
DC OUT
XSH1
DET LEVEL
AGC CLP
AGC OUT
OP IN +
OP IN –
OP OUT
AGC CONT
AGC MAX
AGC SEL
XSHP
XSHD
CLP4
CLP
SH
LPF
GATE
SLICE
SLICE
GC
CLP
BLK
SH
LPF
CLP
BLK
GC
XSP3
XSP2
PBLK
PBLK
SH
LPF
CLP
BLK
XSP1
PBLK
CLP1
CLP1
CLP1
0.1
CLP4
0.1
0.1
VCC 5V
IN
0.1
0.1
0.1
0.1
10µ
0.1
0.1
(3V)
(3V)
(3V)
(3V)
CLP2
VCC 5V
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
19
20
21
22
23
24
25
26
27
28
29
30
40
39
38
37
36
35
34
31
32
33
41
42
43
44
45
46
47
48
1
18
10µ


Numéro de pièce similaire - CXA1390AQ

FabricantNo de pièceFiches techniqueDescription
logo
Sony Corporation
CXA1391Q SONY-CXA1391Q Datasheet
735Kb / 33P
   Processing IC for Complementary Color Mosaic CCD Camera
CXA1391R SONY-CXA1391R Datasheet
735Kb / 33P
   Processing IC for Complementary Color Mosaic CCD Camera
CXA1396D SONY-CXA1396D Datasheet
377Kb / 22P
   8-bit 125 MSPS Flash A/D Converter
CXA1398M SONY-CXA1398M Datasheet
526Kb / 20P
   RECORDING EQUALIZER IC FOR STEREO CASSETTE DECK
CXA1398P SONY-CXA1398P Datasheet
526Kb / 20P
   RECORDING EQUALIZER IC FOR STEREO CASSETTE DECK
More results

Description similaire - CXA1390AQ

FabricantNo de pièceFiches techniqueDescription
logo
Sony Corporation
CXA1439M SONY-CXA1439M Datasheet
141Kb / 8P
   CDS FOR CCD CAMERA
logo
Sharp Corporation
YH-7B58 SHARP-YH-7B58 Datasheet
386Kb / 16P
   SPECIPICATION FOR COLOR CCD CAMERA
logo
Sony Corporation
CXD2463R SONY-CXD2463R Datasheet
414Kb / 37P
   Timing Controller for CCD Camera
CXA1592Q SONY-CXA1592Q Datasheet
580Kb / 23P
   Encoder for CCD Color Camera
logo
Sharp Corporation
YH-7C12 SHARP-YH-7C12 Datasheet
306Kb / 14P
   SPECIFICATION FOR CCD CAMERA MODULE
logo
Panasonic Semiconductor
AN2130 PANASONIC-AN2130 Datasheet
641Kb / 7P
   Video Camera Gamma Correction and AGC Circuits
logo
A1 PROs co., Ltd.
AI4402 A1PROS-AI4402 Datasheet
190Kb / 14P
   Signal Processor for CCD Monochrome Camera
Ver1.0
logo
Rohm
BD6039GU ROHM-BD6039GU Datasheet
619Kb / 25P
   Power Supply for CCD Camera Module
BD6029GU ROHM-BD6029GU_10 Datasheet
515Kb / 20P
   Power Supply for CCD Camera Module
logo
Hamamatsu Corporation
C4880-20 HAMAMATSU-C4880-20 Datasheet
120Kb / 2P
   Digital CCD Camera
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com