Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CXA1166 Fiches technique(PDF) 5 Page - Sony Corporation

No de pièce CXA1166
Description  8-bit 250 MSPS Flash A/D Converter
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SONY [Sony Corporation]
Site Internet  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA1166 Fiches technique(HTML) 5 Page - Sony Corporation

  CXA1166 Datasheet HTML 1Page - Sony Corporation CXA1166 Datasheet HTML 2Page - Sony Corporation CXA1166 Datasheet HTML 3Page - Sony Corporation CXA1166 Datasheet HTML 4Page - Sony Corporation CXA1166 Datasheet HTML 5Page - Sony Corporation CXA1166 Datasheet HTML 6Page - Sony Corporation CXA1166 Datasheet HTML 7Page - Sony Corporation CXA1166 Datasheet HTML 8Page - Sony Corporation CXA1166 Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
– 5 –
CXA1166K
31
32
29
30
21
22
19
20
14
15
12
13
6
7
4
5
2
3
D7
D7
D6
D6
D5
D5
D4
D4
D3
D3
D2
D2
D1
D1
D0
D0
OR
OR
O
O
O
O
O
O
O
O
O
ECL
MSB and complementary
MSB output
D1 to D6: Output
D1 to D6: Complementary
output
LSB and complementary
LSB output
Overrange output;
Low level for overrange.
Overrange complementary
output;
High level for overrange.
37, 38,
42, 58,
62, 66,
67
AVEE
–5.2V
Analog supply.
Internally connected with
DVEE (resistance: 4 to 6
Ω).
43, 48,
51, 53,
56, 61
AGND
0V
Analog ground.
Separated from DGND.
8
28
DVEE
–5.2V
Digital supply.
Internally connected with
AVEE (resistance: 4 to 6
Ω).
18
DGND1
0V
Digital ground
16
17
DGND2
0V
Digital ground for output
drive
41, 44,
45, 46,
47, 57,
59, 60,
63
NC
No connected.
It is recommended to connect
these pins to AGND.
9, 10,
11, 23,
24, 25,
26, 27,
36, 68
NC
No connected.
It is recommended to connect
these pins to DGND.
DGND2
DVEE
Di
Di
16
17
8
28
DGND2
Internal
Analog
Circuit
Internal
Digital
Circuit
DGND1
AGND
Di
Di
DVEE
AVEE
4 to 6Ω
61
43
48
51
53
56
18
16 17
42
62
37
38
58
66
67
8
28
∗ For stable operation, all of these pins must be connected on the corresponding PCB pattern.
Pin
No.
Symbol
I/O
Standard
voltage level
Equivalent circuit
Description


Numéro de pièce similaire - CXA1166

FabricantNo de pièceFiches techniqueDescription
logo
Sony Corporation
CXA1163 SONY-CXA1163 Datasheet
473Kb / 15P
   DOLBY B TYPE NOISE REDUCTION SYSTEM
CXA1163M SONY-CXA1163M Datasheet
473Kb / 15P
   DOLBY B TYPE NOISE REDUCTION SYSTEM
CXA1163P SONY-CXA1163P Datasheet
473Kb / 15P
   DOLBY B TYPE NOISE REDUCTION SYSTEM
CXA1165M SONY-CXA1165M Datasheet
381Kb / 12P
   CATV and VHF TV Tuner
CXA1165P SONY-CXA1165P Datasheet
381Kb / 12P
   CATV and VHF TV Tuner
More results

Description similaire - CXA1166

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
HI1166Y INTERSIL-HI1166Y Datasheet
585Kb / 8P
   8-Bit 250 MSPS Flash A/D Converter
April 1995
HI1166 INTERSIL-HI1166_00 Datasheet
762Kb / 11P
   8-Bit, 250 MSPS, Flash A/D Converter
HI1166 INTERSIL-HI1166 Datasheet
125Kb / 12P
   8-Bit, 250 MSPS, Flash A/D Converter
September 1998
logo
Fairchild Semiconductor
SPT7725 FAIRCHILD-SPT7725 Datasheet
134Kb / 12P
   8-BIT, 300 MSPS, FLASH A/D CONVERTER
logo
Intersil Corporation
HI1396Y INTERSIL-HI1396Y Datasheet
424Kb / 8P
   8-Bit, 125 MSPS Flash A/D Converter
April 1995
logo
Sony Corporation
CXA1396D SONY-CXA1396D Datasheet
377Kb / 22P
   8-bit 125 MSPS Flash A/D Converter
logo
Intersil Corporation
HI1276 INTERSIL-HI1276 Datasheet
102Kb / 11P
   8-Bit, 500 MSPS, Flash A/D Converter
August 1997
HI1386 INTERSIL-HI1386 Datasheet
83Kb / 9P
   8-Bit, 75 MSPS, Flash A/D Converter
August 1997
HI1176 INTERSIL-HI1176_05 Datasheet
341Kb / 12P
   8-Bit, 20 MSPS, Flash A/D Converter
HI-5700 INTERSIL-HI-5700 Datasheet
746Kb / 12P
   8-Bit, 20 MSPS Flash A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com