Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CXA1102P Fiches technique(PDF) 1 Page - Sony Corporation

No de pièce CXA1102P
Description  DOLBY B TYPE NOISE REDUCTION SYSTEM
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SONY [Sony Corporation]
Site Internet  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA1102P Fiches technique(HTML) 1 Page - Sony Corporation

  CXA1102P Datasheet HTML 1Page - Sony Corporation CXA1102P Datasheet HTML 2Page - Sony Corporation CXA1102P Datasheet HTML 3Page - Sony Corporation CXA1102P Datasheet HTML 4Page - Sony Corporation CXA1102P Datasheet HTML 5Page - Sony Corporation CXA1102P Datasheet HTML 6Page - Sony Corporation CXA1102P Datasheet HTML 7Page - Sony Corporation CXA1102P Datasheet HTML 8Page - Sony Corporation CXA1102P Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
– 1 –
CXA1100P, CXA1101P/M, CXA1102P/M, CXA1163P/M
E90302A13-PP
Dolby∗ B Type Noise Reduction System
Description
CXA1100, CXA1101, CXA1102 and CXA1163 are
ICs including two separate Dolby B type noise
reduction processors. Seven devices with four Dolby
levels and two types of package are provided for
various applications. These devices feature very few
external
components,
which
is
achieved
by
integrated filter circuits using integrated thin film
capacitors with high capacitance.
Features
• Minimum number of external components
• NR ON/OFF and REC/PB switchs included
• Small package (DIP16, SOP16)
• Small supply current (~
—5.5mA, Typ.)
• Dual channel processors in one chip
Absolute Maximum Ratings (Ta = 25°C)
• Supply voltage
VCC
17
V
• Operating temperature
Topr –30 to +85 °C
• Storage temperature
Tstg –55 to +150 °C
• Allowable power dissipation
PD
DIP16 (A1100P/A1101P/A1102P/A1163P)900 mW
SOP16 (A1101M/A1102M/A1163M)
500
mW
Note 1) These
ICs
are
available
only
to
the
licensees of Dolby Laboratories Licensing
Corporation
from
whom
licensing
and
application information may be obtaind.
Note 2) "Dolby" and double
D symbols are trade
marks of Dolby Laboratories Licensing
Corporation.
Sony reserves the right to change products and specifications without prior notice. This information does not convey any license by
any implication or otherwise under any patents or other right. Application circuits shown, if any, are typical examples illustrating the
operation of the devices. Sony cannot assume responsibility for any problems arising out of the use of these circuits.
16 pin DIP (Plastic)
16 pin SOP (Plastic)
For the availability of this product, please contact the sales office.


Numéro de pièce similaire - CXA1102P

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
CXA1101 ETC2-CXA1101 Datasheet
2Mb / 31P
   SEMICONDUCTORS
logo
Sony Corporation
CXA1103 SONY-CXA1103 Datasheet
123Kb / 6P
   PHOTODIODE I-V CONVERSION AMPLIFIER
CXA1103AM SONY-CXA1103AM Datasheet
123Kb / 6P
   PHOTODIODE I-V CONVERSION AMPLIFIER
CXA1106 SONY-CXA1106 Datasheet
350Kb / 19P
   8-BIT 35 MSPS HIGH-SPEED D/A CONVERTER
CXA1106M SONY-CXA1106M Datasheet
350Kb / 19P
   8-BIT 35 MSPS HIGH-SPEED D/A CONVERTER
More results

Description similaire - CXA1102P

FabricantNo de pièceFiches techniqueDescription
logo
Hitachi Semiconductor
HA12134A HITACHI-HA12134A Datasheet
130Kb / 27P
   Dolby B-Type Noise Reduction System
12136AF HITACHI-12136AF Datasheet
101Kb / 27P
   Dolby B-Type Noise Reduction System
logo
Sony Corporation
CXA1550P SONY-CXA1550P Datasheet
232Kb / 16P
   Dolby B type Noise Reduction System
CXA1330S SONY-CXA1330S Datasheet
381Kb / 18P
   DOLBY B/C TYPE NOISE REDUCTION SYSTEM
CXA1560S SONY-CXA1560S Datasheet
347Kb / 18P
   Dolby B-C Type Noise Reduction System
CX20188 SONY-CX20188 Datasheet
1Mb / 22P
   DOLBY B-C TYPE NOISE REDUCTION SYSTEM
logo
New Japan Radio
NJM2085 NJRC-NJM2085 Datasheet
160Kb / 4P
   PREAMPLIFIER AND DOLBY B TYPE NOISE REDUCTION SYSTEM
logo
NTE Electronics
NTE2000 NTE-NTE2000 Datasheet
82Kb / 2P
   Integrated Circuit Dolby B Type Noise Reduction System
logo
Hitachi Semiconductor
HA12141NT HITACHI-HA12141NT Datasheet
392Kb / 63P
   Dolby B- and C-Type Noise Reduction System
logo
National Semiconductor ...
LM1141 NSC-LM1141 Datasheet
172Kb / 5P
   DOLBY B-C TYPE NOISE REDUCTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com