Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

KIC3213MF12 Fiches technique(PDF) 6 Page - KEC(Korea Electronics)

No de pièce KIC3213MF12
Description  150mA CMOS High Performance LDO Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  KEC [KEC(Korea Electronics)]
Site Internet  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KIC3213MF12 Fiches technique(HTML) 6 Page - KEC(Korea Electronics)

  KIC3213MF12 Datasheet HTML 1Page - KEC(Korea Electronics) KIC3213MF12 Datasheet HTML 2Page - KEC(Korea Electronics) KIC3213MF12 Datasheet HTML 3Page - KEC(Korea Electronics) KIC3213MF12 Datasheet HTML 4Page - KEC(Korea Electronics) KIC3213MF12 Datasheet HTML 5Page - KEC(Korea Electronics) KIC3213MF12 Datasheet HTML 6Page - KEC(Korea Electronics) KIC3213MF12 Datasheet HTML 7Page - KEC(Korea Electronics) KIC3213MF12 Datasheet HTML 8Page - KEC(Korea Electronics) KIC3213MF12 Datasheet HTML 9Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
2012. 7. 5
6/9
KIC3213MF12~33
Revision No : 2
5
4
3.340
3.300
3.260
0
20406080
100
KIC3213MF33
6
10
-40
50
25
0
-25
85
75
60
50
40
30
20
3.15
3.10
3.05
3.00
KIC3213MF33
85
75
50
25
0
-25
-40
3.45
3.40
3.35
3.30
3.25
3.20
3.50
KIC3213MF33
Input Voltage VIN (V)
012345
0
KIC3213MF33
60
40
20
100
80
VIN=4.3V
Input Voltage
Onput Voltage
VIN=4.3V
150
0
3.30
3.35
3.40
3.25
3.20
0
20406080
100
KIC3213MF33
300
Output Current
Onput Voltage
3) Output Voltage vs. Temperature
(CIN = COUT = 0.47㎌, IOUT =1mA)
4) Ground Current vs. Temperature
(CIN = COUT = 0.47㎌, IOUT =0A)
5) Input Transient Response
(IOUT =30mA, tr =tf =5㎲, TOPR=25℃)
6) Load Transient Response
(CIN = COUT = 0.47㎌, TOPR =25℃)


Numéro de pièce similaire - KIC3213MF12

FabricantNo de pièceFiches techniqueDescription
logo
KEC(Korea Electronics)
KIC3213MF12 KEC-KIC3213MF12 Datasheet
457Kb / 9P
   SEMICONDUCTOR
More results

Description similaire - KIC3213MF12

FabricantNo de pièceFiches techniqueDescription
logo
Advanced Analogic Techn...
AAT3215 ANALOGICTECH-AAT3215_06 Datasheet
348Kb / 18P
   150mA CMOS High Performance LDO
logo
Advanced Analog Technol...
AAT3215 AAT-AAT3215 Datasheet
348Kb / 18P
   150mA CMOS High Performance LDO
logo
Advanced Analogic Techn...
AAT3215 ANALOGICTECH-AAT3215 Datasheet
283Kb / 16P
   150mA CMOS High Performance LDO
logo
KEC(Korea Electronics)
KIC3210T-025 KEC-KIC3210T-025 Datasheet
431Kb / 5P
   CMOS Linear Integrated Circuit 150mA CMOS High Performance LDO Regulator
logo
Catalyst Semiconductor
CAT6217 CATALYST-CAT6217 Datasheet
266Kb / 10P
   150mA CMOS LDO Regulator
logo
Seaward Electronics Inc...
SE5168 SEAWARD-SE5168 Datasheet
215Kb / 8P
   150mA CMOS LDO Regulator
logo
Catalyst Semiconductor
CAT6217 CATALYST-CAT6217_08 Datasheet
274Kb / 10P
   150mA CMOS LDO Regulator
logo
List of Unclassifed Man...
SE5166 ETC1-SE5166 Datasheet
153Kb / 7P
   150mA CMOS LDO Regulator(Preliminary)
logo
California Micro Device...
CM3112 CALMIRCO-CM3112 Datasheet
277Kb / 14P
   150mA/1.2V CMOS LDO Regulator
logo
List of Unclassifed Man...
CYT6166 ETC2-CYT6166 Datasheet
1Mb / 7P
   150mA CMOS LDO Regulator (Preliminary)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com