Moteur de recherche de fiches techniques de composants électroniques |
|
UA78L15ACPKG3 Fiches technique(PDF) 6 Page - Texas Instruments |
|
|
UA78L15ACPKG3 Fiches technique(HTML) 6 Page - Texas Instruments |
6 / 27 page µA78L00 SERIES POSITIVE-VOLTAGE REGULATORS SLVS010S − JANUARY 1976 − REVISED FEBRUARY 2004 6 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 electrical characteristics at specified virtual junction temperature, VI = 12 V, IO = 40 mA (unless otherwise noted) PARAMETER TEST CONDITIONS T † µA78L06C µA78L06AC UNIT PARAMETER TEST CONDITIONS TJ† MIN TYP MAX MIN TYP MAX UNIT V 85Vt 20 V I 1A t 40A 25 °C 5.7 6.2 6.7 5.95 6.2 6.45 Output voltage VI = 8.5 V to 20 V, IO = 1 mA to 40 mA 0 °C to 125°C 5.6 6.8 5.9 6.5 V Output voltage IO = 1 mA to 70 mA 0 °C to 125°C 5.6 6.8 5.9 6.5 V Input VI = 8.5 V to 20 V 25 °C 35 200 35 175 mV Input voltage regulation VI = 9 V to 20 V 25 °C 29 150 29 125 mV Ripple rejection VI = 10 V to 20 V, f = 120 Hz 25 °C 39 48 40 48 dB Output IO = 1 mA to 100 mA 25 °C 16 80 16 80 mV Output voltage regulation IO = 1 mA to 40 mA 25 °C 9 40 9 40 mV Output noise voltage f = 10 Hz to 100 kHz 25 °C 46 46 µV Dropout voltage 25 °C 1.7 1.7 V Bias current 25 °C 3.9 6 3.9 6 mA Bias current 125 °C 5.5 5.5 mA Bias VI = 9 V to 20 V 0 °C to 125°C 1.5 1.5 mA Bias current change IO = 1 mA to 40 mA 0 °C to 125°C 0.2 0.1 mA † Pulse-testing techniques maintain TJ as close to TA as possible. Thermal effects must be taken into account separately. All characteristics are measured with a 0.33- µF capacitor across the input and a 0.1-µF capacitor across the output. electrical characteristics at specified virtual junction temperature, VI = 14 V, IO = 40 mA (unless otherwise noted) PARAMETER TEST CONDITIONS T † µA78L08C µA78L08AC UNIT PARAMETER TEST CONDITIONS TJ† MIN TYP MAX MIN TYP MAX UNIT V 105Vt 23 V I 1A t 40A 25 °C 7.36 8 8.64 7.7 8 8.3 Output voltage VI = 10.5 V to 23 V, IO = 1 mA to 40 mA 0 °C to 125°C 7.2 8.8 7.6 8.4 V Output voltage IO = 1 mA to 70 mA 0 °C to 125°C 7.2 8.8 7.6 8.4 V Input voltage VI = 10.5 V to 23 V 25 °C 42 200 42 175 mV Input voltage regulation VI = 11 V to 23 V 25 °C 36 150 36 125 mV Ripple rejection VI = 13 V to 23 V, f = 120 Hz 25 °C 36 46 37 46 dB Output voltage IO = 1 mA to 100 mA 25 °C 18 80 18 80 mV Output voltage regulation IO = 1 mA to 40 mA 25 °C 10 40 10 40 mV Output noise voltage f = 10 Hz to 100 kHz 25 °C 54 54 µV Dropout voltage 25 °C 1.7 1.7 V Bias current 25 °C 4 6 4 6 mA Bias current 125 °C 5.5 5.5 mA Bias VI = 11 V to 23 V 0 °C to 125°C 1.5 1.5 mA Bias current change IO = 1 mA to 40 mA 0 °C to 125°C 0.2 0.1 mA † Pulse-testing techniques maintain TJ as close to TA as possible. Thermal effects must be taken into account separately. All characteristics are measured with a 0.33- µF capacitor across the input and a 0.1-µF capacitor across the output. |
Numéro de pièce similaire - UA78L15ACPKG3 |
|
Description similaire - UA78L15ACPKG3 |