Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SN74GTLPH3245GKFR Fiches technique(PDF) 11 Page - Texas Instruments

No de pièce SN74GTLPH3245GKFR
Description  32-BIT LVTTL-TO-GTLP ADJUSTABLE-EDGE-RATE BUS TRANSCEIVER
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

SN74GTLPH3245GKFR Fiches technique(HTML) 11 Page - Texas Instruments

Back Button SN74GTLPH3245GKFR Datasheet HTML 7Page - Texas Instruments SN74GTLPH3245GKFR Datasheet HTML 8Page - Texas Instruments SN74GTLPH3245GKFR Datasheet HTML 9Page - Texas Instruments SN74GTLPH3245GKFR Datasheet HTML 10Page - Texas Instruments SN74GTLPH3245GKFR Datasheet HTML 11Page - Texas Instruments SN74GTLPH3245GKFR Datasheet HTML 12Page - Texas Instruments SN74GTLPH3245GKFR Datasheet HTML 13Page - Texas Instruments SN74GTLPH3245GKFR Datasheet HTML 14Page - Texas Instruments SN74GTLPH3245GKFR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
www.ti.com
PARAMETER MEASUREMENT INFORMATION
From Output
Under Test
CL = 50 pF
(see Note A)
LOAD CIRCUIT FOR A OUTPUTS
S1
Open
GND
500
500
TEST
tPLH/tPHL
tPLZ/tPZL
tPHZ/tPZH
S1
Open
6 V
GND
tPLH
tPHL
Output
Control
Output
Waveform 1
S1 at 6 V
(see Note B)
Output
Waveform 2
S1 at GND
(see Note B)
VOL
VOH
tPZL
tPZH
tPLZ
tPHZ
3 V
0 V
VOH
VOL
0 V
VOL + 0.3 V
VOH − 0.3 V
≈0 V
Input
3 V
3 V
VOLTAGE WAVEFORMS
PROPAGATION DELAY TIMES
(A port to B port)
VOLTAGE WAVEFORMS
ENABLE AND DISABLE TIMES
(A port)
Output
1.5 V
Test
Point
CL = 30 pF
(see Note A)
From Output
Under Test
12.5
LOAD CIRCUIT FOR B OUTPUTS
0 V
VOH
VOL
Input
VOLTAGE WAVEFORMS
PROPAGATION DELAY TIMES
(B port to A port)
Output
1.5 V
NOTES: A. CL includes probe and jig capacitance.
B. Waveform 1 is for an output with internal conditions such that the output is low, except when disabled by the output control.
Waveform 2 is for an output with internal conditions such that the output is high, except when disabled by the output control.
C. All input pulses are supplied by generators having the following characteristics: PRR
≈ 10 MHz, ZO = 50 Ω, tr ≈ 2 ns, tf ≈ 2 ns.
D. The outputs are measured one at a time, with one transition per measurement.
6 V
tPLH
tPHL
1.5 V
1.5 V
1.5 V
1.5 V
1.5 V
1.5 V
1.5 V
1.5 V
1 V
1 V
1 V
1 V
SN74GTLPH3245
32-BIT LVTTL-TO-GTLP ADJUSTABLE-EDGE-RATE BUS TRANSCEIVER
SCES291D – OCTOBER 1999 – REVISED JUNE 2005
Figure 1. Load Circuits and Voltage Waveforms
11


Numéro de pièce similaire - SN74GTLPH3245GKFR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN74GTLPH32912 TI1-SN74GTLPH32912 Datasheet
388Kb / 17P
[Old version datasheet]   36-BIT LVTTL-TO-GTLP UNIVERSAL BUS TRANSCEIVER
SN74GTLPH32912ZKFR TI1-SN74GTLPH32912ZKFR Datasheet
388Kb / 17P
[Old version datasheet]   36-BIT LVTTL-TO-GTLP UNIVERSAL BUS TRANSCEIVER
SN74GTLPH32916 TI1-SN74GTLPH32916 Datasheet
397Kb / 18P
[Old version datasheet]   34-BIT LVTTL-TO-GTLP UNIVERSAL BUS TRANSCEIVER WITH BUFFERED CLOCK OUTPUTS
SN74GTLPH32916ZKFR TI1-SN74GTLPH32916ZKFR Datasheet
397Kb / 18P
[Old version datasheet]   34-BIT LVTTL-TO-GTLP UNIVERSAL BUS TRANSCEIVER WITH BUFFERED CLOCK OUTPUTS
SN74GTLPH32945 TI-SN74GTLPH32945 Datasheet
282Kb / 15P
[Old version datasheet]   32-BIT LVTTL-TO-GTLP BUS TRANSCEIVER
More results

Description similaire - SN74GTLPH3245GKFR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN74GTLPH1645 TI1-SN74GTLPH1645_15 Datasheet
1Mb / 22P
[Old version datasheet]   16-BIT LVTTL-TO-GTLP ADJUSTABLE-EDGE-RATE BUS TRANSCEIVER
SN74GTLPH1645 TI-SN74GTLPH1645 Datasheet
259Kb / 17P
[Old version datasheet]   16-BIT LVTTL-TO-GTLP ADJUSTABLE-EDGE-RATE BUS TRANSCEIVER
SN74GTLPH1612 TI-SN74GTLPH1612 Datasheet
157Kb / 15P
[Old version datasheet]   18-BIT LVTTL-TO-GTLP ADJUSTABLE-EDGE-RATE UNIVERSAL BUS TRANSCEIVER
SN74GTLPH32945 TI-SN74GTLPH32945_07 Datasheet
422Kb / 17P
[Old version datasheet]   32-BIT LVTTL-TO-GTLP BUS TRANSCEIVER
SN74GTLPH1655 TI-SN74GTLPH1655 Datasheet
173Kb / 16P
[Old version datasheet]   16-BIT LVTTL-TO-GTLP ADJUSTABLE-EDGE-RATE UNIVERSAL BUS TRANSCEIVER
SN74GTLPH32945 TI-SN74GTLPH32945 Datasheet
282Kb / 15P
[Old version datasheet]   32-BIT LVTTL-TO-GTLP BUS TRANSCEIVER
SN74GTLP1395PWRG4 TI1-SN74GTLP1395PWRG4 Datasheet
917Kb / 24P
[Old version datasheet]   TWO 1-BIT LVTTL-TO-GTLP ADJUSTABLE-EDGE-RATE BUS TRANSCEIVERS
SN74GTLPH1616 TI1-SN74GTLPH1616 Datasheet
351Kb / 18P
[Old version datasheet]   17-BIT LVTTL-TO-GTLP ADJUSTABLE-EDGE-RATE UNIVERSAL BUS TRANSCEIVER WITH BUFFERED CLOCK OUTPUTS
SN74GTLPH306 TI1-SN74GTLPH306_15 Datasheet
589Kb / 17P
[Old version datasheet]   8-BIT LVTTL-TO-GTLP BUS TRANSCEIVER
SN74GTLPH16945 TI-SN74GTLPH16945 Datasheet
214Kb / 13P
[Old version datasheet]   16-BIT LVTTL-TO-GTLP BUS TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com